Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4265 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4265
Description  Ultra-Low-Distortion, Single-Supply, 300MHz Op Amps with Enable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4265 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4265 Datasheet HTML 1Page - Maxim Integrated Products MAX4265 Datasheet HTML 2Page - Maxim Integrated Products MAX4265 Datasheet HTML 3Page - Maxim Integrated Products MAX4265 Datasheet HTML 4Page - Maxim Integrated Products MAX4265 Datasheet HTML 5Page - Maxim Integrated Products MAX4265 Datasheet HTML 6Page - Maxim Integrated Products MAX4265 Datasheet HTML 7Page - Maxim Integrated Products MAX4265 Datasheet HTML 8Page - Maxim Integrated Products MAX4265 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Ultra-Low-Distortion, Single-Supply,
300MHz Op Amps with Enable
_______________________________________________________________________________________
5
Typical Operating Characteristics (continued)
(VCC = +5V, VEE = 0, EN_ = 5V, RL = 100
Ω to VCC/2, MAX4268 AV = +1V/V, MAX4269 AV = +2V/V, MAX4270 AV = +5V/V, TA =+25°C,
unless otherwise noted.)
-20
-100
0.1M
10M
100M
MAX4268
DISTORTION vs. FREQUENCY
-80
-90
-70
-60
-50
-40
-30
FREQUENCY (Hz)
1M
2ND HARMONIC
3RD HARMONIC
VOUT = 1Vp-p
-20
-100
0.1M
10M
100M
MAX4269
DISTORTION vs. FREQUENCY
-80
-90
-70
-60
-50
-40
-30
FREQUENCY (Hz)
1M
VOUT = 1Vp-p
3RD HARMONIC
2ND HARMONIC
-20
-100
0.1M
10M
100M
MAX4270
DISTORTION vs. FREQUENCY
-80
-90
-70
-60
-50
-40
-30
FREQUENCY (Hz)
1M
VOUT = 1Vp-p
3RD HARMONIC
2ND HARMONIC
-100
-90
-80
-70
-60
-50
-40
-30
-20
0
200
100
300
400
500
600
MAX4268
DISTORTION vs. LOAD
RESISTIVE LOAD (
Ω)
fO = 5MHz
VOUT = 1Vp-p
3RD HARMONIC
2ND HARMONIC
-100
-90
-80
-70
-60
-50
-40
-30
-20
0
200
100
300
400
500
600
MAX4269
DISTORTION vs. LOAD
RESISTIVE LOAD (
Ω)
fO = 5MHz
VOUT = 1Vp-p
3RD HARMONIC
2ND HARMONIC
-100
-90
-80
-70
-60
-50
-40
-30
-20
0
200
100
300
400
500
600
MAX4270
DISTORTION vs. LOAD
RESISTIVE LOAD (
Ω)
fO = 5MHz
VOUT = 1Vp-p
3RD HARMONIC
2ND HARMONIC
-100
-80
-90
-70
-40
-30
-50
-60
-20
0
0.5
1.0
1.5
2.0
2.5
MAX4268
DISTORTION vs. VOLTAGE SWING
VOLTAGE SWING (Vp-p)
fO = 5MHz
3RD HARMONIC
2ND HARMONIC
-100
-80
-90
-70
-40
-30
-50
-60
-20
0
0.5
1.0
1.5
2.0
2.5
MAX4269
DISTORTION vs. VOLTAGE SWING
VOLTAGE SWING (Vp-p)
fO = 5MHz
3RD HARMONIC
2ND HARMONIC
-100
-80
-90
-70
-40
-30
-50
-60
-20
0
0.5
1.0
1.5
2.0
2.5
MAX4270
DISTORTION vs. VOLTAGE SWING
VOLTAGE SWING (Vp-p)
fO = 5MHz
3RD HARMONIC
2ND HARMONIC


Similar Part No. - MAX4265

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX420 MAXIM-MAX420 Datasheet
438Kb / 12P
   짹15 Volt Chopper Stabilized Operational Amplifier
Rev 1; 2/94
MAX420-MAX423 MAXIM-MAX420-MAX423 Datasheet
438Kb / 12P
   짹15 Volt Chopper Stabilized Operational Amplifier
Rev 1; 2/94
MAX4200 MAXIM-MAX4200 Datasheet
176Kb / 12P
   Ultra-High-Speed, Low-Noise, Low-Power, SOT23 Open-Loop Buffers
Rev 2; 4/99
MAX4200 MAXIM-MAX4200 Datasheet
34Kb / 4P
   780MHz -3dB Bandwidth, 280MHz 0.1dB Gain Flatness, Excellent Capacitive-Load-Driving Capability
Rev 0; 3/98
MAX4200-MAX4205 MAXIM-MAX4200-MAX4205 Datasheet
176Kb / 12P
   Ultra-High-Speed, Low-Noise, Low-Power, SOT23 Open-Loop Buffers
Rev 2; 4/99
More results

Similar Description - MAX4265

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4212 MAXIM-MAX4212 Datasheet
345Kb / 16P
   Miniature, 300MHz, Single-Supply, Rail-to-Rail Op Amps with Enable
Rev 3; 10/03
MAX4434 MAXIM-MAX4434_08 Datasheet
379Kb / 14P
   Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
Rev 1; 12/08
MAX4434 MAXIM-MAX4434_V01 Datasheet
2Mb / 12P
   Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
2015
MAX4434 MAXIM-MAX4434 Datasheet
506Kb / 12P
   Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
Rev 0; 10/01
MAX4435 MAXIM-MAX4435 Datasheet
514Kb / 12P
   Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
Rev 0; 10/01
MAX4108 MAXIM-MAX4108 Datasheet
177Kb / 12P
   400MHz, Ultra-Low-Distortion Op Amps
19-0461; Rev 2; 4/97
MAX4430 MAXIM-MAX4430 Datasheet
748Kb / 12P
   Dual-Supply, 180MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
Rev 0; 7/00
MAX4249 MAXIM-MAX4249_11 Datasheet
1Mb / 21P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 8; 10/11
MAX4249 MAXIM-MAX4249_V01 Datasheet
1Mb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
2021
MAX4257 MAXIM-MAX4257_12 Datasheet
738Kb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 9; 12/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com