Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4236AESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4236AESA
Description  SOT23, Very High Precision, 3V/5V Rail-to-Rail Op Amps
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4236AESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4236AESA Datasheet HTML 1Page - Maxim Integrated Products MAX4236AESA Datasheet HTML 2Page - Maxim Integrated Products MAX4236AESA Datasheet HTML 3Page - Maxim Integrated Products MAX4236AESA Datasheet HTML 4Page - Maxim Integrated Products MAX4236AESA Datasheet HTML 5Page - Maxim Integrated Products MAX4236AESA Datasheet HTML 6Page - Maxim Integrated Products MAX4236AESA Datasheet HTML 7Page - Maxim Integrated Products MAX4236AESA Datasheet HTML 8Page - Maxim Integrated Products MAX4236AESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The MAX4236/MAX4237 are high-precision op amps
that feature an exceptionally low offset voltage and off-
set voltage temperature coefficient without using any
chopper techniques. The MAX4236 and MAX4237 have
a typical large-signal, open-loop voltage gain of 120dB.
These devices have an ultra-low input-bias current of
1pA. The MAX4236 is unity-gain stable with a gain-
bandwidth product of 1.7MHz, while the MAX4237 is
stable for closed-loop gains greater than 5V/V with a
gain-bandwidth product of 7.5MHz. Both devices have
a shutdown function in which the quiescent current is
reduced to less than 0.1µA, and the amplifier output is
forced into a high-impedance state.
The input common-mode range of the MAX4236/
MAX4237 extends below the negative supply range, and
the output swings Rail-to-Rail®. These features make the
amplifiers ideal for applications with +3V or +5V single
power supplies. The MAX4236/MAX4237 are specified for
the extended temperature range (-40°C to +85°C) and
are available in tiny SOT23, µMAX, and SO packages. For
greater accuracy, the A grade µMAX and SO packages
are tested to guarantee 20µV (max) offset voltage at
+25°C and less then 2µV/°C drift.
Applications
Strain Gauges
Piezoelectric Sensors
Thermocouple Amplifiers
Electrochemical Sensors
Battery-Powered Instrumentation
Instrumentation Amplifiers
Features
o Ultra-Low Offset Voltage
20µV (max) at +25°C (Grade A)
50µV (max) at +25°C (Grade B, 6-Pin SOT23)
o Ultra-Low Offset Voltage Drift
2µV/°C (max) (Grade A)
4.5µV/°C (max) (Grade B, 6-Pin SOT23)
5.5µV/°C (max) (6-Pin SOT23)
o Ultra-Low 1pA Input Bias Current
o High Open-Loop Voltage Gain: 110dB (min)
(RL = 100kΩ)
o Compatible with +3V and +5V Single-Supply
Power Systems
o Ground Sensing: Input Common-Mode Range
Includes Negative Rail
o Rail-to-Rail Output Swing into a 1k
Ω Load
o 350µA Quiescent Current
o Gain-Bandwidth Product
1.7MHz (MAX4236, AV = 1V/V)
7.5MHz (MAX4237, AV = 5V/V)
o 200pF Capacitive Load Handling Capability
o Shutdown Mode: 0.1µA Quiescent Current,
Places Output in a High-Impedance State
o Available in Space-Saving SOT23 and µMAX
Packages
SOT23, Very High Precision, 3V/5V
Rail-to-Rail Op Amps
________________________________________________________________ Maxim Integrated Products
1
TOP VIEW
VEE
IN-
IN+
16
VCC
5
SHDN
OUT
MAX4236
MAX4237
SOT23-6
2
34
1
2
3
4
8
7
6
5
VCC
OUT
N.C.
VEE
IN+
IN-
N.C.
MAX4236A/B
MAX4237A/B
SO-8/
µMAX
SHDN
Pin Configurations
Ordering Information
19-2110; Rev 0; 8/01
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP. RANGE
PIN-PACKAGE
MAX4236EUT-T
-40°C to +85°C
6 SOT23-6
MAX4236AEUA
-40°C to +85°C
8 µMAX
MAX4236BEUA
-40°C to +85°C
8 µMAX
MAX4236AESA
-40°C to +85°C
8 SO
MAX4236BESA
-40°C to +85°C
8 SO
MAX4237EUT-T
-40°C to +85°C
6 SOT23-6
MAX4237AEUA
-40°C to +85°C
8 µMAX
MAX4237BEUA
-40°C to +85°C
8 µMAX
MAX4237AESA
-40°C to +85°C
8 SO
MAX4237BESA
-40°C to +85°C
8 SO
Rail-to-Rail is a registered trademark of Nippon Motorola, Inc.


Similar Part No. - MAX4236AESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX423 MAXIM-MAX423 Datasheet
438Kb / 12P
   짹15 Volt Chopper Stabilized Operational Amplifier
Rev 1; 2/94
MAX4230 MAXIM-MAX4230 Datasheet
529Kb / 18P
   High-Output-Drive, 10MHz, 10V/Us, Rail-to-Rail I/O Op Amps with Shutdown in SC70
19-2164; Rev 4; 5/04
MAX4230 MAXIM-MAX4230 Datasheet
715Kb / 26P
   High-Output-Drive, 10MHz, 10V/μs,, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 8; 10/08
MAX4230 MAXIM-MAX4230 Datasheet
902Kb / 27P
   High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 11; 9/09
MAX4230 MAXIM-MAX4230 Datasheet
859Kb / 28P
   High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 13; 1/11
More results

Similar Description - MAX4236AESA

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6013 LINER-LT6013_15 Datasheet
343Kb / 16P
   Rail-to-Rail Output Precision Op Amps
LT6014 LINER-LT6014_15 Datasheet
343Kb / 16P
   Rail-to-Rail Output Precision Op Amps
logo
Maxim Integrated Produc...
MAX4460 MAXIM-MAX4460_V01 Datasheet
431Kb / 20P
   SOT23, 3V/5V, Single-Supply, Rail-to-Rail Instrumentation Amplifiers
2006
MAX4460 MAXIM-MAX4460 Datasheet
439Kb / 20P
   SOT23, 3V/5V, Single-Supply, Rail-to-Rail Instrumentation Amplifiers
Rev 2; 11/02
MAX9636 MAXIM-MAX9636_11 Datasheet
2Mb / 16P
   3V/5V Low-Power, Low-Noise, CMOS, Rail-to-Rail I/O Op Amps
Rev 2; 1/11
MAX9636 MAXIM-MAX9636 Datasheet
2Mb / 16P
   3V/5V Low-Power, Low-Noise, CMOS, Rail-to-Rail I/O Op Amps
Rev 0; 6/10
MAX9636 MAXIM-MAX9636_V01 Datasheet
845Kb / 12P
   3V/5V Low-Power, Low-Noise, CMOS, Rail-to-Rail I/O Op Amps
2019
MAX4414 MAXIM-MAX4414 Datasheet
539Kb / 22P
   Low-Power, 3V/5V, 400MHz Single-Supply Op Amps with Rail-to-Rail Outputs
logo
Linear Technology
LT1218 LINER-LT1218_15 Datasheet
327Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
LT1218 LINER-LT1218 Datasheet
375Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com