Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4225 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4225
Description  1GHz, Low-Power, SOT23, Current-Feedback Amplifiers with Shutdown
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4225 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4225 Datasheet HTML 1Page - Maxim Integrated Products MAX4225 Datasheet HTML 2Page - Maxim Integrated Products MAX4225 Datasheet HTML 3Page - Maxim Integrated Products MAX4225 Datasheet HTML 4Page - Maxim Integrated Products MAX4225 Datasheet HTML 5Page - Maxim Integrated Products MAX4225 Datasheet HTML 6Page - Maxim Integrated Products MAX4225 Datasheet HTML 7Page - Maxim Integrated Products MAX4225 Datasheet HTML 8Page - Maxim Integrated Products MAX4225 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
1GHz, Low-Power, SOT23,
Current-Feedback Amplifiers with Shutdown
_______________________________________________________________________________________
3
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC = +5V, VEE = -5V, SHDN = 5V, VCM = 0V, RL = ∞, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 1)
AC ELECTRICAL CHARACTERISTICS
(VCC = +5V, VEE = -5V, SHDN = 5V, VCM = 0V, AV = +1V/V for MAX4223/MAX4225/MAX4226, AV = +2V/V for MAX4224/MAX4227/
MAX4228, RL = 100Ω, TA = +25°C, unless otherwise noted.) (Note 4)
10
100
CONDITIONS
25
70
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
µA
IIL/IIH
SHDN Input Current
SHDN = 0V or 5V
SHDN = 0V, VOUT = -2.5V to +2.5V
(Note 3)
Shutdown Mode Output
Impedance
k
MAX4224/7/8
MAX4223/5/6
60
200
100
300
MAX4223/5/6
0.1
VOUT = 2V step
MAX4224/7/8
THD
850
1100
1.5
Total Harmonic Distortion
RL = 1kΩ
1400
1700
250
-65
VOUT = 4V step
625
800
dB
CONDITIONS
Gain Peaking
VOUT = 2Vp-p
MHz
330
BWLS
Large-Signal Bandwidth
MAX4223/4/6/8
VOUT = 2V step
RL = 100Ω
MAX4223/5/6
MAX4223/5/6
µs
2
0.02
tON
Turn-On Time from Shutdown
SHDN = 0V, f = 10MHz, MAX4223/4/6/8
dB
65
Off Isolation
RL = 150Ω (Note 6)
0.01
degrees
0.01
VCC, VEE = 0V to ±5V step
ns
100
tUP
MAX4223/4/6/8
Power-Up Time
RL = 150Ω (Note 6)
%
0.02
DG
Differential Gain Error
ns
300
tOFF
Turn-Off Time to Shutdown
f = 30MHz,
RS = 50Ω
MAX4225/6
-60
325
600
dBc
-61
MAX4223/5/6
750
1000
MAX4224/7/8
-78
MAX4224/7/8
DP
Differential Phase Error
MAX4224/7/8
MAX4224/7/8
MAX4223/5/6
MAX4223/5/6
Rising edge
MAX4223/5/6
VOUT = 2Vp-p,
fC = 10MHz
MAX4224/7/8
MAX4223/5/6
1.0
Falling edge
1100
1400
V/µs
SR
Slew Rate (Note 5)
MAX4224/7/8
1.5
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ns
MAX4224/7/8
tr, tf
Rise and Fall Time
MAX4223/5/6
MAX4223/5/6
MAX4224/7/8
MAX4223/5/6
VOUT = 20mVp-p
MHz
MAX4224/7/8
BW0.1dB
Bandwidth for ±0.1dB
Gain Flatness (Note 5)
VOUT = 20mVp-p
-72
MAX4227/8
-68
8
dB
ns
5
XTALK
tS
Settling Time to 0.1%
Crosstalk
MHz
BW
-3dB Small-Signal Bandwidth
(Note 5)
MAX4224/7/8


Similar Part No. - MAX4225

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4220 MAXIM-MAX4220 Datasheet
345Kb / 16P
   Miniature, 300MHz, Single-Supply, Rail-to-Rail Op Amps with Enable
Rev 3; 10/03
MAX4220EEE MAXIM-MAX4220EEE Datasheet
345Kb / 16P
   Miniature, 300MHz, Single-Supply, Rail-to-Rail Op Amps with Enable
Rev 3; 10/03
MAX4220ESD MAXIM-MAX4220ESD Datasheet
345Kb / 16P
   Miniature, 300MHz, Single-Supply, Rail-to-Rail Op Amps with Enable
Rev 3; 10/03
MAX4221 MAXIM-MAX4221 Datasheet
100Kb / 12P
   330MHz Buffered Video Switches/ Crosspoint Building Blocks
19-0402; Rev 0; 6/95
MAX4221CSE MAXIM-MAX4221CSE Datasheet
100Kb / 12P
   330MHz Buffered Video Switches/ Crosspoint Building Blocks
19-0402; Rev 0; 6/95
More results

Similar Description - MAX4225

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4180 MAXIM-MAX4180 Datasheet
364Kb / 24P
   Single/Dual/Quad, 270MHz, 1mA, SOT23, Current-Feedback Amplifiers with Shutdown
Rev 2; 8/98
logo
Linear Technology
LT1399HV LINER-LT1399HV_15 Datasheet
436Kb / 16P
   Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown
LT1398 LINER-LT1398 Datasheet
229Kb / 16P
   Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown
LT1259 LINER-LT1259 Datasheet
319Kb / 12P
   Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
LT1398 LINER-LT1398_15 Datasheet
436Kb / 16P
   Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown
LT1399 LINER-LT1399_15 Datasheet
436Kb / 16P
   Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown
LT1260 LINER-LT1260_15 Datasheet
335Kb / 12P
   Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
LT1259 LINER-LT1259_15 Datasheet
335Kb / 12P
   Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
logo
Intersil Corporation
EL5191 INTERSIL-EL5191_07 Datasheet
440Kb / 20P
   1GHz Current Feedback Amplifier with Enable
EL5162 INTERSIL-EL5162_08 Datasheet
332Kb / 15P
   500MHz Low Power Current Feedback Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com