Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4240EUK-T Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4240EUK-T
Description  Single/Dual/Quad, 1.8V/10關A, SOT23, Beyond-the-Rails Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4240EUK-T Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4240EUK-T Datasheet HTML 5Page - Maxim Integrated Products MAX4240EUK-T Datasheet HTML 6Page - Maxim Integrated Products MAX4240EUK-T Datasheet HTML 7Page - Maxim Integrated Products MAX4240EUK-T Datasheet HTML 8Page - Maxim Integrated Products MAX4240EUK-T Datasheet HTML 9Page - Maxim Integrated Products MAX4240EUK-T Datasheet HTML 10Page - Maxim Integrated Products MAX4240EUK-T Datasheet HTML 11Page - Maxim Integrated Products MAX4240EUK-T Datasheet HTML 12Page - Maxim Integrated Products MAX4240EUK-T Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Single/Dual/Quad, +1.8V/10µA, SOT23,
Beyond-the-Rails Op Amps
_______________________________________________________________________________________
9
______________________________________________________________Pin Description
Amplifier Output. High impedance when in
shutdown mode.
OUT
1
6
4
4
4
4
11
Negative Supply. Tie to ground for single-
supply operation.
VEE
2
3
2
Inverting Input
IN-
4
Noninverting Input
IN+
3
7
10
8
14
4
1, 5
5, 7,
8, 10
No Connection. Not internally connected.
N.C.
8
Positive Supply
VCC
5
1, 9
1, 7
1, 13
1, 7
Outputs for Amplifiers A and B. High imped-
ance when in shutdown mode.
OUTA,
OUTB
Shutdown Input. Drive high, or tie to VCC for
normal operation. Drive to VEE to place device
in shutdown mode.
SHDN
2, 8
2, 6
2, 12
2, 6
3, 7
3, 5
3, 11
3, 5
Noninverting Inputs to Amplifiers A and B
INA+,
INB+
5, 6
Inverting Inputs to Amplifiers A and B
INA-,
INB-
6, 9
8, 14
Outputs for Amplifiers C and D
OUTC,
OUTD
Shutdown Inputs for Amplifiers A and B. Drive
high, or tie to VCC for normal operation. Drive
to VEE to place device in shutdown mode.
SHDNA,
SHDNB
9, 13
10, 12
Noninverting Inputs to Amplifiers C and D
INC+,
IND+
Inverting Inputs to Amplifiers C and D
INC-,
IND-
100
µs/div
LARGE-SIGNAL TRANSIENT RESPONSE
(NONINVERTING)
MAX4240/44-23
2V/div
4.5V
0.5V
4.5V
IN
0.5V
OUT
PIN
MAX4243
MAX4244
MAX4241
µMAX
MAX4242
SO
MAX4240
FUNCTION
NAME
____________________________________Typical Operating Characteristics (continued)
(VCC = +5.0V, VEE = 0, VCM = VCC / 2, VSHDN = VCC, RL = 100kΩ to VCC / 2, TA = +25°C, unless otherwise noted.)
100
µs/div
LARGE-SIGNAL TRANSIENT RESPONSE
(INVERTING)
MAX4240/44-24
2V/div
+2V
-2V
-2V
+2V
IN
OUT


Similar Part No. - MAX4240EUK-T

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX42402 AD-MAX42402 Datasheet
1Mb / 16P
   36V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
19-101726; Rev 1; 10/23
MAX42402AFLA++ AD-MAX42402AFLA+ Datasheet
1Mb / 16P
   36V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
19-101726; Rev 1; 10/23
MAX42402AFLB++ AD-MAX42402AFLB+ Datasheet
1Mb / 16P
   36V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
19-101726; Rev 1; 10/23
MAX42403 AD-MAX42403 Datasheet
1Mb / 16P
   36V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
19-101726; Rev 1; 10/23
MAX42403AFLA++ AD-MAX42403AFLA+ Datasheet
1Mb / 16P
   36V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
19-101726; Rev 1; 10/23
More results

Similar Description - MAX4240EUK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX917 MAXIM-MAX917 Datasheet
150Kb / 12P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
19-1512; Rev 0; 7/99
MAX917 MAXIM-MAX917_07 Datasheet
597Kb / 15P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 1/07
MAX961 MAXIM-MAX961 Datasheet
371Kb / 12P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V,Beyond-the-Rails Comparators
Rev 4; 3/99
MAX961 MAXIM-MAX961_07 Datasheet
325Kb / 14P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 5; 2/07
MAX961 MAXIM-MAX961_08 Datasheet
330Kb / 16P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 6; 2/08
MAX406 MAXIM-MAX406 Datasheet
581Kb / 16P
   1.2關A Max, Single/Dual/Quad, Single-Supply Op Amps
19-4739; Rev 2; 7/93
MAX9117 MAXIM-MAX9117 Datasheet
336Kb / 13P
   SC70, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 2; 8/02
MAX9025 MAXIM-MAX9025_11 Datasheet
1Mb / 14P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 6/11
MAX9025 MAXIM-MAX9025 Datasheet
813Kb / 13P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 0; 5/04
MAX44241 MAXIM-MAX44241 Datasheet
961Kb / 13P
   Single/Quad/Dual Op Amps
Rev 5; 1/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com