Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4236 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4236
Description  SOT23, Very High Precision, 3V/5V Rail-to-Rail Op Amps
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4236 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4236 Datasheet HTML 2Page - Maxim Integrated Products MAX4236 Datasheet HTML 3Page - Maxim Integrated Products MAX4236 Datasheet HTML 4Page - Maxim Integrated Products MAX4236 Datasheet HTML 5Page - Maxim Integrated Products MAX4236 Datasheet HTML 6Page - Maxim Integrated Products MAX4236 Datasheet HTML 7Page - Maxim Integrated Products MAX4236 Datasheet HTML 8Page - Maxim Integrated Products MAX4236 Datasheet HTML 9Page - Maxim Integrated Products MAX4236 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
SOT23, Very High Precision, 3V/5V
Rail-To-Rail Op Amps
6
_______________________________________________________________________________________
0
4
2
10
8
6
12
14
16
18
-10
-6 -4
-8
-2
0
2
4
6
8
10
VOS DISTRIBUTION
VOS (µV)
VCC = 5V
0
5
15
10
20
25
TCVOS DISTRIBUTION
TCVOS (µV/°C)
-2.0 -1.5 -1.0 -0.5
0
0.5
1.0 1.5
2.0
VCC = 5V
OFFSET VOLTAGE vs. TEMPERATURE
-80
-60
-20
-40
40
60
20
0
80
-50
0
25
-25
50
75
100
125
TEMPERATURE (
°C)
Typical Operating Characteristics
(VCC = +5V, VEE = 0, VCM = VCC/2, RL = 100kΩ to VCC/2, TA = +25°C, unless otherwise noted.)
ELECTRICAL CHARACTERISTICS (SOT23-6) (continued)
(VCC = +2.4V to +5.5V, VEE = 0, VCM = 0, VOUT = VCC/2, RL = 100kΩ to VCC/2, TA = TMIN to TMAX, unless otherwise noted. Typical
values are at VCC = +5V and TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX4236
1
Settling Time
tS
VOUT settling to within 0.01%
MAX4237
1
µs
Total Harmonic Distortion
THD
f = 5kHz, VOUT = 2Vp-p, VCC = +5V
RL = 10kΩ
0.001
%
Input Capacitance
CIN
f = 100kHz
7.5
pF
Input Voltage Noise Density
en
f = 1kHz
14
nV/
√Hz
Input Noise Voltage
enp-p
f = 0.1Hz to 10Hz
0.2
µVp-p
MAX4236
200
Capacitive Load Stability
CLOAD
No sustained oscillations
MAX4237
200
pF
Shutdown Mode Output
Leakage
IOUT(SH)
Device in shutdown mode (SHDN = VEE)
VOUT = 0 to VCC
±0.01
±1.0
µA
SHDN Logic Low
VIL
0.3 x VCC
V
SHDN Logic High
VIH
0.7 x VCC
V
SHDN Input Current
SHDN = VEE or VCC
13
µA
Shutdown Delay Time
t(SH)
RL = 1kΩ
1µs
Shutdown Recovery Time
t(EN)
RL = 1kΩ
4µs
Note 1: All devices are 100% production tested at TA = +25°C; all specifications over temperature are guaranteed by design,
unless otherwise specified.
Note 2: Guaranteed by design, not production tested.
Note 3: Maxim specification limits for the temperature coefficient of the offset voltage (TCVOS) are 100% tested for the A-grade, 8-
pin SO and µMAX packages.


Similar Part No. - MAX4236

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX423 MAXIM-MAX423 Datasheet
438Kb / 12P
   짹15 Volt Chopper Stabilized Operational Amplifier
Rev 1; 2/94
MAX4230 MAXIM-MAX4230 Datasheet
529Kb / 18P
   High-Output-Drive, 10MHz, 10V/Us, Rail-to-Rail I/O Op Amps with Shutdown in SC70
19-2164; Rev 4; 5/04
MAX4230 MAXIM-MAX4230 Datasheet
715Kb / 26P
   High-Output-Drive, 10MHz, 10V/μs,, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 8; 10/08
MAX4230 MAXIM-MAX4230 Datasheet
902Kb / 27P
   High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 11; 9/09
MAX4230 MAXIM-MAX4230 Datasheet
859Kb / 28P
   High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 13; 1/11
More results

Similar Description - MAX4236

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6013 LINER-LT6013_15 Datasheet
343Kb / 16P
   Rail-to-Rail Output Precision Op Amps
LT6014 LINER-LT6014_15 Datasheet
343Kb / 16P
   Rail-to-Rail Output Precision Op Amps
logo
Maxim Integrated Produc...
MAX4460 MAXIM-MAX4460_V01 Datasheet
431Kb / 20P
   SOT23, 3V/5V, Single-Supply, Rail-to-Rail Instrumentation Amplifiers
2006
MAX4460 MAXIM-MAX4460 Datasheet
439Kb / 20P
   SOT23, 3V/5V, Single-Supply, Rail-to-Rail Instrumentation Amplifiers
Rev 2; 11/02
MAX9636 MAXIM-MAX9636_11 Datasheet
2Mb / 16P
   3V/5V Low-Power, Low-Noise, CMOS, Rail-to-Rail I/O Op Amps
Rev 2; 1/11
MAX9636 MAXIM-MAX9636 Datasheet
2Mb / 16P
   3V/5V Low-Power, Low-Noise, CMOS, Rail-to-Rail I/O Op Amps
Rev 0; 6/10
MAX9636 MAXIM-MAX9636_V01 Datasheet
845Kb / 12P
   3V/5V Low-Power, Low-Noise, CMOS, Rail-to-Rail I/O Op Amps
2019
MAX4414 MAXIM-MAX4414 Datasheet
539Kb / 22P
   Low-Power, 3V/5V, 400MHz Single-Supply Op Amps with Rail-to-Rail Outputs
logo
Linear Technology
LT1218 LINER-LT1218_15 Datasheet
327Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
LT1218 LINER-LT1218 Datasheet
375Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com