Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4194ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4194ESA
Description  Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4194ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4194ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4194ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4194ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4194ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4194ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4194ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4194ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4194ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4194ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Micropower, Single-Supply, Rail-to-Rail,
Precision Instrumentation Amplifiers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +5V, VEE = 0, RL = 25kΩ tied to VCC/2, VREF = VCC/2, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC to VEE)..................................................+8V
All Other Pins .................................. (VCC + 0.3V) to (VEE - 0.3V)
Current into Any Pin..........................................................±30mA
Output Short-Circuit Duration (to VCC or VEE)........... Continuous
Continuous Power Dissipation (TA = +70°C)
SO (derate 5.9mW/°C above +70°C) ........................... 471mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) ............................ +300°C
I SHDN = VIL, MAX4195/96/97 only
µA
Inferred by PSR
test
VCM = VEE + 0.2V
to VCC - 1.1V,
f = 120Hz
VCM = VEE + 0.2V
to VCC - 1.1V,
TA = TMIN to TMAX,
∆RS = 1kΩ
115
VCM = VCC/2
Differential
90
115
VCM = VEE + 0.2V
to VCC - 1.1V,
TA = +25°C,
∆RS = 1kΩ
G = +1V/V
Common mode
VIN+ = VIN- = VCC/2, VDIFF = 0
G = +1V/V, VCM = VCC/2, TA = +25°C
Inferred from CMR test
VCM = VCC/2
CONDITIONS
106
101
dB
85
CMRAC
AC Common-Mode Rejection
88
115
115
G = +1V/V
73
95
G = +10V/V
95
115
G = +100V/V
G = +1V/V
G = +10V/V
93
115
G = +100V/V
G = +1000V/V
dB
78
95
CMRDC
DC Common-Mode Rejection
V
VEE + 0.2
VCC - 1.1
VIN
Input Voltage Range
Differential
1000
Common mode
4
812
I SHDN
Shutdown Current
V
±1.35
±3.75
pF
2.7
7.5
VCC
Supply Voltage Range
1
M
1000
RIN
Input Resistance
CIN
Input Capacitance
G = +1V/V
G = +10V/V
µV/°C
±1.0
±4.0
TCVOS
Input Offset Voltage Drift
(Note 1)
µA
93
110
ICC
Quiescent Current
G = +100V/V
±100
±450
G = +1000V/V
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Single supply
Dual supplies
G
≥ +10V/V
±0.5
±2.0
G = +10V/V, VCM = VCC/2, TA = +25°C
±75
±225
G = +1000V/V, VCM = VCC/2, TA = +25°C
±50
G = +100V/V, VCM = VCC/2, TA = +25°C
±50
±225
G = +10V/V, VCM = VCC/2, TA = TMIN to TMAX
±75
±345
G = +1V/V, VCM = VCC/2, TA = TMIN to TMAX
G = +1000V/V, VCM = VCC/2, TA = TMIN to
µV
VOS
Input Offset Voltage
±50
G = +100V/V, VCM = VCC/2, TA = TMIN to
±50
±345
±100
±690


Similar Part No. - MAX4194ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4194ESA MAXIM-MAX4194ESA Datasheet
719Kb / 13P
   Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
Rev 1; 6/03
MAX4194ESA MAXIM-MAX4194ESA Datasheet
362Kb / 13P
   Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
2015
More results

Similar Description - MAX4194ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4194 MAXIM-MAX4194_03 Datasheet
719Kb / 13P
   Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
Rev 1; 6/03
MAX4194 MAXIM-MAX4194_V01 Datasheet
362Kb / 13P
   Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
2015
logo
Linear Technology
LT1789-1 LINER-LT1789-1 Datasheet
510Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-1 LINER-LT1789-1_1 Datasheet
332Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-10 LINER-LT1789-10_15 Datasheet
336Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-1 LINER-LT1789-1_15 Datasheet
336Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8170 INTERSIL-EL8170 Datasheet
613Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8170FSZ-T7 INTERSIL-EL8170FSZ-T7 Datasheet
700Kb / 13P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
October 15, 2013
logo
Renesas Technology Corp
EL8171 RENESAS-EL8171 Datasheet
931Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8171 INTERSIL-EL8171_07 Datasheet
642Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com