Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4188EEE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4188EEE
Description  Single/Triple, Low-Glitch, 250MHz, Current- Feedback Amplifiers with High-Speed Disable
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4188EEE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4188EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4188EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4188EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4188EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4188EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4188EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4188EEE Datasheet HTML 9Page - Maxim Integrated Products MAX4188EEE Datasheet HTML 10Page - Maxim Integrated Products MAX4188EEE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Single/Triple, Low-Glitch, 250MHz, Current-
Feedback Amplifiers with High-Speed Disable
_______________________________________________________________________________________
7
VOUT = 2V step
AC ELECTRICAL CHARACTERISTICS—Single Supply (MAX4188)
(VCC = +5V, VEE = 0, VIN = 2.5V, DISABLE_ ≥ 3V, RL to VCC / 2, AV = +2V/V, RF = RG = 1.1kΩ for RL = 1kΩ to VCC / 2 and RF = RG =
620
Ω for RL = 150Ω; TA = +25°C, unless otherwise noted.)
Positive input
Negative input
NTSC
RL = 1kΩ
f = 10kHz
NTSC
RL = 150Ω
pA/
√Hz
RL = 1kΩ
fC = 5MHz,
VOUT = 2Vp-p
5
fC = 5MHz,
VOUT = 2Vp-p
RL = 1kΩ
VOUT = 2V step
in
fC = 5MHz,
VOUT = 2Vp-p
VOUT = 2Vp-p
RL = 150Ω
RL = 1kΩ
RL = 150Ω
RL = 1kΩ
RL = 150Ω
VOUT = 2V step
CONDITIONS
RL = 1kΩ
RL = 150Ω
%
0.05
DG
Differential Gain Error
0.02
RL = 150Ω
RL = 1kΩ
degrees
0.34
DP
Differential Phase Error
0.06
RL = 150Ω
RL = 1kΩ
dBc
-56
Third Harmonic Distortion
-66
RL = 150Ω
RL = 1kΩ
dBc
-59
Second Harmonic Distortion
-76
RL = 150Ω
Input Noise Current Density
dB
56
SFDR
Spurious-Free Dynamic Range
66
ns
9
Rise/Fall Time
0.1
4
MHz
145
BW-3dB
185
Small-Signal -3dB Bandwidth
8
ns
20
tS
Settling Time to 0.1%
V/µs
300
MHz
80
BWLS
Large-Signal -3dB Bandwidth
dB
0.1
Peaking
110
MHz
65
BW0.1dB
Bandwidth for 0.1dB Flatness
80
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
f = 10MHz
f = 10kHz
4
ZOUT
Output Impedance
nV/
√Hz
2
en
Input Noise Voltage Density
f = 10MHz, input referred
f = 10MHz, input referred
dB
-65
All Hostile Off Isolation
dB
-55
Crosstalk
Delay from DISABLE to 90% of VOUT,
VIN = 3V
ns
120
tON
Amplifier Enable Time
MHz
40
Gain Matching to 0.1dB
Positive transient
Delay from DISABLE to 10% of VOUT,
VIN = 3V
30
ns
35
tOFF
Amplifier Disable Time
Negative transient
mV
15
Disable/Enable Switching
Transient
Rise time
Fall time
VOUT = 2V step,
RL = 150Ω
V/µs
230
SR
Slew Rate
Positive slew
Negative slew


Similar Part No. - MAX4188EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4188EEE MAXIM-MAX4188EEE Datasheet
783Kb / 23P
   Current-Feedback Amplifiers with High-Speed Disable
Rev 1; 2/07
MAX4188EEE++ MAXIM-MAX4188EEE+ Datasheet
783Kb / 23P
   Single/Triple, Low-Glitch, 250MHz, Current-Feedback Amplifiers with High-Speed Disable
Rev 1; 2/07
More results

Similar Description - MAX4188EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4188 MAXIM-MAX4188_07 Datasheet
783Kb / 23P
   Single/Triple, Low-Glitch, 250MHz, Current-Feedback Amplifiers with High-Speed Disable
Rev 1; 2/07
logo
Intersil Corporation
EL2386 INTERSIL-EL2386 Datasheet
449Kb / 13P
   250MHz Triple Current Feedback Amplifier with Disable
logo
Renesas Technology Corp
EL2386 RENESAS-EL2386 Datasheet
894Kb / 13P
   250MHz Triple Current Feedback Amplifier with Disable
logo
Maxim Integrated Produc...
MAX4190ESA MAXIM-MAX4190ESA Datasheet
783Kb / 23P
   Current-Feedback Amplifiers with High-Speed Disable
Rev 1; 2/07
logo
Linear Technology
LT1675 LINER-LT1675 Datasheet
326Kb / 16P
   250MHz, Triple and Single RGB Multiplexer with Current Feedback Amplifiers
logo
Intersil Corporation
EL2480CS INTERSIL-EL2480CS Datasheet
385Kb / 15P
   250MHz/3mA Current Mode Feedback Amplifiers
logo
Burr-Brown (TI)
OPA3684 BURR-BROWN-OPA3684 Datasheet
469Kb / 26P
   Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Elantec Semiconductor
EL2180C ELANTEC-EL2180C Datasheet
661Kb / 17P
   250MHz / 3mA Current Mode Feedback Amplifiers
logo
Texas Instruments
OPA3684 TI1-OPA3684_17 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Elantec Semiconductor
EL2186C ELANTEC-EL2186C Datasheet
534Kb / 19P
   250MHz/3mA Current Mode Feedback Amp w/Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com