Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4188 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4188
Description  Single/Triple, Low-Glitch, 250MHz, Current- Feedback Amplifiers with High-Speed Disable
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4188 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4188 Datasheet HTML 1Page - Maxim Integrated Products MAX4188 Datasheet HTML 2Page - Maxim Integrated Products MAX4188 Datasheet HTML 3Page - Maxim Integrated Products MAX4188 Datasheet HTML 4Page - Maxim Integrated Products MAX4188 Datasheet HTML 5Page - Maxim Integrated Products MAX4188 Datasheet HTML 6Page - Maxim Integrated Products MAX4188 Datasheet HTML 7Page - Maxim Integrated Products MAX4188 Datasheet HTML 8Page - Maxim Integrated Products MAX4188 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Single/Triple, Low-Glitch, 250MHz, Current-
Feedback Amplifiers with High-Speed Disable
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS—Dual Supplies
(VCC = +5V; VEE = -5V; IN+ = 0; DISABLE_ ≥ 3.2V; MAX4188: AV = +2V/V, RF = RG = 910Ω for RL = 1kΩ and RF = RG = 560Ω for RL
= 150
Ω; MAX4189: AV = +1V/V, RF = 1600Ω for RL = 1kΩ and RF = 1100Ω for RL = 150Ω; MAX4190: AV = +2V/V, RF = RG = 1300Ω
for RL = 1kΩ, RF = RG = 680Ω for RL = 150Ω; TA = TMIN to TMAX, unless otherwise noted. Typical values are specified at
TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC to VEE)................................................+12V
IN_+, IN_-, DISABLE_ Voltage .........(VEE - 0.3V) to (VCC + 0.3V)
Differential Input Voltage (IN_+ to IN_-)..............................±1.5V
Maximum Current into IN_+ or IN_-..................................±10mA
Output Short-Circuit Current Duration........................Continuous
Continuous Power Dissipation (TA = +70°C)
8-Pin SO (derate 5.88mW/°C above +70°C)...............471mW
8-Pin µMAX (derate 4.1mW/°C above +70°C) ............330mW
14-Pin SO (derate 8.3mW/°C above +70°C) ..................667mW
16-Pin QSOP (derate 8.3mW/°C above +70°C)...............667mW
Operating Temperature Range............................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
SYMBOL
CONDITIONS
UNITS
Operating Supply Voltage
Inferred from PSRR tests
V
Input Offset Voltage
VOS
VCM = 0 (Note 1)
±1
±6
mV
Input Offset Voltage Tempco
TCVOS
µV/°C
Input Offset Voltage Matching
mV
Input Bias Current (Positive Input)
IB+
µA
Input Bias Current (Negative Input)
IB-
µA
Input Resistance (Positive Input)
RIN+
-3.1V
≤ VCM ≤ 3.1V, VIN+ - VIN-
1V
k
Input Resistance (Negative Input)
RIN-
Input Capacitance (Positive Input)
CIN
pF
Common-Mode Rejection Ratio
CMRR
-3.1V
≤ VCM ≤ 3.1V
dB
Open-Loop Transresistance
TR
-3.1V
≤ VOUT ≤ 3.1V, RL = 1kΩ
-2.8V
≤ VOUT ≤ 2.8V, RL = 150Ω
M
Output Voltage Swing
VSW
RL = 1kΩ
V
RL = 150Ω
Output Current
IOUT
RL = 30Ω
mA
Output Short-Circuit Current
ISC
mA
Output Resistance
ROUT
Disabled Output Leakage Current
IOUT(OFF) DISABLE_
≤ VIL, VOUT ≤ ±3.5V (Note 2)
µA
Disabled Output Capacitance
COUT(OFF) DISABLE_
≤ VIL, VOUT ≤ ±3.5V
pF
DISABLE Low Threshold
VIL
(Note 3)
V
DISABLE High Threshold
VIH
(Note 3)
V
MIN
TYP
MAX
±2.25
±5.5
±10
VCC - 3
±1
±1
±10
±2
±12
100
350
300
2.5
56
68
VCC - 1.8
1
7
0.3
2
±3.5
±4.0
±3.0
±3.3
±20
±55
±60
0.2
±0.8
±5
5
PARAMETER
DISABLE Input Current
IIN
VEE ≤ DISABLE_ ≤ VCC
0.1
2
µA
Power-Supply Rejection Ratio (VCC)
PSRR+
VEE = -5V, VCC = 4.5V to 5.5V
60
75
dB
Quiescent Supply Current (per Amplifier)
IS
RL = open
1.5
1.85
mA
Disabled Supply Current (per Amplifier)
IS(OFF)
DISABLE_
≤ VIL, RL = open
0.45
0.65
mA
Power-Supply Rejection Ratio (VEE)
PSRR-
VCC = 5V, VEE = -4.5V to -5.5V
60
73
dB
Input Voltage Range
VCM
Guaranteed by CMRR test
±3.1
±3.4
V


Similar Part No. - MAX4188

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4188 MAXIM-MAX4188 Datasheet
783Kb / 23P
   Single/Triple, Low-Glitch, 250MHz, Current-Feedback Amplifiers with High-Speed Disable
Rev 1; 2/07
MAX4188 MAXIM-MAX4188 Datasheet
783Kb / 23P
   Current-Feedback Amplifiers with High-Speed Disable
Rev 1; 2/07
MAX4188EEE MAXIM-MAX4188EEE Datasheet
783Kb / 23P
   Current-Feedback Amplifiers with High-Speed Disable
Rev 1; 2/07
MAX4188EEE++ MAXIM-MAX4188EEE+ Datasheet
783Kb / 23P
   Single/Triple, Low-Glitch, 250MHz, Current-Feedback Amplifiers with High-Speed Disable
Rev 1; 2/07
MAX4188ESD MAXIM-MAX4188ESD Datasheet
783Kb / 23P
   Current-Feedback Amplifiers with High-Speed Disable
Rev 1; 2/07
More results

Similar Description - MAX4188

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4188 MAXIM-MAX4188_07 Datasheet
783Kb / 23P
   Single/Triple, Low-Glitch, 250MHz, Current-Feedback Amplifiers with High-Speed Disable
Rev 1; 2/07
logo
Intersil Corporation
EL2386 INTERSIL-EL2386 Datasheet
449Kb / 13P
   250MHz Triple Current Feedback Amplifier with Disable
logo
Renesas Technology Corp
EL2386 RENESAS-EL2386 Datasheet
894Kb / 13P
   250MHz Triple Current Feedback Amplifier with Disable
logo
Maxim Integrated Produc...
MAX4190ESA MAXIM-MAX4190ESA Datasheet
783Kb / 23P
   Current-Feedback Amplifiers with High-Speed Disable
Rev 1; 2/07
logo
Linear Technology
LT1675 LINER-LT1675 Datasheet
326Kb / 16P
   250MHz, Triple and Single RGB Multiplexer with Current Feedback Amplifiers
logo
Intersil Corporation
EL2480CS INTERSIL-EL2480CS Datasheet
385Kb / 15P
   250MHz/3mA Current Mode Feedback Amplifiers
logo
Burr-Brown (TI)
OPA3684 BURR-BROWN-OPA3684 Datasheet
469Kb / 26P
   Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Elantec Semiconductor
EL2180C ELANTEC-EL2180C Datasheet
661Kb / 17P
   250MHz / 3mA Current Mode Feedback Amplifiers
logo
Texas Instruments
OPA3684 TI1-OPA3684_17 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Elantec Semiconductor
EL2186C ELANTEC-EL2186C Datasheet
534Kb / 19P
   250MHz/3mA Current Mode Feedback Amp w/Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com