Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4173FESA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4173FESA
Description  Low-Cost, SOT23, Voltage-Output, High-Side Current-Sense Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4173FESA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4173FESA Datasheet HTML 1Page - Maxim Integrated Products MAX4173FESA Datasheet HTML 2Page - Maxim Integrated Products MAX4173FESA Datasheet HTML 3Page - Maxim Integrated Products MAX4173FESA Datasheet HTML 4Page - Maxim Integrated Products MAX4173FESA Datasheet HTML 5Page - Maxim Integrated Products MAX4173FESA Datasheet HTML 6Page - Maxim Integrated Products MAX4173FESA Datasheet HTML 7Page - Maxim Integrated Products MAX4173FESA Datasheet HTML 8Page - Maxim Integrated Products MAX4173FESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Low-Cost, SOT23, Voltage-Output,
High-Side Current-Sense Amplifier
4
_______________________________________________________________________________________
370
390
380
410
400
430
420
440
010
15
5
202530
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
MAX4173T
MAX4173F
MAX4173H
200
300
250
450
400
350
550
500
150
-50
-5
10
-35 -20
25
40
55
70
85
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
MAX4173T
MAX4173F
MAX4173H
0
0.4
0.2
0.8
0.6
1.2
1.0
1.4
0
1.0
1.5
0.5
2.0
2.5
28
SUPPLY CURRENT vs. RS+ VOLTAGE
VRS+ (V)
MAX4173T
MAX4173H
MAX4173F
-0.60
-0.45
-0.30
-0.15
0
0.15
0.30
0.45
0.60
010
5
15202530
TOTAL OUTPUT ERROR vs.
SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
MAX4173F
VSENSE = 100mV
MAX4173T
MAX4173H
0
-100
100
1k
10k
100k
1M
10M
POWER-SUPPLY REJECTION
vs. FREQUENCY
-80
FREQUENCY (Hz)
-60
-40
-20
-10
-90
-70
-50
-30
-6
-2
-4
2
0
4
6
010
15
5
202530
TOTAL OUTPUT ERROR
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
MAX4173F
VSENSE = 6.25mV
MAX4173H
MAX4173T
-2
0
-1
2
1
3
4
0
100
50
150
200
TOTAL OUTPUT ERROR vs.
FULL-SCALE SENSE VOLTAGE
VSENSE (mV)
MAX4173F
VCC = 28V
MAX4173H
MAX4173T
-10
-8
-6
-4
-2
0
2
4
6
010
5
15202530
TOTAL OUTPUT ERROR vs.
COMMON-MODE VOLTAGE
COMMON-MODE VOLTAGE (V)
MAX4173F
MAX4173T
MAX4173H
Typical Operating Characteristics
(VCC = +12V, VRS+ = +12V, VSENSE = +100mV, TA = +25°C, unless otherwise noted.)
-1.2
-0.4
-0.8
0
0.4
0.8
1.2
-50
-20
-5
10
-35
25
40
55
70
85
GAIN ACCURACY vs. TEMPERATURE
TEMPERATURE (°C)
MAX4173F
MAX4173H
MAX4173T


Similar Part No. - MAX4173FESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4173FESA MAXIM-MAX4173FESA Datasheet
1Mb / 10P
   Low-Cost, SOT23, Voltage-Output, High-Side Current-Sense Amplifier 420μA of supply current
Rev 5; 4/11
More results

Similar Description - MAX4173FESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4372T MAXIM-MAX4372T Datasheet
111Kb / 8P
   Low-Cost, SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
Rev 0; 10/99
MAX4372T MAXIM-MAX4372T_09 Datasheet
225Kb / 11P
   Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
Rev 4; 7/09
MAX4372FEUK MAXIM-MAX4372FEUK Datasheet
1Mb / 11P
   Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
Rev 5; 5/11
MAX4173T MAXIM-MAX4173T_11 Datasheet
1Mb / 10P
   Low-Cost, SOT23, Voltage-Output, High-Side Current-Sense Amplifier 420μA of supply current
Rev 5; 4/11
MAX4372T MAXIM-MAX4372T_V01 Datasheet
1Mb / 12P
   Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
2011
logo
Analog Devices
ADM4073 AD-ADM4073 Datasheet
263Kb / 12P
   Low Cost, Voltage Output, High-Side, Current-Sense Amplifier
REV. 0
ADM4073 AD-ADM4073_15 Datasheet
284Kb / 12P
   Low Cost, Voltage Output, High-Side, Current-Sense Amplifier
REV. A
logo
Maxim Integrated Produc...
MAX4073T MAXIM-MAX4073T Datasheet
261Kb / 10P
   Low-Cost, SC70, Voltage-Output, High-Side Current-Sense Amplifier
19-2048; Rev 0; 4/01
MAX4073T MAXIM-MAX4073T_12 Datasheet
519Kb / 12P
   Low-Cost, SC70, Voltage-Output, High-Side Current-Sense Amplifier
Rev 1; 8/12
logo
STMicroelectronics
TSC888 STMICROELECTRONICS-TSC888 Datasheet
104Kb / 7P
   Low cost high-side current sense amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com