Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4258EUA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4258EUA
Description  350MHz/250MHz, 2-Channel Video Multiplexer-Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4258EUA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4258EUA Datasheet HTML 1Page - Maxim Integrated Products MAX4258EUA Datasheet HTML 2Page - Maxim Integrated Products MAX4258EUA Datasheet HTML 3Page - Maxim Integrated Products MAX4258EUA Datasheet HTML 4Page - Maxim Integrated Products MAX4258EUA Datasheet HTML 5Page - Maxim Integrated Products MAX4258EUA Datasheet HTML 6Page - Maxim Integrated Products MAX4258EUA Datasheet HTML 7Page - Maxim Integrated Products MAX4258EUA Datasheet HTML 8Page - Maxim Integrated Products MAX4258EUA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
350MHz/250MHz, 2-Channel
Video Multiplexer-Amplifiers
4
_______________________________________________________________________________________
AC ELECTRICAL CHARACTERISTICS—MAX4258/MAX4259
(V+ = +5V, V- = -5V, VIN = 0V, VOUT = 0V, RL = 100Ω, TA = +25°C, unless otherwise noted.)
f = 30MHz, VOUT = 2Vp-p,
AV = 6dB (Note 4)
f = 30MHz, AV = 6dB (Note 4)
f = 30MHz, RS = 50Ω, AV = 6dB,
VIN = ±1Vp-p (Note 4)
AV = 6dB (Notes 4, 5)
f = 30MHz, AV = 6dB, EN = 5V,
VIN = ±1Vp-p (Note 4)
pF
3
COUT
Output Capacitance
dB
110
AV = 6dB, VOUT = 2Vp-p (Note 4)
AV = 6dB, VIN = 20mVp-p (Note 4)
AISO
Off-Isolation (MAX4259)
AV = 6dB, VIN = 20mVp-p (Note 4)
dBc
50
THD
VOUT = 2V step, AV = 6dB (Note 4)
Total Harmonic Distortion
AV = 6dB, VOUT = 2Vp-p (Note 4)
CONDITIONS
9
ZOUT
Output Impedance
dB
70
Xtalk
Channel-to-Channel Crosstalk
degrees
0.02
DP
Differential Phase Error
Channel on or off
pF
2
CIN
Input Capacitance
f = 100kHz
f = 100kHz
f = 100kHz
pA/
√Hz
22
in(FB)
FB Current-Noise Density
pA/
√Hz
2
in
Input Current-Noise Density
nV/
√Hz
2
en
Input Voltage-Noise Density
(Notes 6, 7)
ns
20
tSW
Channel-Switching Time
TA = TMIN to TMAX (Notes 6, 8)
ns
ns
10
tS
Settling Time to 0.1%
V/µs
1000
SR
Slew Rate
10
tS
Address-Setup Time
(Note 6)
TA = TMIN to TMAX (Notes 6, 8)
(Notes 6, 9)
ns
20
tPDE
Enable Delay Time
AV = 6dB (Notes 4, 10)
(Notes 6, 9)
MHz
200
FPBW
Full-Power Bandwidth
MHz
130
BW(0.1)
Bandwidth for ±0.1dB Gain Flatness
MHz
250
BW
-3dB Bandwidth
mV
±90
VTRAN
ns
20
tLPD
Latch Propagation Delay
ns
10
tTH
Address-Hold Time
TA = TMIN to TMAX (Notes 6, 8)
ns
10
tLPW
Latch Pulse Width
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Switching Transient
ns
20
tPDD
Disable Delay Time
AV = 6dB (Notes 4, 5)
%
0.01
DG
Differential Gain Error
Note 2: Does not include external feedback network resistance.
Note 3: Applies to all digital input pins (EN, LE, and A0).
Note 4: Specified with feedback network chosen for optimal AC performance. See Tables 1 and 2 for recommended component
values.
Note 5: Input test signal: 3.58MHz sine wave of amplitude 40IRE superimposed on a linear ramp (0IRE to 100IRE). IRE is a unit of
video-signal amplitude developed by the International Radio Engineers. 140IRE = 1.0V.
Note 6: See timing diagram (Figure 5).
Note 7: Channel-switching time specified for switching between the two input channels; does not include signal rise/fall times for
switching between channels with different input voltages.
Note 8: Guaranteed by design; not production tested.
Note 9: Output enable/disable delay times do not include amplifier output slewing times.
Note 10: Switching transient measured while switching between two grounded channels.
AMPLIFIER CHARACTERISTICS
SWITCHING CHARACTERISTICS


Similar Part No. - MAX4258EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4250 MAXIM-MAX4250 Datasheet
238Kb / 16P
   SOT23, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
19-1295; Rev 2; 4/98
MAX4250 MAXIM-MAX4250 Datasheet
1Mb / 21P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 8; 10/11
MAX4250 MAXIM-MAX4250 Datasheet
738Kb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 9; 12/12
logo
Analog Devices
MAX42500 AD-MAX42500 Datasheet
285Kb / 2P
   Four- to Seven-Input Industrial Power System Monitor Family
19-101743; Rev Sp0; 10/23
logo
Maxim Integrated Produc...
MAX4250A MAXIM-MAX4250A Datasheet
738Kb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 9; 12/12
More results

Similar Description - MAX4258EUA

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1675 LINER-LT1675_15 Datasheet
787Kb / 16P
   250MHz, Triple and Single RGB Multiplexer with Amplifiers
LT1675-1 LINER-LT1675-1_15 Datasheet
787Kb / 16P
   250MHz, Triple and Single RGB Multiplexer with Amplifiers
logo
Renesas Technology Corp
HA-5033 RENESAS-HA-5033 Datasheet
701Kb / 12P
   250MHz Video Buffer
logo
Intersil Corporation
HA-5033 INTERSIL-HA-5033 Datasheet
235Kb / 9P
   250MHz Video Buffer
September 1998
logo
Maxim Integrated Produc...
MAX442 MAXIM-MAX442 Datasheet
93Kb / 8P
   140MHz, 2-Channel Video Multiplexer/Amplifier
Rev 1; 1/95
logo
Intersil Corporation
HA-5033 INTERSIL-HA-5033_06 Datasheet
384Kb / 12P
   250MHz Video Buffer
logo
Linear Technology
LT1675 LINER-LT1675 Datasheet
326Kb / 16P
   250MHz, Triple and Single RGB Multiplexer with Current Feedback Amplifiers
logo
Maxim Integrated Produc...
MAX4028 MAXIM-MAX4028 Datasheet
317Kb / 13P
   Triple/Quad, 2:1 Video Multiplexer-Amplifiers with Input Clamps
Rev 0; 3/04
MAX4027 MAXIM-MAX4027 Datasheet
351Kb / 11P
   225MHz, Triple, 2-Channel Video Multiplexer-Amplifier
Rev 0; 9/03
MAX498 MAXIM-MAX498 Datasheet
155Kb / 16P
   Quad/Triple, SPDT, RGB Switches with 250MHz Video Buffer Amplifiers
Rev 0; 10/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com