Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTB772D3 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # BTB772D3
Description  Low Vcesat PNP Epitaxial Planar Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTB772D3 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  BTB772D3 Datasheet HTML 1Page - Cystech Electonics Corp. BTB772D3 Datasheet HTML 2Page - Cystech Electonics Corp. BTB772D3 Datasheet HTML 3Page - Cystech Electonics Corp. BTB772D3 Datasheet HTML 4Page - Cystech Electonics Corp. BTB772D3 Datasheet HTML 5Page - Cystech Electonics Corp. BTB772D3 Datasheet HTML 6Page - Cystech Electonics Corp. BTB772D3 Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C240D3
Issued Date : 2015.04.17
Revised Date :
Page No. : 3/7
BTB772D3
CYStek Product Specification
Typical Characteristics
Emitter Grounded Output Characteristics
0
0.05
0.1
0.15
0.2
0.25
0.3
01
23
45
6
-VCE, Collector-to-Emitter Voltage(V)
200uA
300uA
400uA
500uA
1mA
-IB=100uA
Emitter Grounded Output Characteristics
0
0.2
0.4
0.6
0.8
1
1.2
1.4
012
3456
-VCE, Collector-to-Emitter Voltage(V)
1.5mA
2mA
2.5mA
5mA
-IB=500uA
Emitter Grounded Output Characteristics
0
0.5
1
1.5
2
2.5
3
3.5
4
01
2
345
6
-VCE, Collector-to-Emitter Voltage(V)
4mA
6mA
8mA
20mA
-IB=2mA
Emitter Grounded Output Characteristics
0
1
2
3
4
5
6
0123456
-VCE, Collector-to-Emitter Voltage(V)
20mA
10mA
15mA
25mA
50mA
-IB=5mA
Current Gain vs Collector Current
10
100
1000
1
10
100
1000
10000
-IC, Collector Current(mA)
Ta=125°C
Ta= 75°C
Ta= 25°C
Ta=0°C
Ta=-40°C
VCE=-1V
Current Gain vs Collector Current
10
100
1000
1
10
100
1000
10000
-IC, Collector Current(mA)
Ta=125°C
Ta=75°C
Ta=25°C
Ta=0°C
Ta=-40°C
VCE=-2V


Similar Part No. - BTB772D3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTB772AJ3 CYSTEKEC-BTB772AJ3 Datasheet
304Kb / 8P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772AM3 CYSTEKEC-BTB772AM3 Datasheet
188Kb / 5P
   Low VCE(sat) PNP Epitaxial Planar Transistor
BTB772AT3 CYSTEKEC-BTB772AT3 Datasheet
268Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772AT3-0-BL-X CYSTEKEC-BTB772AT3-0-BL-X Datasheet
268Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772AT3-0-UC-X CYSTEKEC-BTB772AT3-0-UC-X Datasheet
268Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
More results

Similar Description - BTB772D3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTB1205I3 CYSTEKEC-BTB1205I3_09 Datasheet
227Kb / 6P
   Low Vcesat PNP Epitaxial Planar Transistor
BTA1952E3 CYSTEKEC-BTA1952E3 Datasheet
149Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1326I3 CYSTEKEC-BTB1326I3 Datasheet
138Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1188AM3 CYSTEKEC-BTB1188AM3 Datasheet
252Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1188M3R CYSTEKEC-BTB1188M3R Datasheet
253Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTPA92T3 CYSTEKEC-BTPA92T3 Datasheet
311Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772AT3 CYSTEKEC-BTB772AT3 Datasheet
268Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1205I3 CYSTEKEC-BTB1205I3 Datasheet
157Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1184J3 CYSTEKEC-BTB1184J3 Datasheet
169Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1412J3 CYSTEKEC-BTB1412J3_09 Datasheet
246Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com