Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC857N3 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # BC857N3
Description  General Purpose NPN Epitaxial Planar Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BC857N3 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  BC857N3 Datasheet HTML 1Page - Cystech Electonics Corp. BC857N3 Datasheet HTML 2Page - Cystech Electonics Corp. BC857N3 Datasheet HTML 3Page - Cystech Electonics Corp. BC857N3 Datasheet HTML 4Page - Cystech Electonics Corp. BC857N3 Datasheet HTML 5Page - Cystech Electonics Corp. BC857N3 Datasheet HTML 6Page - Cystech Electonics Corp. BC857N3 Datasheet HTML 7Page - Cystech Electonics Corp. BC857N3 Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C306N3
Issued Date : 2015.04.09
Revised Date :
Page No. : 3/8
BC857N3
CYStek Product Specification
Typical Characteristics
Emitter Grounded Output Characteristics
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
01
2
34
5
6
-VCE, Collector-to-Emitter Voltage(V)
200uA
300uA
400uA
500uA
1mA
-IB=100uA
Emitter Grounded Output Characteristics
0
0.05
0.1
0.15
0.2
0.25
01
23
45
6
-VCE, Collector-to-Emitter Voltage(V)
1mA
1.5mA
2.5mA
5mA
-IB=500uA
Emitter Grounded Output Characteristics
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
01
23
45
6
-VCE, Collector-to-Emitter Voltage(V)
4mA
6mA
10mA
20mA
-IB=2mA
Emitter Grounded Output Characteristics
0
0.1
0.2
0.3
0.4
0.5
0.6
01
2
34
56
-VCE, Collector-to-Emitter Voltage(V)
10mA
20mA
25mA
50mA
-IB=5mA
Current Gain vs Collector Current
10
100
1000
10000
0.01
0.1
1
10
100
1000
-IC, Collector Current(mA)
Tj=125°C
75°C
25°C
0°C
-40°C
-VCE=1V
Current Gain vs Collector Current
10
100
1000
10000
0.01
0.1
1
10
100
1000
-IC, Collector Current(mA)
Tj=125°C
75°C
25°C
0°C
-40°C
-VCE=2V


Similar Part No. - BC857N3

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
BC857 WINNERJOIN-BC857 Datasheet
187Kb / 2P
   PNP SILICON TRANSISTOR
logo
NXP Semiconductors
BC857 PHILIPS-BC857 Datasheet
47Kb / 8P
   PNP general purpose transistors
1999 Apr 12
logo
Diotec Semiconductor
BC857 DIOTEC-BC857 Datasheet
145Kb / 2P
   SMD General Purpose PNP Transistors
logo
Central Semiconductor C...
BC857 CENTRAL-BC857 Datasheet
116Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
logo
NXP Semiconductors
BC857 NXP-BC857 Datasheet
164Kb / 10P
   PNP general purpose transistors
2004 Jan 16
More results

Similar Description - BC857N3

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTD1863 KEC-KTD1863 Datasheet
251Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
KTC2028 KEC-KTC2028 Datasheet
273Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
TIP41C KEC-TIP41C Datasheet
202Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
logo
Cystech Electonics Corp...
BTC3906L3 CYSTEKEC-BTC3906L3_06 Datasheet
200Kb / 5P
   General Purpose NPN Epitaxial Planar Transistor
BTNA42A3 CYSTEKEC-BTNA42A3 Datasheet
151Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTN2222AN3 CYSTEKEC-BTN2222AN3 Datasheet
151Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTN8050A3 CYSTEKEC-BTN8050A3 Datasheet
145Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTN8050N3 CYSTEKEC-BTN8050N3 Datasheet
155Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTC2882J3 CYSTEKEC-BTC2882J3 Datasheet
290Kb / 6P
   General Purpose NPN Epitaxial Planar Transistor
BTC4401A3 CYSTEKEC-BTC4401A3 Datasheet
268Kb / 7P
   General Purpose NPN Epitaxial Planar Transistor
BTC5658Y3 CYSTEKEC-BTC5658Y3 Datasheet
305Kb / 7P
   General Purpose NPN Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com