Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4117 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4117
Description  Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4117 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4117 Datasheet HTML 2Page - Maxim Integrated Products MAX4117 Datasheet HTML 3Page - Maxim Integrated Products MAX4117 Datasheet HTML 4Page - Maxim Integrated Products MAX4117 Datasheet HTML 5Page - Maxim Integrated Products MAX4117 Datasheet HTML 6Page - Maxim Integrated Products MAX4117 Datasheet HTML 7Page - Maxim Integrated Products MAX4117 Datasheet HTML 8Page - Maxim Integrated Products MAX4117 Datasheet HTML 9Page - Maxim Integrated Products MAX4117 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
0
-100
-80
-20
LOAD RESISTANCE (
Ω)
-40
-60
-90
-70
-10
-30
-50
3rd
AVCL = +2
VOUT = 2Vp-p
2nd
MAX4112/MAX4117/MAX4119
5MHz HARMONIC DISTORTION
vs. LOAD RESISTANCE
0
600
1000
400
800
200
Single/Dual/Quad, 400MHz, Low-Power,
Current Feedback Amplifiers
6
_______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(VCC = +5V, VEE = -5V, RF = 499Ω, RL = 100Ω, TA = +25°C, unless otherwise noted.)
1
10
100
100k
10k
1k
100
10
1
10M
1M
INPUT VOLTAGE NOISE
vs. FREQUENCY
FREQUENCY (Hz)
MAX4112/MAX4117/MAX4119
MAX4113/MAX4118/MAX4120
10
100
1000
100k
10k
1k
100
10
1
10M
1M
MAX4112/MAX4117/MAX4119
INPUT CURRENT NOISE vs. FREQUENCY
FREQUENCY (Hz)
IN+, IN-
1
10
1000
100
100k
10k
1k
100
10
1
10M
1M
MAX4113/MAX4118/MAX4120
INPUT CURRENT NOISE vs. FREQUENCY
FREQUENCY (Hz)
IN+
IN-
1000
100
10
1
0.1
0.1
10
1
100
500
CLOSED-LOOP OUTPUT IMPEDANCE
vs. FREQUENCY
FREQUENCY (MHz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0.1
1
10
100
MAX4112/MAX4117/MAX4119
HARMONIC DISTORTION vs. FREQUENCY
FREQUENCY (MHz)
2nd
(AVCL = +5)
VOUT = 2Vp-p
2nd
(AVCL = +2)
3rd
(AVCL = +2,
AVCL = +5)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0.1
1
10
100
MAX4113/MAX4118/MAX4120
HARMONIC DISTORTION vs. FREQUENCY
FREQUENCY (MHz)
3rd
(AVCL = +8)
3rd
(AVCL = +20)
2nd
(AVCL = +8)
2nd
(AVCL = +20)
VOUT = 2Vp-p
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
MAX4112/MAX4117/MAX4119
5MHz HARMONIC DISTORTION
vs. OUTPUT SWING
-80
-20
OUTPUT SWING (Vp-p)
-40
-60
-90
-70
-10
-30
-50
3rd
2nd
AVCL = +2
-5
15
35
55
75
95
105
0.1
10
1
100
1000
POWER-SUPPLY REJECTION
vs. FREQUENCY
FREQUENCY (MHz)


Similar Part No. - MAX4117

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4111 MAXIM-MAX4111 Datasheet
100Kb / 12P
   330MHz Buffered Video Switches/ Crosspoint Building Blocks
19-0402; Rev 0; 6/95
MAX4111CSA MAXIM-MAX4111CSA Datasheet
100Kb / 12P
   330MHz Buffered Video Switches/ Crosspoint Building Blocks
19-0402; Rev 0; 6/95
MAX4112 MAXIM-MAX4112_V01 Datasheet
577Kb / 12P
   Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
2007
MAX4119EEE MAXIM-MAX4119EEE Datasheet
577Kb / 12P
   Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
2007
MAX4119ESD MAXIM-MAX4119ESD Datasheet
577Kb / 12P
   Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
2007
More results

Similar Description - MAX4117

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4112 MAXIM-MAX4112_V01 Datasheet
577Kb / 12P
   Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
2007
logo
Linear Technology
LT1397 LINER-LT1397_15 Datasheet
329Kb / 20P
   Single/Dual/Quad 400MHz Current Feedback Amplifier
LT1396 LINER-LT1396_15 Datasheet
329Kb / 20P
   Single/Dual/Quad 400MHz Current Feedback Amplifier
LT1395 LINER-LT1395_15 Datasheet
329Kb / 20P
   Single/Dual/Quad 400MHz Current Feedback Amplifier
LT1395 LINER-LT1395 Datasheet
196Kb / 12P
   Single/Dual/Quad 400MHz Current Feedback Amplifier
LT1395 LINER-LT1395_1 Datasheet
741Kb / 20P
   Single/Dual/Quad 400MHz Current Feedback Amplifier
logo
Intersil Corporation
EL2460 INTERSIL-EL2460 Datasheet
294Kb / 15P
   Dual/Quad 130MHz Current Feedback Amplifiers
logo
Elantec Semiconductor
EL2260C ELANTEC-EL2260C Datasheet
461Kb / 20P
   Dual/Quad 130 MHz Current Feedback Amplifiers
logo
Linear Technology
LT1229 LINER-LT1229_15 Datasheet
247Kb / 16P
   Dual and Quad 100MHz Current Feedback Amplifiers
LT1229 LINER-LT1229 Datasheet
292Kb / 12P
   Dual and Quad 100MHz Current Feedback Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com