Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4158 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4158
Description  350MHz/250MHz, 2-Channel Video Multiplexer-Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4158 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4158 Datasheet HTML 6Page - Maxim Integrated Products MAX4158 Datasheet HTML 7Page - Maxim Integrated Products MAX4158 Datasheet HTML 8Page - Maxim Integrated Products MAX4158 Datasheet HTML 9Page - Maxim Integrated Products MAX4158 Datasheet HTML 10Page - Maxim Integrated Products MAX4158 Datasheet HTML 11Page - Maxim Integrated Products MAX4158 Datasheet HTML 12Page - Maxim Integrated Products MAX4158 Datasheet HTML 13Page - Maxim Integrated Products MAX4158 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
350MHz/250MHz, 2-Channel
Video Multiplexer-Amplifiers
10
______________________________________________________________________________________
_______________Detailed Description
The MAX4158/MAX4159 are optimized for closed-loop
gains (AVCL) of 1V/V (0dB) or greater; the MAX4258/
MAX4259 are optimized for closed-loop gains of 2V/V
(6dB) or greater. These low-power, high-speed, cur-
rent-mode feedback amplifiers operate from ±5V sup-
plies. They drive video loads (including 50
Ω and 75Ω
cables) with excellent distortion characteristics.
Differential gain and phase errors are 0.01%/0.01° for
MAX4158/MAX4159 and 0.01%/0.02° for MAX4258/
MAX4259, respectively.
The input multiplexers feature very short switching
times and small switching transients. They also have
high input resistance and constant input capacitance,
so overall input impedance can be set by external input
terminating resistors. Each video input is isolated by an
AC-ground pin, which reduces channel-to-channel
capacitance and minimizes crosstalk.
The MAX4159/MAX4259 have address latching and an
output enable function that places the output in a high-
impedance state. These functions allow multiple
mux/amps to be paralleled together to form larger
switching arrays.
________________________Truth Tables
Input Control Logic
X = Don’t Care
MAX4159/MAX4259
Output Control Logic
All logic levels (EN, LE, and A0) default low (0) if left open circuit.
Output disable is completely independent of input address and
latch.
__________Applications Information
Theory of Operation
Since the MAX4158/MAX4159/MAX4258/MAX4259 are
current-mode feedback amplifiers, their open-loop
transfer function is expressed as a transimpedance,
∆VOUT/∆IFB, or ZT. The frequency behavior of this
open-loop transimpedance is similar to the open-loop
gain of a voltage-mode feedback amplifier. That is, it
has a large DC value and decreases at approximately
6dB per octave at high frequency.
Analyzing the current-mode feedback amplifier in a
gain configuration (Figure 1) yields the following trans-
fer function:
VOUT / VIN = G x ZT(S) / (ZT(S) + G x RIN(FB) + RF)
where G = AVCL = 1 + RF / RG.
At low gains, G x RIN(FB) << RF. Therefore, unlike tradi-
tional voltage-mode feedback amplifiers, the closed-
loop bandwidth is essentially independent of
closed-loop gain. Note also that at low frequencies,
ZT >> [G x RIN(FB) + RF] so:
VOUT / VIN = G = 1 + RF / RG
Layout and Power-Supply Bypassing
The MAX4158/MAX4159/MAX4258/MAX4259 have
extremely high bandwidth, and consequently require
careful board layout, including the possible use of con-
stant-impedance microstrip or stripline techniques.
MAX4158
MAX4159
MAX4258
MAX4259
RG
FB
ZT
RIN(FB)
OUT
+1
IN0
IN1
VIN
RF
+1
Figure 1. Current-Mode Feedback Amplifier
On
AMPLIFIER
OUTPUT
Off
0
Output on
LOGIC
INPUT
( E
EN
N )
FUNCTION
1
Output off; high impedance
LE
A0
AMPLIFIER
INPUT
LOGIC
INPUTS
FUNCTION
[LAST]
1
X
Channel addresses latched;
retains last input address.
IN1
0
1
Channel 1 selected
IN0
0
0
Channel 0 selected


Similar Part No. - MAX4158

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX410 MAXIM-MAX410 Datasheet
461Kb / 12P
   Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
19-4194; Rev 2; 11/96
MAX410 MAXIM-MAX410 Datasheet
325Kb / 16P
   Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
Rev 5; 10/08
MAX4100 MAXIM-MAX4100 Datasheet
144Kb / 12P
   500MHz, Low-Power Op Amps
19-0436; Rev 1; 3/96
MAX4100-MAX4101 MAXIM-MAX4100-MAX4101 Datasheet
144Kb / 12P
   500MHz, Low-Power Op Amps
19-0436; Rev 1; 3/96
MAX4100ESA MAXIM-MAX4100ESA Datasheet
144Kb / 12P
   500MHz, Low-Power Op Amps
19-0436; Rev 1; 3/96
More results

Similar Description - MAX4158

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1675 LINER-LT1675_15 Datasheet
787Kb / 16P
   250MHz, Triple and Single RGB Multiplexer with Amplifiers
LT1675-1 LINER-LT1675-1_15 Datasheet
787Kb / 16P
   250MHz, Triple and Single RGB Multiplexer with Amplifiers
logo
Renesas Technology Corp
HA-5033 RENESAS-HA-5033 Datasheet
701Kb / 12P
   250MHz Video Buffer
logo
Intersil Corporation
HA-5033 INTERSIL-HA-5033 Datasheet
235Kb / 9P
   250MHz Video Buffer
September 1998
logo
Maxim Integrated Produc...
MAX442 MAXIM-MAX442 Datasheet
93Kb / 8P
   140MHz, 2-Channel Video Multiplexer/Amplifier
Rev 1; 1/95
logo
Intersil Corporation
HA-5033 INTERSIL-HA-5033_06 Datasheet
384Kb / 12P
   250MHz Video Buffer
logo
Linear Technology
LT1675 LINER-LT1675 Datasheet
326Kb / 16P
   250MHz, Triple and Single RGB Multiplexer with Current Feedback Amplifiers
logo
Maxim Integrated Produc...
MAX4028 MAXIM-MAX4028 Datasheet
317Kb / 13P
   Triple/Quad, 2:1 Video Multiplexer-Amplifiers with Input Clamps
Rev 0; 3/04
MAX4027 MAXIM-MAX4027 Datasheet
351Kb / 11P
   225MHz, Triple, 2-Channel Video Multiplexer-Amplifier
Rev 0; 9/03
MAX498 MAXIM-MAX498 Datasheet
155Kb / 16P
   Quad/Triple, SPDT, RGB Switches with 250MHz Video Buffer Amplifiers
Rev 0; 10/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com