Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4136 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4136
Description  1-Input/4-Output Video Distribution Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4136 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4136 Datasheet HTML 4Page - Maxim Integrated Products MAX4136 Datasheet HTML 5Page - Maxim Integrated Products MAX4136 Datasheet HTML 6Page - Maxim Integrated Products MAX4136 Datasheet HTML 7Page - Maxim Integrated Products MAX4136 Datasheet HTML 8Page - Maxim Integrated Products MAX4136 Datasheet HTML 9Page - Maxim Integrated Products MAX4136 Datasheet HTML 10Page - Maxim Integrated Products MAX4136 Datasheet HTML 11Page - Maxim Integrated Products MAX4136 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
To drive larger-capacitance loads or to reduce ringing,
add an isolation resistor between the amplifier’s output
and the load, as shown in Figure 4.
The value of RISO depends on the circuit’s gain and the
capacitive load. Figure 5 shows the optional isolation
resistor (RISO) vs. capacitive load (CL). At the higher
capacitor values, the bandwidth is dominated by the
RC network, formed by RISO and CL.
Power-Dissipation Considerations
The MAX4137/MAX4138 can drive up to four outputs
simultaneously. Quiescent power dissipation is typically
520mW and 650mW maximum, respectively, with all
channels enabled. The maximum package power dissi-
pation is rated at 1540mW.
In a typical application, four outputs drive a standard
video signal into a 150
Ω load. The amount of power
added to the quiescent dissipation is minimal and no
special precautions are necessary.
However, each output driving the maximum 65mA into
30
Ω will cause a power-dissipation increase of approxi-
mately 200mW. Therefore, you should not allow more
than three outputs to deliver that load simultaneously.
Similarly, one output shorted to ground will cause a
power-dissipation increase of 650mW. Only one output
can be shorted to ground without violating the package
power rating.
In conclusion, during normal operation in a matched-
load environment, the total power dissipation is well
within the package’s dissipation rating. The maximum
power dissipation is violated only if multiple channels
are driving the maximum current into minimum loads at
the same time.
1-Input/4-Output
Video Distribution Amplifiers
10
______________________________________________________________________________________
Figure 3. Effect of CLOAD on Frequency Response (without
RISO)
14
12
10
8
0.1M
1M
10M
100M
1G
0
6
4
2
FREQUENCY (Hz)
CL = 15pF
CL = 10pF
CL = 5pF
MAX4137
MAX4138
VOUT
VIN
RISO
CL
RL
Figure 4. Capacitive-Load Driving Circuit
Figure 5. Optimal Isolation Resistor (RISO) vs. CLOAD
10
40
70
100
130
160
190
220
10
11
12
13
14
15
16
CLOAD (pF)


Similar Part No. - MAX4136

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4136 MAXIM-MAX4136 Datasheet
113Kb / 12P
   1-Input/6-Output Video Distribution Amplifiers
19-1092; Rev 0; 6/96
MAX4136 MAXIM-MAX4136 Datasheet
120Kb / 4P
   Evaluation Kit
Rev 1; 3/97
MAX4136EWG MAXIM-MAX4136EWG Datasheet
113Kb / 12P
   1-Input/6-Output Video Distribution Amplifiers
19-1092; Rev 0; 6/96
More results

Similar Description - MAX4136

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4135 MAXIM-MAX4135 Datasheet
113Kb / 12P
   1-Input/6-Output Video Distribution Amplifiers
19-1092; Rev 0; 6/96
logo
Mitsumi Electronics, Co...
MM1111 MITSUMI-MM1111 Datasheet
231Kb / 10P
   2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
logo
New Japan Radio
NJM2526 NJRC-NJM2526 Datasheet
563Kb / 11P
   4 INPUT 1 OUTPUT VIDEO SWITCH with ISOLATION AMP
NJM2535 NJRC-NJM2535 Datasheet
196Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH??????
logo
Mitsumi Electronics, Co...
MM1140 MITSUMI-MM1140 Datasheet
102Kb / 6P
   6-Input 1-Output Video Switch
logo
New Japan Radio
NJM2533 NJRC-NJM2533 Datasheet
193Kb / 4P
   2-INPUT 1-OUTPUT VIDEO SWITCH???
logo
Mitsubishi Electric Sem...
MM1221 MITSUBISHI-MM1221 Datasheet
162Kb / 7P
   2-Input 1-Output Video Switch
logo
New Japan Radio
NJM2534 NJRC-NJM2534 Datasheet
175Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH????
logo
Elantec Semiconductor
EL4421C ELANTEC-EL4421C Datasheet
294Kb / 16P
   Multiplexed-Input Video Amplifiers
logo
Rohm
BA7654F ROHM-BA7654F Datasheet
80Kb / 8P
   2-input, 1-output video signal switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com