Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4125 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4125
Description  Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply Rail-to-Rail I/O Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4125 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4125 Datasheet HTML 3Page - Maxim Integrated Products MAX4125 Datasheet HTML 4Page - Maxim Integrated Products MAX4125 Datasheet HTML 5Page - Maxim Integrated Products MAX4125 Datasheet HTML 6Page - Maxim Integrated Products MAX4125 Datasheet HTML 7Page - Maxim Integrated Products MAX4125 Datasheet HTML 8Page - Maxim Integrated Products MAX4125 Datasheet HTML 9Page - Maxim Integrated Products MAX4125 Datasheet HTML 10Page - Maxim Integrated Products MAX4125 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Typical Operating Characteristics (continued)
(VCC = +5V, VEE = 0V, VCM = VCC/2, TA = +25°C, unless otherwise noted.)
Single/Dual/Quad, Wide-Bandwidth, Low-Power,
Single-Supply Rail-to-Rail I/O Op Amps
_______________________________________________________________________________________
7
120
80
85
90
95
100
105
110
115
-40 -25 -10
5
20
35
50
65
80
95
COMMON-MODE REJECTION
vs. TEMPERATURE
TEMPERATURE (°C)
VCM = 0V TO 5.0V
VCM = 0.2V TO 5.2V
VCM = 0.3V TO 5.3V
120
60
0
600
110
OUTPUT VOLTAGE: EITHER SUPPLY (mV)
300
90
80
70
100
200
500
100
400
LARGE-SIGNAL GAIN
vs. OUTPUT VOLTAGE
VCC = 2.7V
RL TO VEE
RL = 500Ω
RL = 100kΩ
RL = 10kΩ
RL = 2kΩ
250
0
-40 -25 -10
5
20
35
50
65
80
95
MINIMUM OUTPUT VOLTAGE
vs. TEMPERATURE
50
200
TEMPERATURE (°C)
150
100
RL TO VCC
VCC = 6.5V, RL = 500Ω
VCC = 2.7V, RL = 100kΩ
VCC = 2.7V, RL = 500Ω
VCC = 6.5V, RL = 100kΩ
0
50
100
150
200
250
300
-40 -25 -10
5
20
35
50
65
80
95
MAXIMUM OUTPUT VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
RL TO VEE
VCC = 6.5V, RL = 500Ω
VCC = 2.7V, RL = 100kΩ (BOTTOM)
VCC = 2.7V, RL = 500Ω
VCC = 6.5V, RL = 100kΩ (TOP)
120
60
0
600
110
OUTPUT VOLTAGE: EITHER SUPPLY (mV)
300
90
80
70
100
200
500
100
400
LARGE-SIGNAL GAIN
vs. OUTPUT VOLTAGE
VCC = 6.5V
RL TO VEE
RL = 500Ω
RL = 100kΩ
RL = 10kΩ
RL = 2kΩ
125
75
-40 -25 -10
5
20
35
50
65
80
95
LARGE-SIGNAL GAIN
vs. TEMPERATURE
85
115
TEMPERATURE (°C)
105
95
80
90
120
110
100
VCC = 2.7V,
RL TO VEE
VCC = 6.5V, RL TO VCC
VCC = 2.7V, RL TO VCC
RL = 500Ω
VOUT(p-p) = VCC - 1V
VCC = 6.5V,
RL TO VEE
120
60
0
600
110
300
90
80
70
100
200
500
100
400
LARGE-SIGNAL GAIN
vs. OUTPUT VOLTAGE
RL = 500Ω
RL = 100kΩ
RL = 10kΩ
RL = 2kΩ
VCC = 2.7V
RL TO VCC
OUTPUT VOLTAGE: EITHER SUPPLY (mV)
120
60
0
600
110
300
90
80
70
100
200
500
100
400
LARGE-SIGNAL GAIN
vs. OUTPUT VOLTAGE
VCC = 6.5V
RL TO VCC
RL = 500Ω
RL = 100kΩ
RL = 10kΩ
RL = 2kΩ
OUTPUT VOLTAGE: EITHER SUPPLY (mV)
125
75
-40 -25 -10
5
20
35
50
65
80
95
LARGE-SIGNAL GAIN
vs. TEMPERATURE
85
115
TEMPERATURE (°C)
105
95
80
90
120
110
100
VOUT(p-p) = VCC - 600mV
RL = 100kΩ
VCC = 6.5V, RL TO VEE
VCC = 2.7V, RL TO VCC
VCC = 2.7V, RL TO VEE
VCC = 6.5V, RL TO VCC


Similar Part No. - MAX4125

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX412 MAXIM-MAX412 Datasheet
461Kb / 12P
   Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
19-4194; Rev 2; 11/96
MAX412 MAXIM-MAX412 Datasheet
325Kb / 16P
   Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
Rev 5; 10/08
MAX4120 MAXIM-MAX4120 Datasheet
167Kb / 12P
   Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
19-0440; Rev 2; 4/97
MAX4120EEE MAXIM-MAX4120EEE Datasheet
167Kb / 12P
   Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
19-0440; Rev 2; 4/97
MAX4120EEE MAXIM-MAX4120EEE Datasheet
577Kb / 12P
   Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
2007
More results

Similar Description - MAX4125

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4130 MAXIM-MAX4130_V01 Datasheet
256Kb / 16P
   Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps
2014
MAX4124EUK-T MAXIM-MAX4124EUK-T Datasheet
287Kb / 16P
   Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply Rail-to-Rail I/O Op Amps
Rev 1; 8/97
MAX4130 MAXIM-MAX4130 Datasheet
194Kb / 16P
   Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps
19-1089; Rev 2; 8/97
MAX4330 MAXIM-MAX4330 Datasheet
176Kb / 16P
   Single/Dual/Quad, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown
Rev 3; 2/98
MAX4322 MAXIM-MAX4322 Datasheet
226Kb / 12P
   Single/Dual/Quad, Low-Cost, SOT23, Low-Power, Rail-to-Rail I/O Op Amps
Rev 2a; 12/99
MAX4091 MAXIM-MAX4091 Datasheet
514Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
19-2272; Rev 0; 1/02
MAX492 MAXIM-MAX492 Datasheet
230Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply Rail-to-Rail Op Amps
Rev 2; 9/96
MAX4040 MAXIM-MAX4040 Datasheet
199Kb / 16P
   Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps
19-1377; Rev 0; 5/98
MAX4162 MAXIM-MAX4162 Datasheet
152Kb / 12P
   SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps
Rev 0; 4/97
MAX4040 MAXIM-MAX4040_V01 Datasheet
384Kb / 16P
   Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com