Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4131 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4131
Description  Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4131 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4131 Datasheet HTML 1Page - Maxim Integrated Products MAX4131 Datasheet HTML 2Page - Maxim Integrated Products MAX4131 Datasheet HTML 3Page - Maxim Integrated Products MAX4131 Datasheet HTML 4Page - Maxim Integrated Products MAX4131 Datasheet HTML 5Page - Maxim Integrated Products MAX4131 Datasheet HTML 6Page - Maxim Integrated Products MAX4131 Datasheet HTML 7Page - Maxim Integrated Products MAX4131 Datasheet HTML 8Page - Maxim Integrated Products MAX4131 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Single/Dual/Quad, Wide-Bandwidth, Low-Power,
Single-Supply Rail-to-Rail I/O Op Amps
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +2.7V to +6.5V, VEE = 0V, VCM = 0V, VOUT = VCC / 2, RL tied to VCC / 2, SHDN ≥ 2V (or open), TA = +25°C, unless
otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC-VEE).....................................................7.5V
IN+, IN-, SHDN Voltage ...................(VCC + 0.3V) to (VEE - 0.3V)
Output Short-Circuit Duration (Note 1).......................Continuous
(short to either supply)
Continuous Power Dissipation (TA = +70°C)
5-pin SOT23-5 (derate 7.1mW/°C above +70°C) .........571mW
8-pin SO (derate 5.88mW/°C above +70°C).................471mW
8-pin µMAX (derate 4.10mW/°C above +70°C) ............330mW
14-pin SO (derate 8.00mW/°C above +70°C)...............640mW
Operating Temperature Range
MAX413_E__ ....................................................-40°C to +85°C
Maximum Junction Temperature .....................................+150°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
VCM = VEE to VCC
CONDITIONS
nA
±1
±12
Input Offset Current
nA
±50
±150
Input Bias Current
72
82
0.1
Output Resistance
k
500
Differential Input Resistance
67
90
dB
78
100
Power-Supply Rejection Ratio
UNITS
MIN
TYP
MAX
PARAMETER
VOUT = 0.4V to 4.6V, RL = 250Ω
75
86
dB
Large-Signal Voltage Gain
V
VEE -
VCC +
0.25
0.25
Common-Mode Input
Voltage Range
Note 1: Provided that the maximum package power-dissipation rating is met.
±0.20
±0.60
±0.35
±1.20
±0.35
±1.50
±0.40
±1.50
±0.35
±1.50
Input Offset Voltage
±0.25
±0.75
VCM = VEE to VCC
mV
VCM = VEE to VCC
-1.5V < VDIFF < 1.5V
VCC = 2.7V to 6.5V
AV = 1
SHDN < 0.8V, VOUT = 0V to VCC
µA
±0.1
±1
Off-Leakage Current
(VEE - 0.25V) < VCM <
(VCC + 0.25V)
78
98
Common-Mode Rejection Ratio
64
84
dB
66
86
74
94
68
88
VCC = 5V
VOUT = 0.4V to 2.3V, RL = 250Ω
VOUT = 0.25V to 2.45V, RL = 100kΩ
VOUT = 0.25V to 4.75V, RL = 100kΩ
VCC = 2.7V
92
108
94
108
MAX4130EUK
MAX4131ESA
MAX4131EUA
MAX4132ESA/MAX4133ESD
MAX4132EUA
MAX4134ESD
MAX4134ESD
MAX4132EUA
MAX4132ESA/MAX4133ESD
MAX4131EUA
MAX4131ESA
MAX4130EUK


Similar Part No. - MAX4131

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4131C/D MAXIM-MAX4131C/D Datasheet
256Kb / 16P
   Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps
2014
MAX4131EBT-T MAXIM-MAX4131EBT-T Datasheet
256Kb / 16P
   Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps
2014
MAX4131ESA MAXIM-MAX4131ESA Datasheet
256Kb / 16P
   Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps
2014
MAX4131EUA MAXIM-MAX4131EUA Datasheet
256Kb / 16P
   Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps
2014
More results

Similar Description - MAX4131

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4122 MAXIM-MAX4122 Datasheet
285Kb / 16P
   Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply Rail-to-Rail I/O Op Amps
19-1087; Rev 1; 8/97
MAX4130 MAXIM-MAX4130_V01 Datasheet
256Kb / 16P
   Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps
2014
MAX4124EUK-T MAXIM-MAX4124EUK-T Datasheet
287Kb / 16P
   Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply Rail-to-Rail I/O Op Amps
Rev 1; 8/97
MAX4330 MAXIM-MAX4330 Datasheet
176Kb / 16P
   Single/Dual/Quad, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown
Rev 3; 2/98
MAX4322 MAXIM-MAX4322 Datasheet
226Kb / 12P
   Single/Dual/Quad, Low-Cost, SOT23, Low-Power, Rail-to-Rail I/O Op Amps
Rev 2a; 12/99
MAX4091 MAXIM-MAX4091 Datasheet
514Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
19-2272; Rev 0; 1/02
MAX492 MAXIM-MAX492 Datasheet
230Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply Rail-to-Rail Op Amps
Rev 2; 9/96
MAX4040 MAXIM-MAX4040 Datasheet
199Kb / 16P
   Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps
19-1377; Rev 0; 5/98
MAX4162 MAXIM-MAX4162 Datasheet
152Kb / 12P
   SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps
Rev 0; 4/97
MAX4040 MAXIM-MAX4040_V01 Datasheet
384Kb / 16P
   Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com