Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4141 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4141
Description  330MHz, 4x1 Precision Video Multiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4141 Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX4141 Datasheet HTML 1Page - Maxim Integrated Products MAX4141 Datasheet HTML 2Page - Maxim Integrated Products MAX4141 Datasheet HTML 3Page - Maxim Integrated Products MAX4141 Datasheet HTML 4Page - Maxim Integrated Products MAX4141 Datasheet HTML 5Page - Maxim Integrated Products MAX4141 Datasheet HTML 6Page - Maxim Integrated Products MAX4141 Datasheet HTML 7Page - Maxim Integrated Products MAX4141 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
_______________Detailed Description
The MAX4141 video switch is manufactured with
Maxim’s proprietary complementary bipolar process
that yields high bandwidth and low capacitance. To
maintain a wide bandwidth, the MAX4141 incorporates
a straightforward structure of input and output buffers.
Make-before-break switching is employed to reduce
noise and glitches, even when switching from part to
part in large arrays. The input buffers provide a con-
stant, high input impedance. And, they prevent the
make-before-break action from feeding back to the
input and causing noise and/or glitches.
The design of the switching mechanism limits the
inevitable glitch to within 13mVp-p. In addition, the
glitch pulse is positive to avoid confusion with any neg-
ative sync pulses.
Unity-gain output buffers isolate other inputs from the
switching action of large multiplex arrays. These buffers
can drive 5k
Ω resistive loads. Load capacitance is lim-
ited only by system bandwidth requirements.
The MAX4141 does not contain buffer latches. The digi-
tal inputs control the switch transparently.
__________Applications Information
Grounding, Bypassing,
and PC Board Layout
In order to obtain the MAX4141’s full 330MHz bandwidth,
Microstrip and Stripline techniques are recommended in
most cases. To ensure your PC board does not degrade
the switch’s performance, it’s wise to design the board
for a frequency greater than 1GHz. Even with very short
runs, it’s good practice to use this technique at critical
points, such as inputs and outputs. Whether you use a
constant-impedance board or not, observe the following
guidelines when designing the board:
• Do not use wire-wrap boards, because they are too
inductive.
• Do not use IC sockets. They increase parasitic
capacitance and inductance.
• In general, surface-mount components have shorter
leads and lower parasitic reactance, and give better
high-frequency performance than through-hole com-
ponents.
• The PC board should have at least two layers, with
one side a signal layer and the other a ground plane.
• Keep signal lines as short and as straight as possi-
ble. Do not make 90° turns; round all corners.
• The ground plane should be as free from voids as
possible.
330MHz, 4x1 Precision Video Multiplexer
6
_______________________________________________________________________________________
______________________________________________________________Pin Description
Output Enable and device shutdown. A logic high on this pin enables the output. A logic low
causes the output to assume a high-impedance state and reduces operating current.
EN
9
Negative Power-Supply Voltage. Decouple to power ground.
VEE
10
Signal Output
OUT
11
Positive Power-Supply Voltage. Decouple to power ground.
VCC
12
Channel Selection Bit. See truth tables.
A1
13
Signal Input
IN2
5
Signal Input
IN3
7
No Connect—not internally connected.
N.C.
8
Signal Input
IN1
3
Analog (Signal) Ground. Since inputs are isolated by these grounds, they should be as noise-free
as possible.
GND
2, 4, 6
PIN
Signal Input
IN0
1
DESCRIPTION
FUNCTION
Channel Selection Bit. See truth tables.
A0
14


Similar Part No. - MAX4141

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX414 MAXIM-MAX414 Datasheet
461Kb / 12P
   Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
19-4194; Rev 2; 11/96
MAX414 MAXIM-MAX414 Datasheet
325Kb / 16P
   Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
Rev 5; 10/08
MAX41400 MAXIM-MAX41400 Datasheet
398Kb / 7P
   Single- or Dual-Supply Operation
319-100583; Rev 0; 8/20
MAX41400EVKIT MAXIM-MAX41400EVKIT Datasheet
398Kb / 7P
   Single- or Dual-Supply Operation
319-100583; Rev 0; 8/20
MAX41400EVKIT# MAXIM-MAX41400EVKIT# Datasheet
398Kb / 7P
   Single- or Dual-Supply Operation
319-100583; Rev 0; 8/20
More results

Similar Description - MAX4141

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GX4314 GENNUM-GX4314 Datasheet
135Kb / 4P
   Wideband, Monolithic 4x1 Video Multiplexer
GX214A GENNUM-GX214A Datasheet
175Kb / 5P
   GX214A Monolithic 4x1 Video Multiplexer
GX434 GENNUM-GX434 Datasheet
200Kb / 9P
   GX434 Monolithic 4x1 Video Multiplexer
logo
Texas Instruments
MPC100 TI1-MPC100 Datasheet
270Kb / 16P
[Old version datasheet]   Wide Bandwidth 4x1 VIDEO MULTIPLEXER
logo
Gennum Corporation
GX4404 GENNUM-GX4404 Datasheet
127Kb / 3P
   GX4404 Wideband, Monolithic 4x1 Video Multiplexer
logo
Intersil Corporation
HA4314B INTERSIL-HA4314B_06 Datasheet
307Kb / 12P
   400MHz, 4x1 Video Crosspoint Switch
logo
Maxim Integrated Produc...
MAX4111 MAXIM-MAX4111 Datasheet
100Kb / 12P
   330MHz Buffered Video Switches/ Crosspoint Building Blocks
19-0402; Rev 0; 6/95
logo
Intersil Corporation
HA4314B INTERSIL-HA4314B_07 Datasheet
320Kb / 12P
   400MHz, 4x1 Video Crosspoint Switch
logo
Renesas Technology Corp
HA4314B RENESAS-HA4314B Datasheet
622Kb / 12P
   400MHz, 4x1 Video Crosspoint Switch
logo
National Instruments Co...
SCXI-1190 NI-SCXI-1190 Datasheet
428Kb / 3P
   4x1 unterminated multiplexer/50 characteristic impedance
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com