Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STC5230 Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # STC5230
Description  Line Card Clock
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC5230 Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  STC5230_15 Datasheet HTML 1Page - Connor-Winfield Corporation STC5230_15 Datasheet HTML 2Page - Connor-Winfield Corporation STC5230_15 Datasheet HTML 3Page - Connor-Winfield Corporation STC5230_15 Datasheet HTML 4Page - Connor-Winfield Corporation STC5230_15 Datasheet HTML 5Page - Connor-Winfield Corporation STC5230_15 Datasheet HTML 6Page - Connor-Winfield Corporation STC5230_15 Datasheet HTML 7Page - Connor-Winfield Corporation STC5230_15 Datasheet HTML 8Page - Connor-Winfield Corporation STC5230_15 Datasheet HTML 9Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
Page 1 of 64 TM102
Rev: 3.0
Date: September 14, 2011
© Copyright the Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
STC5230
Synchronous Clock for SETS
Functional Specification
Data Sheet
Description
The RoHS 6/6 compliant STC5230 is a single chip
solution for the timing source in SDH, SONET, and
Synchronous Ethernet network elements. The device is
fully compliant with
ITU-T G.813, G.8262, Telcordia
GR1244, and GR253.
The STC5230 accepts 12 reference inputs and gener-
ates 9 independent synchronized output clocks. Refer-
ence inputs are individually monitored for activity and
quality. Reference selection may be automatic, manual, and
hard-wired manual.
Active reference selection may be
manual or automatic. All reference switches are hitless.
Synchronized outputs may be programmed for some
certain SONET and SDH as well as Synchronous Ether-
net frequencies or wide variety of frequencies from
1MHz up to 156.25MHz, in 1kHz steps.
Two independent timing generators, T0 and T4, provide
the essential functions for Synchronous Equipment Tim-
ing Source (SETS). Each timing generator includes a
DPLL (Digital Phase-Locked Loop), which may operate
in the Freerun, Synchronized, and Holdover modes.
Timing generator T0 supports master/slave operation for
redundant applications. The proprietary SyncLinkTM
cross-couple data link provides master/slave phase
information and state data to ensure seamless side
switches.
A standard SPI serial bus interface provides access to
the STC5230’s comprehensive, yet simple to use inter-
nal control and status registers. The device operates
with an external OCXO or TCXO.
The STC5230 may be field upgraded with an optional
external EEPROM or via the bus interface.
Features
- Suitable for SDH SETS, SONET Stratum 3, 4E, 4 and
SMC, and Synchronous Ethernet
- Two timing generators, T0 and T4, for SETS
- Complies with ITU-T G.813 opt1/2, G.8262 EEC opt1/2,
Telcordia GR1244 and GR253
- Supports Master/Slave for redundant application with the
SyncLinkTM cross-couple data links
- Supports 4 different frequencies of external oscillator
(programmable): 10MHz, 12.8MHz, 19.2MHz, 20MHz
- Accepts 12 individual clock reference inputs
- Supports automatically frequency detection or manually
acceptable frequency. Each reference input is monitored
for activity and quality
- Supports manual and automatic reference selection
- 9 synchronized output clocks
- T0 and T4 have independent reference lists and priority
tables for automatic reference selection
- Provides compensation for the phase delay of the mas-
ter/slave cross-couple links, in 0.1ns steps up to 409.5ns
- Provides measurement of the round-trip phase delay of
the master/slave cross-couple links.
- Phase align locking and hit-less reference switching
- Phase rebuild on re-lock and reference switches
- Programmable loop bandwidth (T0/T4) 0.1Hz to 103Hz
- Supports SPI bus interface
- Field upgrade capability
- IEEE 1149.1 JTAG boundary scan
- Available in TQFP100 package
Figure 1: Functional Block Diagram
T0_MASTER_SLAVE
T0_XSYNC_IN
12
OCXO
TCXO
Serial Bus
Interface
Control & Status
Registers
IEEE 1194.1
JTAG
Phase
Digital
T0
T4
Digital
Phase
Activity &
T0 Active
T4 Active
Detector
Filter
Clock
Synthesizer
Clock
Detector
Filter
Ref Selector
Ref Selector
Frequency
Offset Monitor
STC5230
Reference Clk
CLK0 LVPECL
CLK3 (8kHz)
CLK1
CLK2
CLK4 (2kHz)
CLK6
T0_XSYNC_OUT
CLK7
Synthesizers
CLK8 LVPECL
CLK5


Similar Part No. - STC5230_15

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
STC5230-I CONNOR-WINFIELD-STC5230-I Datasheet
791Kb / 48P
   Synchronous Clock for SETS
More results

Similar Description - STC5230_15

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
STC5415 CONNOR-WINFIELD-STC5415 Datasheet
783Kb / 48P
   Line Card Clock
STC5425 CONNOR-WINFIELD-STC5425 Datasheet
790Kb / 48P
   Line Card Clock
logo
Integrated Circuit Syst...
MK2069-01 ICST-MK2069-01 Datasheet
344Kb / 19P
   VCXO-Based Line Card Clock Synchronizer
logo
Renesas Technology Corp
MK2069-01 RENESAS-MK2069-01 Datasheet
411Kb / 22P
   VCXO-BASED LINE CARD CLOCK SYNCHRONIZER
051310
logo
Texas Instruments
CDC341 TI-CDC341 Datasheet
102Kb / 7P
[Old version datasheet]   1-LINE TO 8-LINE CLOCK DRIVER
SN54CDC341 TI1-SN54CDC341 Datasheet
165Kb / 10P
[Old version datasheet]   1-LINE TO 8-LINE CLOCK DRIVER
CDC341DWR TI-CDC341DWR Datasheet
279Kb / 10P
[Old version datasheet]   1-LINE TO 8-LINE CLOCK DRIVER
CDC340 TI-CDC340 Datasheet
104Kb / 7P
[Old version datasheet]   1-LINE TO 8-LINE CLOCK DRIVER
logo
Analog Devices
AD9557 AD-AD9557_16 Datasheet
1Mb / 95P
   Dual Input Multiservice Line Card Adaptive Clock Translator
logo
Integrated Circuit Syst...
ICS1522 ICST-ICS1522 Datasheet
366Kb / 13P
   User-Programmable Video Clock Generator/ Line-Locked Clock Regenerator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com