Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX-705 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TX-705
Description  Temperature Compensated Crystal Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TX-705 Datasheet(HTML) 1 Page - Vectron International, Inc

  TX-705_14 Datasheet HTML 1Page - Vectron International, Inc TX-705_14 Datasheet HTML 2Page - Vectron International, Inc TX-705_14 Datasheet HTML 3Page - Vectron International, Inc TX-705_14 Datasheet HTML 4Page - Vectron International, Inc TX-705_14 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Vectron International • 267 Lowell Road, Suite 102, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page 1
TX-705
Temperature Compensated Crystal Oscillator
Features
Applications
TX-705
The TX-705 is a TCXO family designed for applications where superior g-sensitivity and good phase noise together with small
package size is required.
• Superior g-Sensitivity
• Withstands 1000 Temperature Cycles -55/125°C
• Good Phase Noise Behaviour
• Small Size, Low Profile
• 100% RoHS Compliant
• Frequency Range1: 16 - 50 MHz
• Standard Frequencies1 19.2; 20; 25; 38.4; 40 and 50MHz
• Vibration Environment
• Portable Equipment
• Land Mobile Radio
• Test & Measurement
• Global Navigation Satellite Systems (GNSS)
• Wireless Communication
Features
Applications
Description
Performance Specifications
Frequency Stabilities1
Parameter
Min
Typ
Max
Units
Condition
vs. operating temperature range
(referenced to (dfmax+dfmin)/2)
-0.8
-1.0
+0.8
+1.0
ppm
-20 to +70°C
-40 to +85°C
Options2
Initial tolerance
-1.0
+1.0
ppm
at time of shipment, nominal EFC
vs. supply voltage change
-0.2
+0.2
ppm
V
S
±5% static
vs. load change
-0.2
+0.2
ppm
Load ±10% static
vs. aging / 10 Years
-5.0
+5.0
ppm
Phase Noise3
Phase Noise3
-90
-122
-143
-151
-155
-156
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
10 Hz
100 Hz
1 kHz
10 kHz
100 kHz
1 MHz
@ 20MHz
Super
ior!


Similar Part No. - TX-705_14

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
TX-705 MICROSEMI-TX-705 Datasheet
576Kb / 5P
   Temperature Compensated Crystal Oscillator
More results

Similar Description - TX-705_14

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
   Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
TX_500 VECTRON-TX_500_14 Datasheet
777Kb / 6P
   Temperature Compensated Crystal Oscillator
TX-801 VECTRON-TX-801_14 Datasheet
370Kb / 5P
   Temperature Compensated Crystal Oscillator
VT-704 VECTRON-VT-704_14 Datasheet
927Kb / 8P
   Temperature Compensated Crystal Oscillator
VT-803 VECTRON-VT-803_14 Datasheet
1Mb / 9P
   Temperature Compensated Crystal Oscillator
VT-706 VECTRON-VT-706 Datasheet
732Kb / 7P
   Temperature Compensated Crystal Oscillator
logo
Crystek Corporation
CXOHD5 CRYSTEKCRYSTAL-CXOHD5 Datasheet
70Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD6 CRYSTEKCRYSTAL-CXOSD6_15 Datasheet
114Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD4 CRYSTEKCRYSTAL-CXOSD4_15 Datasheet
122Kb / 1P
   Temperature Compensated Crystal Oscillator
logo
Advanced XTAL Products
AXLE3225 AXTAL-AXLE3225 Datasheet
246Kb / 1P
   Temperature Compensated Crystal Oscillator
AXLE7050 AXTAL-AXLE7050 Datasheet
265Kb / 1P
   Temperature Compensated Crystal Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com