Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

130094-0507 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 130094-0507
Description  Bus-Drop Support Grip, Single Eye, Cable Diameter 17.78-24.64mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

130094-0507 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  130094-0507 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 12/15/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
130094-0507
Status:
Active
Overview:
Support Grips
Description:
Bus-Drop Support Grip, Single Eye, Cable Diameter 17.78-24.64mm (.700-.970"),
Approximate Break Strength 462.66kg (1,020 lbs)
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
Agency Certification
CSA
LR32159
General
Product Family
Cable Grips
Series
130094
Eye Type
Single
O-Ring
N/A
Overview
Support Grips
Product Literature Order No
987650-8065
Product Name
Service-Drop
Type
Support Grip
UPC
78678835821
Woodhead
Yes
Physical
Approximate Break Strength
462.66kg (1,020 lbs)
Bale Length
0.203m (8.00")
Body Style
Straight
Cable Diameter
17.78-24.64mm (.700-.970")
Color - Grommet
N/A
Gender
N/A
Material - Body
N/A
Material - Grip
Galvanized Steel
Mesh Length
0.229m (9.00")
Number of Holes
N/A
Thread Size
N/A
Material Info
Old Part Number
36578
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130094Series
This document was generated on 12/15/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 130094-0507

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130094-0500 MOLEX11-130094-0500 Datasheet
37Kb / 1P
   Bus-Drop Support Grip, Single U Eye, Cable Diameter 20.83-25.40mm
130094-0501 MOLEX11-130094-0501 Datasheet
37Kb / 1P
   Bus-Drop Support Grip, Single Eye, Cable Diameter 5.59-8.13mm
130094-0502 MOLEX11-130094-0502 Datasheet
37Kb / 1P
   Bus-Drop Support Grip, Single U Eye, Cable Diameter 23.88-31.75mm
130094-0503 MOLEX11-130094-0503 Datasheet
37Kb / 1P
   Bus-Drop Support Grip, Single U Eye, Cable Diameter 23.88-31.75mm
130094-0504 MOLEX11-130094-0504 Datasheet
37Kb / 1P
   Bus-Drop Support Grip, Single Eye, Cable Diameter 7.62-10.92mm
More results

Similar Description - 130094-0507

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300940507 MOLEX11-1300940507 Datasheet
30Kb / 1P
   Bus-Drop Support Grip, Single Eye, Cable Diameter 17.78-24.64mm
1300940518 MOLEX11-1300940518 Datasheet
30Kb / 1P
   Bus-Drop Support Grip, Locking Bale, Cable Diameter 17.78-24.64mm
130094-0518 MOLEX11-130094-0518 Datasheet
38Kb / 1P
   Bus-Drop Support Grip, Locking Bale, Cable Diameter 17.78-24.64mm
1300940497 MOLEX11-1300940497 Datasheet
29Kb / 1P
   Bus-Drop Support Grip, Single U Eye, Cable Diameter 17.78-21.59mm
130094-0497 MOLEX11-130094-0497 Datasheet
37Kb / 1P
   Bus-Drop Support Grip, Single U Eye, Cable Diameter 17.78-21.59mm
1300940498 MOLEX11-1300940498 Datasheet
29Kb / 1P
   Bus-Drop Support Grip, Single U Eye, Cable Diameter 17.78-21.59mm
1300940505 MOLEX11-1300940505 Datasheet
30Kb / 1P
   Bus-Drop Support Grip, Single Eye, Cable Diameter 10.16-14.22mm
1300940509 MOLEX11-1300940509 Datasheet
30Kb / 1P
   Bus-Drop Support Grip, Single Eye, Cable Diameter 23.88-31.75mm
130094-0504 MOLEX11-130094-0504 Datasheet
37Kb / 1P
   Bus-Drop Support Grip, Single Eye, Cable Diameter 7.62-10.92mm
130094-0519 MOLEX11-130094-0519 Datasheet
38Kb / 1P
   Bus-Drop Support Grip, Locking Bale, Cable Diameter 17.78-21.59mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com