Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4071 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4071
Description  Bidirectional, High-Side, Current-Sense Amplifiers with Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4071 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4071 Datasheet HTML 1Page - Maxim Integrated Products MAX4071 Datasheet HTML 2Page - Maxim Integrated Products MAX4071 Datasheet HTML 3Page - Maxim Integrated Products MAX4071 Datasheet HTML 4Page - Maxim Integrated Products MAX4071 Datasheet HTML 5Page - Maxim Integrated Products MAX4071 Datasheet HTML 6Page - Maxim Integrated Products MAX4071 Datasheet HTML 7Page - Maxim Integrated Products MAX4071 Datasheet HTML 8Page - Maxim Integrated Products MAX4071 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Bidirectional, High-Side, Current-Sense
Amplifiers with Reference
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VRS+ = VRS- = VCC = 2.7V to 24V, VSENSE = VRS+ - VRS- = 0V, IREFOUT = 0, VSHDN = VCC, VGSEL = GND, VREFIN = 2.5V (MAX4072),
TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25
°C and at VCC = VRS+ = 12V.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX4071,
VCC = 2.7V
65
150
IOUT = 10µA,
VSENSE = 100mV,
VRS+ = VCC
MAX4069/MAX4070/
MAX4072,
VCC = 3.6V
65
150
MAX4071,
VCC = 2.7V
90
250
OUT Voltage High
VCC - VOH
IOUT = 500µA,
VSENSE = 100mV,
VRS+ = VCC
MAX4069/MAX4070/
MAX4072,
VCC = 3.6V
90
250
mV
MAX4071,
VCC = 2.7V
520
IOUT = -10µA,
VSENSE = -100mV,
VRS+ = VCC
MAX4069/MAX4070/
MAX4072,
VCC = 3.6V
520
MAX4071,
VCC = 2.7V
100
250
OUT Voltage Low
VOL
IOUT = -500µA,
VSENSE = -100mV,
VRS+ = VCC
MAX4069/MAX4070/
MAX4072,
VCC = 3.6V
100
250
mV
Gain = 50V/V
100
-3dB Bandwidth
BW
VSENSE = 50mV,
VCC = 12V, CL = 100pF Gain = 100V/V
40
kHz
GSEL = GND
50
Gain
AV
GSEL = VCC
100
V/V
Capacitive-Load Stability
100
pF
Power-Supply Rejection Ratio
PSRR
VCC = 2.7V to 24V
(MAX4069/MAX4071/MAX4072),
VCC = 3.6V to 24V (MAX4070)
100
120
dB
Logic Low Voltage (GSEL, SHDN)VIL
VCC = 3.6V or 24V
0.6
V
Logic High Voltage (GSEL, SHDN)VIH
VCC = 3.6V or 24V
2
V
Gain-Select Input Current
IGSEL
GSEL = VCC = 24V or GND
0.01
1
µA
SHDN = VCC = 24V
3
12
Shutdown Input Current
ISHDN
SHDN = GND, VCC = 24V
0.01
1
µA


Similar Part No. - MAX4071

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4071 MAXIM-MAX4071 Datasheet
381Kb / 18P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
Rev 3; 11/08
MAX4071ATA MAXIM-MAX4071ATA Datasheet
381Kb / 18P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
Rev 3; 11/08
MAX4071ATA++ MAXIM-MAX4071ATA+ Datasheet
2Mb / 14P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
2016
MAX4071AUA MAXIM-MAX4071AUA Datasheet
381Kb / 18P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
Rev 3; 11/08
MAX4071AUA++ MAXIM-MAX4071AUA+ Datasheet
2Mb / 14P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
2016
More results

Similar Description - MAX4071

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4069 MAXIM-MAX4069_08 Datasheet
381Kb / 18P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
Rev 3; 11/08
MAX4069 MAXIM-MAX4069_V01 Datasheet
2Mb / 14P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
2016
logo
STMicroelectronics
TSC210 STMICROELECTRONICS-TSC210 Datasheet
2Mb / 22P
   High/low-side, bidirectional, zero-drift current sense amplifiers
Rev 2 - February 2020
TSC210 STMICROELECTRONICS-TSC210_V01 Datasheet
1Mb / 38P
   High/low-side, bidirectional, zero-drift current sense amplifiers
Rev 6 - September 2022
logo
Texas Instruments
INA181 TI1-INA181_18 Datasheet
1Mb / 46P
[Old version datasheet]   Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181_017 TI1-INA181_017 Datasheet
1Mb / 43P
[Old version datasheet]   Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
logo
STMicroelectronics
TSC2012 STMICROELECTRONICS-TSC2012 Datasheet
1Mb / 54P
   High voltage, precision, bidirectional current sense amplifiers
Rev 4 - August 2020
logo
Linear Technology
LT1787 LINER-LT1787 Datasheet
205Kb / 12P
   Precision, High Side Current Sense Amplifiers
LT1787 LINER-LT1787_15 Datasheet
281Kb / 16P
   Precision, High Side Current Sense Amplifiers
logo
Texas Instruments
LMP8481 TI1-LMP8481_15 Datasheet
3Mb / 29P
[Old version datasheet]   High-Side Current Sense Amplifiers With Voltage Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com