Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OX-501 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # OX-501
Description  Oven Controlled Crystal Oscillator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

OX-501 Datasheet(HTML) 2 Page - Vectron International, Inc

  OX-501_14 Datasheet HTML 1Page - Vectron International, Inc OX-501_14 Datasheet HTML 2Page - Vectron International, Inc OX-501_14 Datasheet HTML 3Page - Vectron International, Inc OX-501_14 Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Vectron International • 267 Lowell Road, Hudson Suite 102, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page 2 of 7
Performance Specifications
Supply Voltage (Vs)
Parameter
Min
Typical
Max
Units
Condition
Supply voltage (standard)
3.135
3.3
3.465
VDC
Power consumption
1.4
2.0
Watts
during warm-up
0.5
0.66
Watts
steady state @ +25°C
RF Output
Signal [standard]
HCMOS
Load
15
pF
Signal Level (Vol)
0.4
VDC
with Vs=3.3V and 15pF Load
Signal Level (Voh)
2.4
VDC
with Vs=3.3V and 15pF Load
Duty Cycle
45
55
%
@ (Voh-Vol)/2
Frequency Tuning (EFC)
Tuning Range
Fixed OCXO; No adjust
Tuning Range
±5
±12
Linearity
10%
Tuning Slope
Positive
Control Voltage Range
0.0
1.4
2.8
VDC
with Vs=3.3V
Additional Parameters
Phase Noise3
-60
-100
-128
-140
-148
-45
-95
-120
-135
-145
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
1 Hz
10 Hz
100 Hz
1 kHz
10 kHz
@ 20MHz
Weight
8.0
g
Processing & Packing
Handling & Processing Note
Absolute Maximum Ratings
Supply voltage (Vs)
4.0
V
with Vs=3.3 VDC
Output Load
50
pF
Operable Temperature Range
-40
+85
°C
Storage Temperature Range
-40
+85
°C
OX-501
Height “H”
cover material
6.2
plastic
Pin Connections
1
I.C (Do not connect) / EFC (option)
2
N.C
3
Ground (Case)
4
RF Output
5
N.C / Enable (option)
6
Supply Voltage Input
Dimensions in mm
Outline Drawing / Enclosure
Enable true table
pin 5
pin 4
high
data
open
data
low
high tristate


Similar Part No. - OX-501_14

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
OX-501 VECTRON-OX-501_12 Datasheet
633Kb / 4P
   Oven Controlled Crystal Oscillator
More results

Similar Description - OX-501_14

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
OCXO-131A KSS-OCXO-131A Datasheet
66Kb / 1P
   Oven Controlled Crystal Oscillator
logo
Vectron International, ...
OX-400 VECTRON-OX-400_12 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
DX-040 VECTRON-DX-040_12 Datasheet
347Kb / 4P
   Oven Controlled Crystal Oscillator
logo
Vanlong Technology Co.,...
CO600 VANLONG-CO600_13 Datasheet
43Kb / 1P
   Oven Controlled Crystal Oscillator
logo
Abracon Corporation
AOCJY1 ABRACON-AOCJY1 Datasheet
2Mb / 3P
   OVEN CONTROLLED CRYSTAL OSCILLATOR
05.18.11
logo
MICORO CRYSTAL SWITZERL...
OCXOVST MICROCRYSTAL-OCXOVST Datasheet
77Kb / 2P
   Oven Controlled Crystal Oscillator
logo
Vectron International, ...
OX-2800-BAE-108 VECTRON-OX-2800-BAE-108 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
OX-4000-DAE-108 VECTRON-OX-4000-DAE-108 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
OX-405 VECTRON-OX-405_12 Datasheet
752Kb / 5P
   Oven Controlled Crystal Oscillator
logo
SYNERGY MICROWAVE CORPO...
OXO100-1-412 SYNERGY-OXO100-1-412 Datasheet
892Kb / 2P
   OVEN CONTROLLED CRYSTAL OSCILLATOR
logo
Microsemi Corporation
OX-501 MICROSEMI-OX-501 Datasheet
440Kb / 4P
   Oven Controlled Crystal Oscillator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com