Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OX-501 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # OX-501
Description  Oven Controlled Crystal Oscillator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

OX-501 Datasheet(HTML) 1 Page - Vectron International, Inc

  OX-501_14 Datasheet HTML 1Page - Vectron International, Inc OX-501_14 Datasheet HTML 2Page - Vectron International, Inc OX-501_14 Datasheet HTML 3Page - Vectron International, Inc OX-501_14 Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Vectron International • 267 Lowell Road, Hudson Suite 102, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page 1 of 7
OX-501
Oven Controlled Crystal Oscillator
• 6-Pin SMD package
• Fast warm-up
• Frequency Range, 10 MHz to 40 MHz
• Standard freq: 10, 12.8, 16.384, 19.2, 20, 24.576, 25, 26,
MHz,
• Base stations
• Test equipment
• Femto base station
• Military communication equipment
Features
Applications
OX-501
Frequency Stabilities1 10 to 40 MHz
Parameter
Min
Typical
Max
Units
Condition
vs. operating temperature range
(referenced to +25°C)
-20
-20
+20
+20
ppb
ppb
-20 to +70°C
-40 to +85°C
slope
-2
+2
ppb/°C
@ Temp stab. +-10ppb
Initial tolerance
vs. supply voltage change
vs. load change
vs. aging / day
vs. aging / year
vs. aging / 10 years
-0.5
-20
-30
-5
500
+0.5
+20
+30
+5
+500
ppm
ppb
ppb
ppb
ppb
at time of shipment, nominal EFC
V
S ±5% static
Load ±5% static
after 30 days of operation
after 30 days of operation
after 30 days of operation
Holdover
Start up time
Warm-up time
3
minutes
to ±200ppb of final frequency (1 hour reading)
@ +25°C
Performance Specifications


Similar Part No. - OX-501_14

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
OX-501 VECTRON-OX-501_12 Datasheet
633Kb / 4P
   Oven Controlled Crystal Oscillator
More results

Similar Description - OX-501_14

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
OCXO-131A KSS-OCXO-131A Datasheet
66Kb / 1P
   Oven Controlled Crystal Oscillator
logo
Vectron International, ...
OX-400 VECTRON-OX-400_12 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
DX-040 VECTRON-DX-040_12 Datasheet
347Kb / 4P
   Oven Controlled Crystal Oscillator
logo
Vanlong Technology Co.,...
CO600 VANLONG-CO600_13 Datasheet
43Kb / 1P
   Oven Controlled Crystal Oscillator
logo
Abracon Corporation
AOCJY1 ABRACON-AOCJY1 Datasheet
2Mb / 3P
   OVEN CONTROLLED CRYSTAL OSCILLATOR
05.18.11
logo
MICORO CRYSTAL SWITZERL...
OCXOVST MICROCRYSTAL-OCXOVST Datasheet
77Kb / 2P
   Oven Controlled Crystal Oscillator
logo
Vectron International, ...
OX-2800-BAE-108 VECTRON-OX-2800-BAE-108 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
OX-4000-DAE-108 VECTRON-OX-4000-DAE-108 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
OX-405 VECTRON-OX-405_12 Datasheet
752Kb / 5P
   Oven Controlled Crystal Oscillator
logo
SYNERGY MICROWAVE CORPO...
OXO100-1-412 SYNERGY-OXO100-1-412 Datasheet
892Kb / 2P
   OVEN CONTROLLED CRYSTAL OSCILLATOR
logo
Microsemi Corporation
OX-501 MICROSEMI-OX-501 Datasheet
440Kb / 4P
   Oven Controlled Crystal Oscillator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com