Electronic Components Datasheet Search |
|
MAX393EUE Datasheet(PDF) 1 Page - Maxim Integrated Products |
|
MAX393EUE Datasheet(HTML) 1 Page - Maxim Integrated Products |
1 / 12 page General Description The MAX391/MAX392/MAX393 are precision, quad, single-pole/single-throw (SPST) analog switches designed to operate at +3V, +5V, or ±5V. The MAX391 has four normally closed (NC) switches, and the MAX392 has four normally open (NO) switches. The MAX393 has two NO and two NC switches. All three devices offer low leakage (100pA max) and fast switch- ing speeds (tON ≤ 130ns, tOFF ≤ 75ns). Power con- sumption is just 1µW—ideal for battery-operated equip- ment. All devices operate from a single +3V to +15V supply or from dual ±3.0V to ±8V supplies. With ±5V supplies, the MAX391/MAX392/MAX393 offer guaranteed 2 Ω max channel-to-channel matching, 30Ω max on-resistance (RON), and 4 Ω max RON flatness over the specified range. These switches are also fully specified for single +5V operation, with 2 Ω max RON match, 60Ω max RON, and 6 Ω max flatness. These low-voltage switches also offer 5pC max charge injection, and ESD protection is greater than 2000V, per method 3015.7. ________________________Applications Battery-Operated Systems Sample-and-Hold Circuits Heads-Up Displays Guidance and Control Systems Audio and Video Switching Military Radios Test Equipment Communications Systems ±5V DACs and ADCs PBX, PABX Features o Low On-Resistance, 20Ω Typical o Guaranteed On-Resistance Match Between Channels, <2 Ω o Guaranteed On-Resistance Flatness Over Signal Range, 4 Ω Max o Guaranteed Charge Injection, <5pC o Improved Leakage Over Temperature, <2.5nA at +85°C o Electrostatic Discharge >2000V per Method 3015.7 o Single-Supply Operation (+3V to +15V) Bipolar-Supply Operation (±3V to ±8V) o Low Power Consumption, <1µW o TTL/CMOS-Logic Compatible Ordering Information Precision, Quad, SPST Analog Switches ________________________________________________________________ Maxim Integrated Products 1 SWITCHES SHOWN FOR LOGIC "0" INPUT DIP/SO/TSSOP MAX392 LOGIC SWITCH 0 1 OFF ON TOP VIEW DIP/SO/TSSOP MAX391 LOGIC SWITCH 0 1 ON OFF DIP/SO/TSSOP MAX393 LOGIC SWITCHES 1, 4 0 1 OFF ON SWITCHES 2, 3 ON OFF 16 15 14 13 12 11 10 9 1 2 3 4 5 6 7 8 IN2 COM2 NC2 V+ V- NO1 COM1 IN1 MAX393 N.C. NC3 COM3 IN3 IN4 COM4 NO4 GND 16 15 14 13 12 11 10 9 1 2 3 4 5 6 7 8 IN2 COM2 NC2 V+ V- NC1 COM1 IN1 MAX391 N.C. NC3 COM3 IN3 IN4 COM4 NC4 GND 16 15 14 13 12 11 10 9 1 2 3 4 5 6 7 8 IN2 COM2 NO2 V+ V- NO1 COM1 IN1 MAX392 N.C. NO3 COM3 IN3 IN4 COM4 NO4 GND N.C. = NO CONNECT _____________________Pin Configurations/Functional Diagrams/Truth Tables For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800. For small orders, phone 1-800-835-8769. 19-0236; Rev 1; 6/99 Ordering Information continued at end of data sheet. * Contact factory for dice specifications. ** Contact factory for availability and processing to MIL-STD-883. 16 TSSOP -40°C to +85°C MAX391EUE 16 Narrow SO -40°C to +85°C MAX391ESE 16 Plastic DIP -40°C to +85°C MAX391EPE 16 Narrow SO 0°C to +70°C MAX391CSE 16 Plastic DIP 0°C to +70°C MAX391CPE PIN-PACKAGE TEMP. RANGE PART 16 TSSOP 0°C to +70°C MAX391CUE Dice* 0°C to +70°C MAX391C/D |
Similar Part No. - MAX393EUE |
|
Similar Description - MAX393EUE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |