Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX408 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX408
Description  Single/Dual/Quad High-Speed, Fast-Settling, High Output Current Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX408 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX408 Datasheet HTML 1Page - Maxim Integrated Products MAX408 Datasheet HTML 2Page - Maxim Integrated Products MAX408 Datasheet HTML 3Page - Maxim Integrated Products MAX408 Datasheet HTML 4Page - Maxim Integrated Products MAX408 Datasheet HTML 5Page - Maxim Integrated Products MAX408 Datasheet HTML 6Page - Maxim Integrated Products MAX408 Datasheet HTML 7Page - Maxim Integrated Products MAX408 Datasheet HTML 8Page - Maxim Integrated Products MAX408 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Single/Dual/Quad High-Speed, Fast-Settling,
High Output Current Operational Amplifier
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—MAX408
(VS = ±5V, TA = +25°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: Not tested, guaranteed by design.
Supply Voltages.....................................................................+6V
Differential Input Voltage .......................................................+9V
Common Mode Input Voltage .......................................|Vs| -0.5V
Output Short Circuit Current Duration ...........................Indefinite
Continuous Power Dissipation (TA = +70°C)
8-Pin Plastic DIP (derate 9.09mW/°C above +70°C) ....727mW
8-Pin SO (derate 5.88mW/°C above +70°C).................471mW
14-Pin Plastic DIP
(derate 10.00mW/°C above +70°C) .........................800mW
14-Pin SO (derate 8.33mW/°C above +70°C)...............667mW
Operating Temperature Range
Commercial (MAX4_8AC/C) ................................0°C to +70°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (Soldering, 60 seconds)...................+300° C
0°C
≤ TA ≤ 70°C
TA = 25°C
0°C
≤ TA ≤ 70°C
To ±0.1% (±4mV) of
Final Value (Figure 1)
(Note 1)
10–90% of Leading
Edge (Figure 1)
VOUT = ±3V, RL = 2k
BW = 10Hz to 100kHz
∆VPS = ±0.5V
VCM = ±2V
TA = 25°C
0°C
≤ TA ≤ 70°C
(Note 1)
(Note 1)
RL = 2kΩ
RL = 150Ω
CONDITIONS
MHz
100
GBW
Gain Bandwidth Product
ns
150
200
tS
Settling Time
V/µS
60
90
SR
Slew Rate (Note 1)
dB
60
66
PSRR
Power Supply Rejection Ratio
dB
60
70
CMRR
Common Mode Rejection Ratio
mA
710
IS
Power Supply Current
V
±3.5
±2.0
±2.4
VOUT
Output Voltage Swing
nA
650
1100
IB
Input Bias Current
µV/°C
20
∆VOS/∆T
mV
512
816
VOS
Input Offset Voltage
Average Offset Voltage Drift
V/mV
25
AV
Open Loop Voltage Gain
µVRMS
12
eN
Input Voltage Noise
pF
3
CINC
Common Mode Input
Capacitance
pF
2
CIND
Differential Input Capacitance
nA
35
120
70
200
IOS
Input Offset Current
V
+3
+3.5
-4
-4.5
VCM
Input Common Mode Range
M
310
RIND
Differential Input Resistance
M
48
RINC
Common Mode Input
Resistance
UNITS
MAX408C
SYMBOL
PARAMETER
100
150
200
60
90
60
66
60
70
710
±3.5
±2.5
±2.7
650
1100
20
36
510
510
12
3
2
35
120
70
200
+3
+3.5
-4
-4.5
310
48
MAX408AC
MIN
TYP
MAX
MIN
TYP
MAX


Similar Part No. - MAX408

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4080 MAXIM-MAX4080 Datasheet
410Kb / 15P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
19-2562; Rev 0; 10/02
MAX4080 MAXIM-MAX4080 Datasheet
398Kb / 16P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 1; 11/08
MAX4080 MAXIM-MAX4080 Datasheet
320Kb / 14P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 3; 5/10
MAX4080 MAXIM-MAX4080 Datasheet
330Kb / 14P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 4; 7/11
MAX4080 MAXIM-MAX4080 Datasheet
106Kb / 5P
   Real-Time Current Monitoring
Rev 0; 12/07
More results

Similar Description - MAX408

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP42GSZ AD-OP42GSZ Datasheet
601Kb / 14P
   High Speed Fast Settling Precision Operational Amplifier
OP-42 AD-OP-42 Datasheet
596Kb / 14P
   HIGH SPEED, FAST SETTLING PRECISION OPERATIONAL AMPLIFIER
OP42 AD-OP42_15 Datasheet
604Kb / 14P
   High Speed Fast Settling Precision Operational Amplifier
OP42AJ AD-OP42AJ Datasheet
601Kb / 14P
   High Speed Fast Settling Precision Operational Amplifier
logo
National Semiconductor ...
LH4105 NSC-LH4105 Datasheet
214Kb / 6P
   PRECISION FAST SETTLING HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Texas Instruments
LM7372 TI1-LM7372 Datasheet
1Mb / 26P
[Old version datasheet]   High Speed, High Output Current, Dual Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40166 ZARLINK-ZL40166 Datasheet
723Kb / 33P
   High Output Current High Speed Dual Operational Amplifier
ZL40167 ZARLINK-ZL40167 Datasheet
818Kb / 32P
   High Output Current High Speed Dual Operational Amplifier
logo
National Semiconductor ...
LM7372 NSC-LM7372 Datasheet
417Kb / 15P
   High Speed, High Output Current, Dual Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40162 ZARLINK-ZL40162 Datasheet
598Kb / 32P
   High Output Current High Speed Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com