Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4074__ESA Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4074__ESA
Description  Micropower, SOT23, Rail-to-Rail, Fixed-Gain, GainAmp/Open-Loop Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4074__ESA Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4074__ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4074__ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4074__ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4074__ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4074__ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4074__ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4074__ESA Datasheet HTML 12Page - Maxim Integrated Products MAX4074__ESA Datasheet HTML 13Page - Maxim Integrated Products MAX4074__ESA Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Micropower, SOT23, Rail-to-Rail,
Fixed-Gain, GainAmp/Open-Loop Op Amps
10
______________________________________________________________________________________
Pin Description
_______________Detailed Description
Maxim’s GainAmp fixed-gain amplifiers combine a low-
cost rail-to-rail op amp with internal gain-setting resis-
tors. Factory-trimmed on-chip resistors provide 0.1%
gain accuracy while decreasing design size, cost, and
layout. There are two versions in this amplifier family:
single/dual/quad open-loop, unity-gain-stable devices
(MAX4076/MAX4077/MAX4078), and single/dual fixed-
gain devices (MAX4074/MAX4075). All amplifiers fea-
ture rail-to-rail outputs and drive a 10k
Ω load while
maintaining excellent DC accuracy.
Open-Loop Op Amps
The single/dual/quad MAX4076/MAX4077/MAX4078 are
low-power, open-loop op amps with rail-to-rail outputs.
These devices are compensated for unity-gain stability
and feature a GBW product of 230kHz. The common-
mode range extends from 150mV below the negative
rail to within 1.2V of the positive rail. These high-perfor-
mance op amps serve as the core for this family of
GainAmp fixed-gain amplifiers. Although the -3dB band-
width will not correspond to that of a fixed-gain amplifier
in higher gain configurations, these open-loop op amps
can be used to prototype designs.
Internal Gain-Setting Resistors
Maxim’s proprietary laser trimming techniques allow
RF/RG values (Figure 1) that produce many different
gain configurations. These GainAmp fixed-gain ampli-
fiers feature a negative-feedback resistor network that
is laser trimmed to provide a gain-setting feedback
ratio (RF/RG) with 0.1% typical accuracy. The standard
op amp pinouts allow the GainAmp fixed-gain ampli-
fiers to plug directly into existing board designs, easily
replacing op amps-plus-resistor gain blocks.
OUT
AV =
-RF
RG
RG
RF
IN-
IN+
VCC
VEE
AV = 1 +
RF
RG
Figure 1. Internal Gain-Setting Resistors
FUNCTION
Positive Supply
VCC
5
No Connection. Not internally connected.
N.C.
Inverting Amplifier Input
IN_-
4
Noninverting Amplifier Input
IN_+
3
Negative Supply or Ground
VEE
2
Amplifier Output
OUT_
1
7
1, 5, 8
2
3
4
6
8
2, 6
3, 5
4
1, 7
4
2, 6, 9, 13
3, 5, 10, 12
11
1, 7, 8, 14
MAX4075
MAX4077
MAX4078
µMAX/SO
SO/TSSOP
SOT23
NAME
SO
PIN
MAX4074/MAX4076


Similar Part No. - MAX4074__ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX407 MAXIM-MAX407 Datasheet
581Kb / 16P
   1.2關A Max, Single/Dual/Quad, Single-Supply Op Amps
19-4739; Rev 2; 7/93
MAX407 MAXIM-MAX407 Datasheet
6Mb / 17P
   1.2μA Max, Single/Dual/Quad, Single-Supply Op Amps
Rev 3; 10/08
MAX407 MAXIM-MAX407 Datasheet
7Mb / 16P
   Single/Dual/Quad, Single-Supply Op Amps
Rev 4; 4/09
MAX4070 MAXIM-MAX4070 Datasheet
472Kb / 16P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
19-2423; Rev 2; 1/03
MAX4070 MAXIM-MAX4070 Datasheet
381Kb / 18P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
Rev 3; 11/08
More results

Similar Description - MAX4074__ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4284 MAXIM-MAX4284 Datasheet
307Kb / 20P
   SOT23, Rail-to-Rail, Fixed-Gain GainAmps/Open-Loop Op Amps
Rev 3; 8/99
MAX4174 MAXIM-MAX4174 Datasheet
298Kb / 20P
   SOT23, Rail-to-Rail, Fixed-Gain GainAmps/Open-Loop Op Amps
Rev 3; 8/99
MAX4162 MAXIM-MAX4162 Datasheet
152Kb / 12P
   SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps
Rev 0; 4/97
MAX4040 MAXIM-MAX4040 Datasheet
199Kb / 16P
   Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps
19-1377; Rev 0; 5/98
MAX4040 MAXIM-MAX4040_V01 Datasheet
384Kb / 16P
   Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps
2005
logo
Analog Devices
OP191 AD-OP191_06 Datasheet
605Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. D
OP191 AD-OP191_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP491 AD-OP491_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP291 AD-OP291_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP191 AD-OP191 Datasheet
479Kb / 20P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com