Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4041EUA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4041EUA
Description  Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4041EUA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4041EUA Datasheet HTML 1Page - Maxim Integrated Products MAX4041EUA Datasheet HTML 2Page - Maxim Integrated Products MAX4041EUA Datasheet HTML 3Page - Maxim Integrated Products MAX4041EUA Datasheet HTML 4Page - Maxim Integrated Products MAX4041EUA Datasheet HTML 5Page - Maxim Integrated Products MAX4041EUA Datasheet HTML 6Page - Maxim Integrated Products MAX4041EUA Datasheet HTML 7Page - Maxim Integrated Products MAX4041EUA Datasheet HTML 8Page - Maxim Integrated Products MAX4041EUA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Single/Dual/Quad, Low-Cost, SOT23,
Micropower, Rail-to-Rail I/O Op Amps
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—TA = +25°C
(VCC = +5.0V, VEE = 0, VCM = 0, VOUT = VCC / 2, SHDN = VCC, RL = 100kΩ tied to VCC / 2, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC to VEE)..................................................+6V
All Other Pins ...................................(VCC + 0.3V) to (VEE - 0.3V)
Output Short-Circuit Duration to VCC or VEE ..............Continuous
Continuous Power Dissipation (TA = +70°C)
5-Pin SOT23 (derate 7.1mW/°C above +70°C).............571mW
8-Pin µMAX (derate 4.1mW/°C above +70°C) ..............330mW
8-Pin SO (derate 5.88mW/°C above +70°C).................471mW
10-Pin µMAX (derate 5.6mW/°C above +70°C) ...........444mW
14-Pin SO (derate 8.33mW/°C above +70°C)..............667mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
14
20
VCC = 5.0V
VEE ≤ VCM ≤ VCC
Input Offset Current
IOS
±0.5
±3.0
nA
VEE ≤ VCM ≤ VCC
VIN+ - VIN- < 1.0V
Differential Input
Resistance
RIN(DIFF)
45
M
2.0
5.0
VIN+ - VIN- > 2.5V
SHDN = VEE, MAX4041
and MAX4043 only
Large-Signal
Voltage Gain
Shutdown Supply
Current per Amplifier
ICC(SHDN)
1.0
Supply-Voltage Range
VCC
2.4
5.5
V
Inferred from PSRR test
Output Voltage
Swing High
4.4
k
VOH
Inferred from the CMRR test
mV
AVOL
dB
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Supply Current
per Amplifier
ICC
10
µA
94
VCC = 2.4V
10
Specified as
VCC - VOH
Power-Supply
Rejection Ratio
PSRR
dB
(VEE + 0.2V) ≤ VOUT ≤ (VCC - 0.2V)
60
90
74
85
Output Voltage
Swing Low
Input Common-Mode
Voltage Range
RL = 100kΩ
RL = 25kΩ
RL = 100kΩ
RL = 25kΩ
µA
VCM
VEE
VCC
V
2.4V
≤ VCC ≤ 5.5V
75
85
VCC = 2.4V
VOL
mV
10
Specified as
VEE - VOL
Input Bias Current
IB
±2
±10
nA
40
60
RL = 100kΩ
RL = 25kΩ
Output Short-Circuit
Current
IOUT(SC)
mA
0.7
Sourcing
2.5
Channel-to-Channel
Isolation
Sinking
dB
CONDITIONS
80
Specified at DC, MAX4042/MAX4043/MAX4044 only
VCC = 5.0V
±0.20
±2.0
VOS
Input Offset Voltage
mV
±0.25
±2.5
VEE ≤ VCM ≤ VCC
70
94
dB
CMRR
Common-Mode
Rejection Ratio
MAX404_EU_
All other packages
65
94
VEE ≤ VCM ≤ VCC
MAX4044ESD
MAX404_EU_
All other packages
mV
±0.20
±1.50


Similar Part No. - MAX4041EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4041EUA MAXIM-MAX4041EUA Datasheet
384Kb / 16P
   Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps
2005
More results

Similar Description - MAX4041EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4040 MAXIM-MAX4040_V01 Datasheet
384Kb / 16P
   Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps
2005
MAX4322 MAXIM-MAX4322 Datasheet
226Kb / 12P
   Single/Dual/Quad, Low-Cost, SOT23, Low-Power, Rail-to-Rail I/O Op Amps
Rev 2a; 12/99
MAX4162 MAXIM-MAX4162 Datasheet
152Kb / 12P
   SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps
Rev 0; 4/97
MAX4091 MAXIM-MAX4091 Datasheet
514Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
19-2272; Rev 0; 1/02
MAX492 MAXIM-MAX492 Datasheet
230Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply Rail-to-Rail Op Amps
Rev 2; 9/96
MAX4162 MAXIM-MAX4162_09 Datasheet
304Kb / 14P
   UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
Rev 2; 5/09
MAX4162 MAXIM-MAX4162_V01 Datasheet
2Mb / 13P
   UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
2019
MAX4484 MAXIM-MAX4484 Datasheet
367Kb / 12P
   Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
Rev 0; 10/00
MAX4484 MAXIM-MAX4484_V01 Datasheet
1Mb / 8P
   Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
2020
MAX4162 MAXIM-MAX4162_10 Datasheet
329Kb / 13P
   UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
Rev 3; 1/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com