Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4016 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4016
Description  Low-Cost, High-Speed, SOT23, Single-Supply Op Amps with Rail-to-Rail Outputs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4016 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4016 Datasheet HTML 4Page - Maxim Integrated Products MAX4016 Datasheet HTML 5Page - Maxim Integrated Products MAX4016 Datasheet HTML 6Page - Maxim Integrated Products MAX4016 Datasheet HTML 7Page - Maxim Integrated Products MAX4016 Datasheet HTML 8Page - Maxim Integrated Products MAX4016 Datasheet HTML 9Page - Maxim Integrated Products MAX4016 Datasheet HTML 10Page - Maxim Integrated Products MAX4016 Datasheet HTML 11Page - Maxim Integrated Products MAX4016 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Low-Cost, High-Speed, SOT23, Single-Supply
Op Amps with Rail-to-Rail Outputs
8
_______________________________________________________________________________________
70
50
60
40
30
20
LOAD RESISTANCE (
Ω)
0
200
400
600
800
1k
OPEN-LOOP GAIN
vs. LOAD RESISTANCE
400
350
300
250
150
50
100
200
0
LOAD RESISTANCE (
Ω)
100
0
200
500
400
300
600
CLOSED-LOOP BANDWIDTH
vs. LOAD RESISTANCE
10
-90
100k
10M
100M
1M
OFF ISOLATION vs. FREQUENCY
-80
FREQUENCY (Hz)
-70
-60
-50
-40
-30
-20
-10
0
7
6
4
5
3
TEMPERATURE (°C)
-25
-50
0
75
50
25
100
SUPPLY CURRENT
vs. TEMPERATURE
10
8
6
4
2
0
SUPPLY VOLTAGE (V)
4
3
5
6
7
8
9
10
11
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
6.0
5.5
4.5
5.0
4.0
TEMPERATURE (°C)
-25
-50
0
75
50
25
100
INPUT BIAS CURRENT
vs. TEMPERATURE
0.20
0.16
0.12
0.04
0.08
0
TEMPERATURE (°C)
-25
-50
0
75
50
25
100
INPUT OFFSET CURRENT
vs. TEMPERATURE
5
4
3
1
2
0
TEMPERATURE (°C)
-25
-50
0
75
50
25
100
INPUT OFFSET VOLTAGE
vs. TEMPERATURE
5.0
4.8
4.6
4.2
4.4
4.0
TEMPERATURE (°C)
-25
-50
0
75
50
25
100
OUTPUT VOLTAGE SWING
vs. TEMPERATURE
RL = 150Ω TO VCC / 2
____________________________Typical Operating Characteristics (continued)
(VCC = +5V, VEE = 0V, AVCL = +1, RF = 24Ω, RL = 100Ω to VCC / 2, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX4016

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX40108 MAXIM-MAX40108 Datasheet
404Kb / 7P
   Accommodates Multiple Op Amp Configurations
319-100550; Rev 0; 6/20
MAX40108EVKIT MAXIM-MAX40108EVKIT Datasheet
404Kb / 7P
   Accommodates Multiple Op Amp Configurations
319-100550; Rev 0; 6/20
MAX40108EVKIT# MAXIM-MAX40108EVKIT# Datasheet
404Kb / 7P
   Accommodates Multiple Op Amp Configurations
319-100550; Rev 0; 6/20
logo
Analog Devices
MAX40109 AD-MAX40109 Datasheet
1Mb / 59P
   Precision Signal Conditioning AFE for Pressure Sensor Applications
Rev 0; 12/23
MAX40109IATP++ AD-MAX40109IATP+ Datasheet
1Mb / 59P
   Precision Signal Conditioning AFE for Pressure Sensor Applications
Rev 0; 12/23
More results

Similar Description - MAX4016

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4450 MAXIM-MAX4450_09 Datasheet
471Kb / 15P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 4; 11/09
MAX4450 MAXIM-MAX4450 Datasheet
456Kb / 12P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 2; 1/00
MAX4249 MAXIM-MAX4249 Datasheet
238Kb / 16P
   SOT23, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
19-1295; Rev 2; 4/98
logo
Analog Devices
ADA4851-2 AD-ADA4851-2_15 Datasheet
636Kb / 25P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
ADA4851-1 AD-ADA4851-1_07 Datasheet
487Kb / 20P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. E
ADA4851-1 AD-ADA4851-1 Datasheet
399Kb / 20P
   Low Cost, High Speed, Rail-to-Rail Output Op Amps
REV. C
ADA4851-1 AD-ADA4851-1_15 Datasheet
636Kb / 25P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
ADA4851-1 AD-ADA4851-1_06 Datasheet
451Kb / 20P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. D
ADA4851-2 AD-ADA4851-2 Datasheet
432Kb / 24P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
ADA4851-4 AD-ADA4851-4_15 Datasheet
636Kb / 25P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com