Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX392CPE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX392CPE
Description  Precision, Quad, SPST Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX392CPE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX392CPE Datasheet HTML 4Page - Maxim Integrated Products MAX392CPE Datasheet HTML 5Page - Maxim Integrated Products MAX392CPE Datasheet HTML 6Page - Maxim Integrated Products MAX392CPE Datasheet HTML 7Page - Maxim Integrated Products MAX392CPE Datasheet HTML 8Page - Maxim Integrated Products MAX392CPE Datasheet HTML 9Page - Maxim Integrated Products MAX392CPE Datasheet HTML 10Page - Maxim Integrated Products MAX392CPE Datasheet HTML 11Page - Maxim Integrated Products MAX392CPE Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Precision, Quad, SPST Analog Switches
10
______________________________________________________________________________________
__Ordering Information (continued)
___________________Chip Topography
COM3
0.102"
(2.59mm)
0.067"
(1.70mm)
V-
IN4
IN3
V+
COM1 IN1
IN2 COM2
"A"
"D"
"C"
"B"
GND
COM4
* Contact factory for dice specifications.
** Contact factory for availability and processing to MIL-STD-883B.
TRANSISTOR COUNT: 76
SUBSTRATE CONNECTED TO V+
A
B
C
D
A
B
C
D
A
B
C
D
MAX391
MAX392
MAX393
PIN
NAME
NAME
NAME
PIN
PIN
NC1
NC4
NC3
NC2
NO1
NO4
NO3
NO2
NO1
NO4
NC3
NC2
16 CERDIP**
-55°C to +125°C
MAX392MJE
16 TSSOP
-40°C to +85°C
MAX392EUE
16 Narrow SO
-40°C to +85°C
MAX392ESE
16 Plastic DIP
-40°C to +85°C
MAX392EPE
Dice*
0°C to +70°C
MAX392C/D
16 Narrow SO
0°C to +70°C
MAX392CSE
PIN-PACKAGE
TEMP. RANGE
PART
MAX393CPE
0°C to +70°C
16 Plastic DIP
MAX393CSE
0°C to +70°C
16 Narrow SO
MAX393C/D
0°C to +70°C
Dice*
MAX393EPE
-40°C to +85°C
16 Plastic DIP
MAX393ESE
-40°C to +85°C
16 Narrow SO
MAX393EJE
-40°C to +85°C
16 CERDIP
MAX393MJE
-55°C to +125°C
16 CERDIP**
16 Plastic DIP
0°C to +70°C
MAX392CPE
16 CERDIP
-40°C to +85°C
MAX391EJE
16 TSSOP
0°C to +70°C
MAX392CUE
16 CERDIP
-40°C to +85°C
MAX392EJE
MAX393CUE
0°C to +70°C
16 TSSOP
16 CERDIP**
-55°C to +125°C
MAX391MJE
MAX393EUE
-40°C to +85°C
16 TSSOP


Similar Part No. - MAX392CPE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX39 AD-MAX39 Datasheet
6Mb / 29P
   MAX30009EVKIT# Evaluation Kit
319-100859; Rev 1; 07/22
logo
Maxim Integrated Produc...
MAX3901 MAXIM-MAX3901 Datasheet
624Kb / 13P
   150Mbps Automotive Fiber Optic Receivers
Rev 1; 7/04
MAX3905 MAXIM-MAX3905 Datasheet
1Mb / 13P
   150Mbps Automotive VCSEL Driver
Rev 0; 4/04
MAX3905/D MAXIM-MAX3905/D Datasheet
1Mb / 13P
   150Mbps Automotive VCSEL Driver
Rev 0; 4/04
MAX391 MAXIM-MAX391 Datasheet
381Kb / 13P
   Precision, Quad, SPST Analog Switches
Rev 3; 8/06
More results

Similar Description - MAX392CPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX364 MAXIM-MAX364_04 Datasheet
357Kb / 13P
   Precision, Quad, SPST Analog Switches
Rev 2; 6/04
logo
Pericom Semiconductor C...
PS391ESE PERICOM-PS391ESE Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX361 MAXIM-MAX361 Datasheet
99Kb / 8P
   Precision, Quad, SPST Analog Switches
Rev 0; 9/93
logo
Pericom Semiconductor C...
PS391 PERICOM-PS391 Datasheet
270Kb / 12P
   Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX351 MAXIM-MAX351_V01 Datasheet
457Kb / 13P
   Precision, Quad, SPST Analog Switches
19-0212; Rev 2; 9/01
MAX364 MAXIM-MAX364_01 Datasheet
334Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 9/01
logo
Pericom Semiconductor C...
PS391ESEE PERICOM-PS391ESEE Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX361 MAXIM-MAX361_V01 Datasheet
185Kb / 10P
   Precision, Quad, SPST Analog Switches
19-0180; Rev 2; 6/04
MAX351 MAXIM-MAX351 Datasheet
101Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 4/94
MAX364 MAXIM-MAX364 Datasheet
89Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 0; 9/93
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com