Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4051ACPE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4051ACPE
Description  Low-Voltage, CMOS Analog Multiplexers/Switches
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4051ACPE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4051ACPE Datasheet HTML 1Page - Maxim Integrated Products MAX4051ACPE Datasheet HTML 2Page - Maxim Integrated Products MAX4051ACPE Datasheet HTML 3Page - Maxim Integrated Products MAX4051ACPE Datasheet HTML 4Page - Maxim Integrated Products MAX4051ACPE Datasheet HTML 5Page - Maxim Integrated Products MAX4051ACPE Datasheet HTML 6Page - Maxim Integrated Products MAX4051ACPE Datasheet HTML 7Page - Maxim Integrated Products MAX4051ACPE Datasheet HTML 8Page - Maxim Integrated Products MAX4051ACPE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
_______________General Description
The MAX4051/MAX4052/MAX4053 and MAX4051A/
MAX4052A/MAX4053A are low-voltage, CMOS analog
ICs configured as an 8-channel multiplexer (MAX4051/A),
two 4-channel multiplexers (MAX4052/A), and three sin-
gle-pole/double-throw (SPDT) switches (MAX4053/A).
The A-suffix parts are fully characterized for on-resistance
match, on-resistance flatness, and low leakage.
These CMOS devices can operate continuously with
dual power supplies ranging from ±2.7V to ±8V or a
single supply between +2.7V and +16V. Each switch
can handle rail-to-rail analog signals. The off leakage
current is only 0.1nA at +25°C or 5nA at +85°C
(MAX4051A/MAX4052A/4053A).
All digital inputs have 0.8V to 2.4V logic thresholds,
ensuring TTL/CMOS-logic compatibility when using
±5V or a single +5V supply.
________________________Applications
Battery-Operated Equipment
Audio and Video Signal Routing
Low-Voltage Data-Acquisition Systems
Communications Circuits
____________________________Features
o Pin Compatible with Industry-Standard
74HC4051/74HC4052/74HC4053
o Guaranteed On-Resistance:
100
Ω with ±5V Supplies
o Guaranteed Match Between Channels:
6
Ω (MAX4051A–MAX4053A)
12
Ω (MAX4051–MAX4053)
o Guaranteed Low Off Leakage Currents:
0.1nA at +25°C (MAX4051A–MAX4053A)
1nA at +25°C (MAX4051–MAX4053)
o Guaranteed Low On Leakage Currents:
0.1nA at +25°C (MAX4051A–MAX4053A)
1nA at +25°C (MAX4051–MAX4053)
o Single-Supply Operation from +2.0V to +16V
Dual-Supply Operation from ±2.7V to ±8V
o TTL/CMOS-Logic Compatible
o Low Distortion: < 0.04% (600
Ω)
o Low Crosstalk: < -90dB (50
Ω)
o High Off Isolation: < -90dB (50
Ω)
Low-Voltage, CMOS Analog
Multiplexers/Switches
________________________________________________________________
Maxim Integrated Products
1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
V+
NO2
NO4
NO0
NO6
ADDC
ADDB
ADDA
NO1
NO3
COM
NO7
NO5
INH
V-
GND
TOP VIEW
MAX4051
DIP/SO/QSOP
LOGIC
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
V+
COMB
COMC
NOC
NCC
ADDC
ADDB
ADDA
NOB
NCB
NOA
COMA
NCA
INH
V-
GND
MAX4053
DIP/SO/QSOP
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
V+
NO1A
NO2A
COMA
NO0A
NO3A
ADDB
ADDA
NO0B
NO1B
COMB
NO3B
NO2B
INH
V-
GND
MAX4052
DIP/SO/QSOP
LOGIC
___________________________________Pin Configurations/Functional Diagrams
19-0463; Rev 0; 1/96
PART
MAX4051ACPE
MAX4051ACSE
MAX4051ACEE
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
16 Plastic DIP
16 Narrow SO
16 QSOP
______________Ordering Information
Ordering Information continued at end of data sheet.
Call toll free 1-800-998-8800, or visit our WWW site at http://www.maxim-ic.com
for free samples or the latest literature.


Similar Part No. - MAX4051ACPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4051ACPE MAXIM-MAX4051ACPE Datasheet
368Kb / 19P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 2; 10/05
MAX4051ACPE MAXIM-MAX4051ACPE Datasheet
368Kb / 19P
   Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 2; 10/05
More results

Similar Description - MAX4051ACPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4581 MAXIM-MAX4581 Datasheet
253Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 10/99
MAX4581 MAXIM-MAX4581_12 Datasheet
198Kb / 17P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 6; 3/12
MAX4581 MAXIM-MAX4581_05 Datasheet
553Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 4; 8/05
MAX4581 MAXIM-MAX4581_07 Datasheet
519Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 5; 6/07
MAX4581L MAXIM-MAX4581L_07 Datasheet
304Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4581L MAXIM-MAX4581L Datasheet
381Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 8/03
MAX4583LEEE MAXIM-MAX4583LEEE Datasheet
310Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4052AESE-T MAXIM-MAX4052AESE-T Datasheet
368Kb / 19P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 2; 10/05
MAX4051 MAXIM-MAX4051_V01 Datasheet
368Kb / 19P
   Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 2; 10/05
MAX4581L MAXIM-MAX4581L_V01 Datasheet
1Mb / 13P
   Low-Voltage, CMOS Analog Multiplexers/Switches
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com