Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX393EJE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX393EJE
Description  Precision, Quad, SPST Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX393EJE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX393EJE Datasheet HTML 1Page - Maxim Integrated Products MAX393EJE Datasheet HTML 2Page - Maxim Integrated Products MAX393EJE Datasheet HTML 3Page - Maxim Integrated Products MAX393EJE Datasheet HTML 4Page - Maxim Integrated Products MAX393EJE Datasheet HTML 5Page - Maxim Integrated Products MAX393EJE Datasheet HTML 6Page - Maxim Integrated Products MAX393EJE Datasheet HTML 7Page - Maxim Integrated Products MAX393EJE Datasheet HTML 8Page - Maxim Integrated Products MAX393EJE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX391/MAX392/MAX393 are precision, quad,
single-pole/single-throw (SPST) analog switches
designed to operate at +3V, +5V, or ±5V. The MAX391
has four normally closed (NC) switches, and the
MAX392 has four normally open (NO) switches. The
MAX393 has two NO and two NC switches. All three
devices offer low leakage (100pA max) and fast switch-
ing speeds (tON
≤ 130ns, tOFF ≤ 75ns). Power con-
sumption is just 1µW—ideal for battery-operated equip-
ment. All devices operate from a single +3V to +15V
supply or from dual ±3.0V to ±8V supplies.
With ±5V supplies, the MAX391/MAX392/MAX393 offer
guaranteed 2
Ω max channel-to-channel matching, 30Ω
max on-resistance (RON), and 4
Ω max RON flatness
over the specified range.
These switches are also fully specified for single +5V
operation, with 2
Ω max RON match, 60Ω max RON, and
6
Ω max flatness.
These low-voltage switches also offer 5pC max charge
injection, and ESD protection is greater than 2000V, per
method 3015.7.
________________________Applications
Battery-Operated Systems Sample-and-Hold Circuits
Heads-Up Displays
Guidance and Control Systems
Audio and Video Switching Military Radios
Test Equipment
Communications Systems
±5V DACs and ADCs
PBX, PABX
Features
o Low On-Resistance, 20Ω Typical
o Guaranteed On-Resistance Match Between
Channels, <2
o Guaranteed On-Resistance Flatness Over Signal
Range, 4
Ω Max
o Guaranteed Charge Injection, <5pC
o Improved Leakage Over Temperature,
<2.5nA at +85°C
o Electrostatic Discharge >2000V per Method
3015.7
o Single-Supply Operation (+3V to +15V)
Bipolar-Supply Operation (±3V to ±8V)
o Low Power Consumption, <1µW
o TTL/CMOS-Logic Compatible
Ordering Information
Precision, Quad, SPST Analog Switches
________________________________________________________________ Maxim Integrated Products
1
SWITCHES SHOWN FOR LOGIC "0" INPUT
DIP/SO/TSSOP
MAX392
LOGIC
SWITCH
0
1
OFF
ON
TOP VIEW
DIP/SO/TSSOP
MAX391
LOGIC
SWITCH
0
1
ON
OFF
DIP/SO/TSSOP
MAX393
LOGIC
SWITCHES
1, 4
0
1
OFF
ON
SWITCHES
2, 3
ON
OFF
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN2
COM2
NC2
V+
V-
NO1
COM1
IN1
MAX393
N.C.
NC3
COM3
IN3
IN4
COM4
NO4
GND
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN2
COM2
NC2
V+
V-
NC1
COM1
IN1
MAX391
N.C.
NC3
COM3
IN3
IN4
COM4
NC4
GND
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN2
COM2
NO2
V+
V-
NO1
COM1
IN1
MAX392
N.C.
NO3
COM3
IN3
IN4
COM4
NO4
GND
N.C. = NO CONNECT
_____________________Pin Configurations/Functional Diagrams/Truth Tables
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
19-0236; Rev 1; 6/99
Ordering Information continued at end of data sheet.
* Contact factory for dice specifications.
** Contact factory for availability and processing to MIL-STD-883.
16 TSSOP
-40°C to +85°C
MAX391EUE
16 Narrow SO
-40°C to +85°C
MAX391ESE
16 Plastic DIP
-40°C to +85°C
MAX391EPE
16 Narrow SO
0°C to +70°C
MAX391CSE
16 Plastic DIP
0°C to +70°C
MAX391CPE
PIN-PACKAGE
TEMP. RANGE
PART
16 TSSOP
0°C to +70°C
MAX391CUE
Dice*
0°C to +70°C
MAX391C/D


Similar Part No. - MAX393EJE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3930 MAXIM-MAX3930 Datasheet
849Kb / 14P
   10.7Gbps Laser Diode Drivers
Rev 3; 3/02
MAX3930D MAXIM-MAX3930D Datasheet
849Kb / 14P
   10.7Gbps Laser Diode Drivers
Rev 3; 3/02
MAX3930E MAXIM-MAX3930E Datasheet
849Kb / 14P
   10.7Gbps Laser Diode Drivers
Rev 3; 3/02
MAX3931D MAXIM-MAX3931D Datasheet
849Kb / 14P
   10.7Gbps Laser Diode Drivers
Rev 3; 3/02
MAX3931E MAXIM-MAX3931E Datasheet
849Kb / 14P
   10.7Gbps Laser Diode Drivers
Rev 3; 3/02
More results

Similar Description - MAX393EJE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX364 MAXIM-MAX364_04 Datasheet
357Kb / 13P
   Precision, Quad, SPST Analog Switches
Rev 2; 6/04
logo
Pericom Semiconductor C...
PS391ESE PERICOM-PS391ESE Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX361 MAXIM-MAX361 Datasheet
99Kb / 8P
   Precision, Quad, SPST Analog Switches
Rev 0; 9/93
logo
Pericom Semiconductor C...
PS391 PERICOM-PS391 Datasheet
270Kb / 12P
   Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX351 MAXIM-MAX351_V01 Datasheet
457Kb / 13P
   Precision, Quad, SPST Analog Switches
19-0212; Rev 2; 9/01
MAX364 MAXIM-MAX364_01 Datasheet
334Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 9/01
logo
Pericom Semiconductor C...
PS391ESEE PERICOM-PS391ESEE Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX361 MAXIM-MAX361_V01 Datasheet
185Kb / 10P
   Precision, Quad, SPST Analog Switches
19-0180; Rev 2; 6/04
MAX351 MAXIM-MAX351 Datasheet
101Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 4/94
MAX364 MAXIM-MAX364 Datasheet
89Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 0; 9/93
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com