Electronic Components Datasheet Search |
|
IRFB3077PBF Datasheet(PDF) 2 Page - International Rectifier |
|
IRFB3077PBF Datasheet(HTML) 2 Page - International Rectifier |
2 / 8 page IRFB3077PbF 2 www.irf.com Notes: Calculated continuous current based on maximum allowable junction temperature. Bond wire current limit is 120A. Note that current limitations arising from heating of the device leads may occur with some lead mounting arrangements. Repetitive rating; pulse width limited by max. junction temperature. Limited by TJmax, starting TJ = 25°C, L = 0.028mH RG = 25Ω, IAS = 120A, VGS =10V. Part not recommended for use above this value. ISD ≤ 75A, di/dt ≤ 400A/μs, VDD ≤ V(BR)DSS, TJ ≤ 175°C. S D G
Pulse width ≤ 400μs; duty cycle ≤ 2%. Coss eff. (TR) is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% VDSS. Coss eff. (ER) is a fixed capacitance that gives the same energy as Coss while VDS is rising from 0 to 80% VDSS. When mounted on 1" square PCB (FR-4 or G-10 Material). For recom mended footprint and soldering techniques refer to application note #AN-994. Rθ is measured at TJ approximately 90°C Static @ TJ = 25°C (unless otherwise specified) Symbol Parameter Min. Typ. Max. Units V(BR)DSS Drain-to-Source Breakdown Voltage 75 ––– ––– V ΔV(BR)DSS/ΔTJ Breakdown Voltage Temp. Coefficient ––– 0.091 ––– V/°C RDS(on) Static Drain-to-Source On-Resistance ––– 2.8 3.3 m Ω VGS(th) Gate Threshold Voltage 2.0 ––– 4.0 V IDSS Drain-to-Source Leakage Current ––– ––– 20 μA ––– ––– 250 IGSS Gate-to-Source Forward Leakage ––– ––– 100 nA Gate-to-Source Reverse Leakage ––– ––– -100 RG Gate Input Resistance ––– 1.2 ––– Ω f = 1MHz, open drain Dynamic @ TJ = 25°C (unless otherwise specified) Symbol Parameter Min. Typ. Max. Units gfs Forward Transconductance 160 ––– ––– S Qg Total Gate Charge ––– 160 220 nC Qgs Gate-to-Source Charge ––– 37 ––– Qgd Gate-to-Drain ("Miller") Charge ––– 42 ––– td(on) Turn-On Delay Time ––– 25 ––– ns tr Rise Time ––– 87 ––– td(off) Turn-Off Delay Time ––– 69 ––– tf Fall Time ––– 95 ––– Ciss Input Capacitance ––– 9400 ––– pF Coss Output Capacitance ––– 820 ––– Crss Reverse Transfer Capacitance ––– 350 ––– Coss eff. (ER) Effective Output Capacitance (Energy Related)i ––– 1090 ––– Coss eff. (TR) Effective Output Capacitance (Time Related)h ––– 1260 ––– Diode Characteristics Symbol Parameter Min. Typ. Max. Units IS Continuous Source Current ––– ––– 210c A (Body Diode) ISM Pulsed Source Current ––– ––– 850 (Body Diode) di VSD Diode Forward Voltage ––– ––– 1.3 V trr Reverse Recovery Time ––– 42 63 ns TJ = 25°C VR = 64V, ––– 50 75 TJ = 125°C IF = 75A Qrr Reverse Recovery Charge ––– 59 89 nC TJ = 25°C di/dt = 100A/μs g ––– 86 130 TJ = 125°C IRRM Reverse Recovery Current ––– 2.5 ––– A TJ = 25°C ton Forward Turn-On Time Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD) ID = 75A RG = 2.1 Ω VGS = 10V g VDD = 38V TJ = 25°C, IS = 75A, VGS = 0V g integral reverse p-n junction diode. Conditions VGS = 0V, ID = 250μA Reference to 25°C, ID = 5mA d VGS = 10V, ID = 75A g VDS = VGS, ID = 250μA VDS = 75V, VGS = 0V VDS = 75V, VGS = 0V, TJ = 125°C MOSFET symbol showing the VDS = 38V Conditions VGS = 10V g VGS = 0V VDS = 50V ƒ = 1.0MHz VGS = 0V, VDS = 0V to 60V j, See Fig.11 VGS = 0V, VDS = 0V to 60V h, See Fig. 5 Conditions VDS = 50V, ID = 75A ID = 75A VGS = 20V VGS = -20V |
Similar Part No. - IRFB3077PBF |
|
Similar Description - IRFB3077PBF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |