Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VHC_VHCT14 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74VHC_VHCT14
Description  Hex inverting Schmitt trigger
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74VHC_VHCT14 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74VHC_VHCT14_15 Datasheet HTML 4Page - NXP Semiconductors 74VHC_VHCT14_15 Datasheet HTML 5Page - NXP Semiconductors 74VHC_VHCT14_15 Datasheet HTML 6Page - NXP Semiconductors 74VHC_VHCT14_15 Datasheet HTML 7Page - NXP Semiconductors 74VHC_VHCT14_15 Datasheet HTML 8Page - NXP Semiconductors 74VHC_VHCT14_15 Datasheet HTML 9Page - NXP Semiconductors 74VHC_VHCT14_15 Datasheet HTML 10Page - NXP Semiconductors 74VHC_VHCT14_15 Datasheet HTML 11Page - NXP Semiconductors 74VHC_VHCT14_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
74VHC_VHCT14_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 17 August 2009
8 of 16
NXP Semiconductors
74VHC14; 74VHCT14
Hex inverting Schmitt trigger
12. Transfer characteristics
13. Transfer characteristics waveforms
Table 9.
Test data
Type
Input
Load
Test
VI
tr, tf
CL
74VHC14
VCC
≤ 3.0 ns
50 pF, 15 pF
tPLH, tPHL
74VHCT14
3.0 V
≤ 3.0 ns
50 pF, 15 pF
tPLH, tPHL
Table 10.
Transfer characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); see Figure 8 and Figure 9.
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max
74VHC14
VT+
positive-going
threshold
voltage
VCC = 3.0 V
-
-
2.2
-
2.2
-
2.2
V
VCC = 4.5 V
-
-
3.15
-
3.15
-
3.15
V
VCC = 5.5 V
-
-
3.85
-
3.85
-
3.85
V
VT−
negative-going
threshold
voltage
VCC = 3.0 V
0.9
-
-
0.9
-
0.9
-
V
VCC = 4.5 V
1.35
-
-
1.35
-
1.35
-
V
VCC = 5.5 V
1.65
-
-
1.65
-
1.65
-
V
VH
hysteresis
voltage
VCC = 3.0 V
0.3
-
1.2
0.3
1.2
0.25
1.2
V
VCC = 4.5 V
0.4
-
1.4
0.4
1.4
0.35
1.4
V
VCC = 5.5 V
0.5
-
1.6
0.5
1.6
0.45
1.6
V
74VHCT14
VT+
positive-going
threshold
voltage
VCC = 4.5 V
-
-
1.9
-
1.9
-
1.9
V
VCC = 5.5 V
-
-
2.1
-
2.1
-
2.1
V
VT−
negative-going
threshold
voltage
VCC = 4.5 V
0.5
-
-
0.5
-
0.5
-
V
VCC = 5.5 V
0.6
-
-
0.6
-
0.6
-
V
VH
hysteresis
voltage
VCC = 4.5 V
0.4
-
1.4
0.4
1.4
0.35
1.4
V
VCC = 5.5 V
0.4
-
1.5
0.4
1.5
0.35
1.5
V
Fig 8.
Transfer characteristics
Fig 9.
Transfer characteristics definitions
mna207
VO
VI
VH
VT+
VT−
mna208
VO
VI
VH
VT+
VT−


Similar Part No. - 74VHC_VHCT14_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74VHC_VHCT125 PHILIPS-74VHC_VHCT125_15 Datasheet
464Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 02-13 October 2009
74VHC_VHCT126 PHILIPS-74VHC_VHCT126_15 Datasheet
98Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 01-13 August 2009
More results

Similar Description - 74VHC_VHCT14_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC14 PHILIPS-74ALVC14 Datasheet
92Kb / 16P
   Hex inverting Schmitt trigger
Rev. 03-15 February 2005
logo
Fairchild Semiconductor
MM74HC14 FAIRCHILD-MM74HC14 Datasheet
91Kb / 8P
   Hex Inverting Schmitt Trigger
MM74HCT14 FAIRCHILD-MM74HCT14 Datasheet
87Kb / 6P
   Hex Inverting Schmitt Trigger
logo
NXP Semiconductors
74AHC14 PHILIPS-74AHC14 Datasheet
103Kb / 16P
   Hex inverting Schmitt trigger
1999 Sep 27
74AHC14D-T NXP-74AHC14D-T Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
74AHC_AHCT14 PHILIPS-74AHC_AHCT14_15 Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
logo
Nexperia B.V. All right...
74HC14-Q100 NEXPERIA-74HC14-Q100 Datasheet
271Kb / 17P
   Hex inverting Schmitt trigger
Rev. 7 - 13 August 2021
74LV14 NEXPERIA-74LV14 Datasheet
259Kb / 15P
   Hex inverting Schmitt trigger
Rev. 9 - 14 September 2021
74LV14A NEXPERIA-74LV14A Datasheet
239Kb / 13P
   Hex inverting Schmitt trigger
Rev. 4 - 29 April 2021
logo
NXP Semiconductors
74HCT14 PHILIPS-74HCT14 Datasheet
120Kb / 23P
   Hex inverting Schmitt trigger
2003 Oct 30
logo
Fairchild Semiconductor
MM74HCT14 FAIRCHILD-MM74HCT14_05 Datasheet
94Kb / 7P
   Hex Inverting Schmitt Trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com