Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVT2244 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74LVT2244
Description  3.3V Octal buffer/line driver with 30W series termination resistors (3-State)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT2244 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74LVT2244_15 Datasheet HTML 2Page - NXP Semiconductors 74LVT2244_15 Datasheet HTML 3Page - NXP Semiconductors 74LVT2244_15 Datasheet HTML 4Page - NXP Semiconductors 74LVT2244_15 Datasheet HTML 5Page - NXP Semiconductors 74LVT2244_15 Datasheet HTML 6Page - NXP Semiconductors 74LVT2244_15 Datasheet HTML 7Page - NXP Semiconductors 74LVT2244_15 Datasheet HTML 8Page - NXP Semiconductors 74LVT2244_15 Datasheet HTML 9Page - NXP Semiconductors 74LVT2244_15 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Philips Semiconductors
Product specification
74LVT2244
3.3V Octal buffer/line driver with 30
Ω series
termination resistors (3-State)
yyyy mmm dd
10
Definitions
Short-form specification — The data in a short-form specification is extracted from a full data sheet with the same type number and title. For
detailed information see the relevant data sheet or data handbook.
Limiting values definition — Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one
or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or
at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended
periods may affect device reliability.
Application information — Applications that are described herein for any of these products are for illustrative purposes only. Philips
Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or
modification.
Disclaimers
Life support — These products are not designed for use in life support appliances, devices or systems where malfunction of these products can
reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications
do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application.
Right to make changes — Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard
cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no
responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these
products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless
otherwise specified.
Philips Semiconductors
811 East Arques Avenue
P.O. Box 3409
Sunnyvale, California 94088–3409
Telephone 800-234-7381
© Copyright Philips Electronics North America Corporation 1998
All rights reserved. Printed in U.S.A.
print code
Date of release: 05-96
Document order number:
9397-750-03521
Philips
Semiconductors
Data sheet
status
Objective
specification
Preliminary
specification
Product
specification
Product
status
Development
Qualification
Production
Definition [1]
This data sheet contains the design target or goal specifications for product development.
Specification may change in any manner without notice.
This data sheet contains preliminary data, and supplementary data will be published at a later date.
Philips Semiconductors reserves the right to make chages at any time without notice in order to
improve design and supply the best possible product.
This data sheet contains final specifications. Philips Semiconductors reserves the right to make
changes at any time without notice in order to improve design and supply the best possible product.
Data sheet status
[1]
Please consult the most recently issued datasheet before initiating or completing a design.


Similar Part No. - 74LVT2244_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT2244D PHILIPS-74LVT2244D Datasheet
90Kb / 10P
   3.3V Octal buffer/line driver with 30ohm series termination resistors 3-State
1998 Feb 19
logo
Nexperia B.V. All right...
74LVT2244D NEXPERIA-74LVT2244D Datasheet
231Kb / 13P
   3.3 V octal buffer/line driver with 30 Ω termination resistors; 3-state
Rev. 4 - 17 May 2021
logo
NXP Semiconductors
74LVT2244DB PHILIPS-74LVT2244DB Datasheet
90Kb / 10P
   3.3V Octal buffer/line driver with 30ohm series termination resistors 3-State
1998 Feb 19
logo
National Semiconductor ...
74LVT2244MSA NSC-74LVT2244MSA Datasheet
149Kb / 8P
   3.3V ABT Octal Buffer/Line Driver with TRI-STATE Outputs
74LVT2244MSAX NSC-74LVT2244MSAX Datasheet
149Kb / 8P
   3.3V ABT Octal Buffer/Line Driver with TRI-STATE Outputs
More results

Similar Description - 74LVT2244_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT2241 PHILIPS-74LVT2241 Datasheet
80Kb / 5P
   3.3V Octal buffer/line driver with 30ohm series termination resistors; 3-State
1996 May 29
74LVT2241 PHILIPS-74LVT2241_15 Datasheet
61Kb / 5P
   3.3V Octal buffer/line driver with 30 series termination resistors; 3-State
1996 May 29
74LVT2244 PHILIPS-74LVT2244 Datasheet
90Kb / 10P
   3.3V Octal buffer/line driver with 30ohm series termination resistors 3-State
1998 Feb 19
74ABT2244 PHILIPS-74ABT2244 Datasheet
104Kb / 12P
   Octal buffer/line driver with 30ohm series termination resistors 3-State
1998 Jan 16
74ALVT162827_2 PHILIPS-74ALVT162827_2_15 Datasheet
100Kb / 10P
   20-bit buffer/line driver, non-inverting, with 30W termination resistors (3-State)
1998 Feb 13
74LVT241 PHILIPS-74LVT241 Datasheet
90Kb / 10P
   3.3V Octal buffer/line driver 3-State
1998 Feb 19
74LVT244B PHILIPS-74LVT244B Datasheet
91Kb / 10P
   3.3V Octal buffer/line driver 3-State
1998 Nov
74LVT244A PHILIPS-74LVT244A Datasheet
89Kb / 10P
   3.3V Octal buffer/line driver 3-State
1998 Feb 19
74LVTH244A PHILIPS-74LVTH244A Datasheet
101Kb / 10P
   3.3V Octal buffer/line driver 3-State
1998 Oct 02
logo
Nexperia B.V. All right...
74LVT2244 NEXPERIA-74LVT2244 Datasheet
231Kb / 13P
   3.3 V octal buffer/line driver with 30 Ω termination resistors; 3-state
Rev. 4 - 17 May 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com