Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ25896 Datasheet(PDF) 4 Page - Texas Instruments

Part # BQ25896
Description  bq25896 I2C Controlled Single Cell 3-A Fast Charger with MaxChargeTM Technology for High Input Voltage and Adjustable Voltage USB On-the-Go Boost Mode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ25896 Datasheet(HTML) 4 Page - Texas Instruments

  BQ25896_15 Datasheet HTML 1Page - Texas Instruments BQ25896_15 Datasheet HTML 2Page - Texas Instruments BQ25896_15 Datasheet HTML 3Page - Texas Instruments BQ25896_15 Datasheet HTML 4Page - Texas Instruments BQ25896_15 Datasheet HTML 5Page - Texas Instruments BQ25896_15 Datasheet HTML 6Page - Texas Instruments BQ25896_15 Datasheet HTML 7Page - Texas Instruments BQ25896_15 Datasheet HTML 8Page - Texas Instruments BQ25896_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
13-Sep-2015
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
BQ25896RTWR
ACTIVE
WQFN
RTW
24
3000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
-40 to 85
BQ
25896
BQ25896RTWT
ACTIVE
WQFN
RTW
24
250
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
-40 to 85
BQ
25896
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.


Similar Part No. - BQ25896_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25896 TI-BQ25896_15 Datasheet
767Kb / 11P
[Old version datasheet]   bq25896 I2C Controlled Single Cell 3-A Fast Charger with MaxChargeTM Technology for High Input Voltage and Adjustable Voltage USB On-the-Go Boost Mode
More results

Similar Description - BQ25896_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25896 TI-BQ25896_15 Datasheet
767Kb / 11P
[Old version datasheet]   bq25896 I2C Controlled Single Cell 3-A Fast Charger with MaxChargeTM Technology for High Input Voltage and Adjustable Voltage USB On-the-Go Boost Mode
BQ25892 TI-BQ25892_15 Datasheet
785Kb / 11P
[Old version datasheet]   bq25890/2 I2C Controlled Single Cell 5-A Fast Charger with MaxChargeTM Technology for High Input Voltage and Adjustable Voltage USB On-the-Go Boost Mode
BQ25890 TI-BQ25890_15 Datasheet
785Kb / 11P
[Old version datasheet]   bq25890/2 I2C Controlled Single Cell 5-A Fast Charger with MaxChargeTM Technology for High Input Voltage and Adjustable Voltage USB On-the-Go Boost Mode
BQ25895M TI-BQ25895M_15 Datasheet
786Kb / 12P
[Old version datasheet]   bq25895M I2C Controlled Single Cell Fast Charger with MaxChargeTM Technology for High Input Voltage
BQ25895 TI-BQ25895_15 Datasheet
803Kb / 11P
[Old version datasheet]   bq25895 I2C Controlled Single Cell 5-A Fast Charger with MaxChargeTM for High Input Voltage and Adjustable Voltage 3.1A Boost Operation
BQ25890 TI1-BQ25890_16 Datasheet
1Mb / 69P
[Old version datasheet]   Adjustable Voltage USB On-the-Go Boost Mode
BQ25883 TI1-BQ25883_19 Datasheet
3Mb / 86P
[Old version datasheet]   2-Cell, 2-A Boost-Mode Battery Charger With Power Path, USB On-The-Go Boost (OTG) For USB Input
BQ25883 TI1-BQ25883 Datasheet
2Mb / 79P
[Old version datasheet]   2-Cell, 2-A boost-mode battery charger with power path, USB on-the-go boost (OTG) for USB input
BQ25882 TI1-BQ25882_18 Datasheet
204Kb / 9P
[Old version datasheet]   I2C Controlled, 2-Cell, 2-A Boost-Mode Battery Charger for USB Input
BQ25882 TI1-BQ25882 Datasheet
203Kb / 8P
[Old version datasheet]   I2C Controlled, 2-Cell, 2-A Boost-Mode Battery Charger for USB Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com