Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ25071DQCT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25071DQCT
Description  bq25071 1-A, Single-Input, Single-Cell LiFePO4 Linear Battery Charger with 50 mA LDO
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ25071DQCT Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ25071DQCT Datasheet HTML 7Page - Texas Instruments BQ25071DQCT Datasheet HTML 8Page - Texas Instruments BQ25071DQCT Datasheet HTML 9Page - Texas Instruments BQ25071DQCT Datasheet HTML 10Page - Texas Instruments BQ25071DQCT Datasheet HTML 11Page - Texas Instruments BQ25071DQCT Datasheet HTML 12Page - Texas Instruments BQ25071DQCT Datasheet HTML 13Page - Texas Instruments BQ25071DQCT Datasheet HTML 14Page - Texas Instruments BQ25071DQCT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
bq25071
TS
TEMP
PACK+
PACK -
+
+
V
HOT
V
COLD
R2
R1
LDO
bq25071
www.ti.com
SLUSBK6 – JULY 2014
Feature Description (continued)
For applications that do not require the TS monitoring function, set R1 = 490 k
Ω and R2 = 100 kΩ to set the TS
voltage at a valid level and maintain charging.
Figure 7. NTC Monitoring Function
9.3.4 50 mA LDO (LDO)
The LDO output of the bq25071 is a low dropout linear regulator (LDO) that supplies up to 50 mA while
regulating to V(LDO). The LDO is active whenever the input voltage is above V(UVLO) and below V(OVP). It is not
affected by the EN input. The LDO output is used to power and protect circuitry such as USB transceivers from
transients on the input supply.
9.3.5 Charge Status Indicator (CHG)
The bq25071 contains an open drain CHG output that indicates charging state and faults. When charging a
battery in precharge or fastcharge mode, the CHG output is pulled to GND. Once the BAT output reaches the
overcharge voltage threshold, CHG goes high impedance to signal the battery is fully charged. When the battery
voltage drops below the recharge voltage threshold the CHG output is pulled low to signal the host of a new
charge cycle. Connect CHG to the required logic level voltage through a 1 k
Ω to 100 kΩ resistor to use the signal
with a microprocessor. I(CHG) must be below 5 mA.
The IC monitors the CHG pin when no input is connected to verify if the system circuitry is active. If the voltage
at CHG is logic being drive low when no input is connected, the TS circuit is turned off for a low quiescent current
state. Once the voltage at CHG increases above logic high, the TS circuit is turned on.
9.3.6 Input Current Limit Control (EN)
The bq25071 contains a 3-state that controls the input current limit. Drive EN low to program the input current
limit to the user defined value programmed using ISET. Drive EN high to place the bq25071 in USB suspend
mode. In USB suspend mode, the input current into bq25071 is reduced. Leaving EN unconnected or connected
to a high impedance source programs the USB500 input current limit.
Table 1. EN Input Definition
EN
MODE
Low
ISET
Hi-Z
USB500
Hi
USB Suspend
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: bq25071


Similar Part No. - BQ25071DQCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25071-Q1 TI1-BQ25071-Q1 Datasheet
495Kb / 22P
[Old version datasheet]   Automotive Qualified
BQ25071QWDQCRQ1 TI1-BQ25071QWDQCRQ1 Datasheet
495Kb / 22P
[Old version datasheet]   Automotive Qualified
BQ25071QWDQCTQ1 TI1-BQ25071QWDQCTQ1 Datasheet
495Kb / 22P
[Old version datasheet]   Automotive Qualified
More results

Similar Description - BQ25071DQCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25070 TI-BQ25070_15 Datasheet
1Mb / 21P
[Old version datasheet]   1A, Single-Input, Single-Cell LiFePO4 Linear Battery Charger with 50mA LDO
BQ25070 TI1-BQ25070 Datasheet
830Kb / 21P
[Old version datasheet]   1A, Single-Input, Single-Cell LiFePO4 Linear Battery Charger with 50mA LDO
logo
Renesas Technology Corp
ISL78693 RENESAS-ISL78693 Datasheet
966Kb / 18P
   Automotive Single-Cell LiFePO4 Battery Charger
logo
Intersil Corporation
ISL78693 INTERSIL-ISL78693 Datasheet
626Kb / 18P
   Automotive Single-Cell LiFePO4 Battery Charger
December 12, 2016
logo
Texas Instruments
BQ25050 TI1-BQ25050 Datasheet
1Mb / 28P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger with 50-mA LDO, External Power Path
BQ25060 TI-BQ25060_1 Datasheet
1Mb / 24P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger with 50-mA LDO, and External Power Path Control
BQ25060 TI-BQ25060 Datasheet
1Mb / 22P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger with 50-mA LDO, and External Power Path Control
BQ25050 TI-BQ25050_15 Datasheet
2Mb / 28P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger with 50-mA LDO, External Power Path Control, and Single Input Interface
BQ25170 TI-BQ25170 Datasheet
556Kb / 10P
[Old version datasheet]   BQ25170: 800-mA Linear Battery Charger for 1-Cell Li-Ion, and LiFePO4
BQ25176J TI-BQ25176J Datasheet
1Mb / 34P
[Old version datasheet]   BQ25176J: 800-mA JEITA-Compliant Linear Battery Charger For 1-Cell Li-Ion and LiFePO4 With VINDPM
OCTOBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com