Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

82V3391 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 82V3391
Description  Supports 1PPS input and output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

82V3391 Datasheet(HTML) 4 Page - Integrated Device Technology

  82V3391 Datasheet HTML 1Page - Integrated Device Technology 82V3391 Datasheet HTML 2Page - Integrated Device Technology 82V3391 Datasheet HTML 3Page - Integrated Device Technology 82V3391 Datasheet HTML 4Page - Integrated Device Technology 82V3391 Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IDT82V3391 DATASHEET
SYNCHRONOUS ETHERNET WAN PLL AND CLOCK GENERATION FOR IEEE-1588
4
March 5, 2012
ORDERING INFORMATION
XXXXXXX
XX
X
Device Type
Blank
Process /
Temperature
Range
82V3391B
Industrial (- 40 °C to+ 85 °C)
WAN PLL
EQG
Green Thin Quad Flatpack ( TQFP, EQG100)


Similar Part No. - 82V3391

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
82V3390B RENESAS-82V3390B Datasheet
1Mb / 182P
   SYNCHRONOUS ETHERNET IDT WAN PLL™
July 14, 2011
82V3390BEQG RENESAS-82V3390BEQG Datasheet
1Mb / 182P
   SYNCHRONOUS ETHERNET IDT WAN PLL™
July 14, 2011
logo
Integrated Device Techn...
82V3399 IDT-82V3399 Datasheet
59Kb / 5P
   Synchronization Management WAN PLL and Clock Generatiion for IEEE-1588
82V3399BNLG IDT-82V3399BNLG Datasheet
59Kb / 5P
   Synchronization Management WAN PLL and Clock Generatiion for IEEE-1588
82V3399 IDT-82V3399_16 Datasheet
59Kb / 5P
   Synchronization Management WAN PLL and Clock Generatiion for IEEE-1588
More results

Similar Description - 82V3391

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V3910 IDT-IDT82V3910 Datasheet
183Kb / 13P
   Supports programmable input-to-output phase offset adjustment
IDT82V3398 IDT-IDT82V3398 Datasheet
75Kb / 10P
   Supports manual and automatic selected input clock switch
IDT82V3911 IDT-IDT82V3911 Datasheet
138Kb / 12P
   Supports manual and automatic selected input clock switch
IDT82V3399 IDT-IDT82V3399 Datasheet
52Kb / 5P
   Supports manual and automatic selected input clock switch
8312I IDT-8312I Datasheet
234Kb / 18P
   CLK input supports the following input types
logo
Infineon Technologies A...
PTVA120251EA INFINEON-PTVA120251EA Datasheet
1Mb / 14P
   Unmatched input and output
logo
NXP Semiconductors
S32M2XX NXP-S32M2XX Datasheet
2Mb / 135P
   Supports S32M24x and S32M27x
Rev. 3 - 10/2023
MC56F80XXX NXP-MC56F80XXX_V01 Datasheet
1Mb / 71P
   Supports MC56F807xx and MC56F806xx
Rev. 2.1, 02/2023
logo
Renesas Technology Corp
8V34S208 RENESAS-8V34S208 Datasheet
861Kb / 22P
   1:8 LVDS Fanout Buffer with 2-Input Multiplexer for 1PPS Applications
06/26/14
logo
Micropac Industries
66173 MICROPAC-66173 Datasheet
75Kb / 2P
   TTL compatible input and output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com