Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVT_LVTH244B Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74LVT_LVTH244B
Description  3.3 V octal buffer/line driver; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT_LVTH244B Datasheet(HTML) 4 Page - NXP Semiconductors

  74LVT_LVTH244B_15 Datasheet HTML 1Page - NXP Semiconductors 74LVT_LVTH244B_15 Datasheet HTML 2Page - NXP Semiconductors 74LVT_LVTH244B_15 Datasheet HTML 3Page - NXP Semiconductors 74LVT_LVTH244B_15 Datasheet HTML 4Page - NXP Semiconductors 74LVT_LVTH244B_15 Datasheet HTML 5Page - NXP Semiconductors 74LVT_LVTH244B_15 Datasheet HTML 6Page - NXP Semiconductors 74LVT_LVTH244B_15 Datasheet HTML 7Page - NXP Semiconductors 74LVT_LVTH244B_15 Datasheet HTML 8Page - NXP Semiconductors 74LVT_LVTH244B_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
74LVT_LVTH244B_3
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 3 March 2006
4 of 15
Philips Semiconductors
74LVT244B; 74LVTH244B
3.3 V octal buffer/line driver; 3-state
6.2 Pin description
7.
Functional description
7.1 Function table
[1]
H = HIGH voltage level;
L = LOW voltage level;
X = don’t care;
Z = high-impedance OFF-state.
Table 3.
Pin description
Symbol
Pin
Description
1OE
1
1 output enable input
1A0
2
1 data input 0
2Y3
3
2 data output 3
1A1
4
1 data input 1
2Y2
5
2 data output 2
1A2
6
1 data input 2
2Y1
7
2 data output 1
1A3
8
1 data input 3
2Y0
9
2 data output 0
GND
10
ground (0 V)
2A0
11
2 data input 0
1Y3
12
1 data output 3
2A1
13
2 data input 1
1Y2
14
1 data output 2
2A2
15
2 data input 2
1Y1
16
1 data output 1
2A3
17
2 data input 3
1Y0
18
1 data output 0
2OE
19
2 output enable input
VCC
20
supply voltage
Table 4.
Function table [1]
Control
Input
Output
nOE
nAn
nYn
LLL
HH
HX
Z


Similar Part No. - 74LVT_LVTH244B_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT_LVTH244A PHILIPS-74LVT_LVTH244A_15 Datasheet
107Kb / 15P
   3.3 V octal buffer/line driver; 3-state
Rev. 04-3 September 2008
More results

Similar Description - 74LVT_LVTH244B_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT_LVTH244A PHILIPS-74LVT_LVTH244A_15 Datasheet
107Kb / 15P
   3.3 V octal buffer/line driver; 3-state
Rev. 04-3 September 2008
logo
Nexperia B.V. All right...
74LVT244A NEXPERIA-74LVT244A Datasheet
251Kb / 14P
   3.3 V octal buffer/line driver; 3-state
Rev. 7 - 17 August 2021
logo
NXP Semiconductors
74LVT241 PHILIPS-74LVT241_15 Datasheet
112Kb / 16P
   3.3 V octal buffer/line driver; 3-state
Rev. 03-7 May 2008
logo
Nexperia B.V. All right...
74LVT244A-Q100 NEXPERIA-74LVT244A-Q100 Datasheet
710Kb / 15P
   3.3 V octal buffer/line driver; 3-state
logo
NXP Semiconductors
74LVT241 NXP-74LVT241 Datasheet
112Kb / 16P
   3.3 V octal buffer/line driver; 3-state
Rev. 03-7 May 2008
logo
Nexperia B.V. All right...
74LVTH244B NEXPERIA-74LVTH244B Datasheet
235Kb / 12P
   3.3 V octal buffer/line driver; 3-state
Rev. 6 - 12 August 2021
logo
NXP Semiconductors
74LVTH244A NXP-74LVTH244A Datasheet
99Kb / 15P
   3.3 V octal buffer/line driver; 3-state
Rev. 04-3 September 2008
logo
Nexperia B.V. All right...
74LVT241 NEXPERIA-74LVT241 Datasheet
244Kb / 14P
   3.3 V octal buffer/line driver; 3-state
Rev. 4 - 27 March 2019
74LVT240 NEXPERIA-74LVT240 Datasheet
230Kb / 12P
   3.3 V Octal inverting buffer/line driver; 3-state
Rev. 4 - 28 July 2021
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com