Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9ZX21501C Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 9ZX21501C
Description  Fixed feedback path
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9ZX21501C Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 9ZX21501C Datasheet HTML 5Page - Integrated Device Technology 9ZX21501C Datasheet HTML 6Page - Integrated Device Technology 9ZX21501C Datasheet HTML 7Page - Integrated Device Technology 9ZX21501C Datasheet HTML 8Page - Integrated Device Technology 9ZX21501C Datasheet HTML 9Page - Integrated Device Technology 9ZX21501C Datasheet HTML 10Page - Integrated Device Technology 9ZX21501C Datasheet HTML 11Page - Integrated Device Technology 9ZX21501C Datasheet HTML 12Page - Integrated Device Technology 9ZX21501C Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9ZX21501C
FIFTEEN OUTPUT DIFFERENTIAL ZBUFFER FOR PCIE GEN2/3 AND QPI
IDT®
FIFTEEN OUTPUT DIFFERENTIAL ZBUFFER FOR PCIE GEN2/3 AND QPI
9
9ZX21501C
REV F 041613
Electrical Characteristics–Phase Jitter Parameters
TA = TCOM; Supply Voltage VDD/VDDA = 3.3 V +/-5%, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Notes
tjphPCIeG1
PCIe Gen 1
39
86
ps (p-p)
1,2,3
PCIe Gen 2 Lo Band
10kHz < f < 1.5MHz
1.1
3
ps
(rms)
1,2
PCIe Gen 2 High Band
1.5MHz < f < Nyquist (50MHz)
2.6
3.1
ps
(rms)
1,2
tjphPCIeG3
PCIe Gen 3
(PLL BW of 2-4MHz, CDR = 10MHz)
0.6
1
ps
(rms)
1,2,4
QPI & SMI
(100MHz or 133MHz, 4.8Gb/s, 6.4Gb/s 12UI)
0.36
0.5
ps
(rms)
1,5
QPI & SMI
(100MHz, 8.0Gb/s, 12UI)
0.23
0.3
ps
(rms)
1,5
QPI & SMI
(100MHz, 9.6Gb/s, 12UI)
0.18
0.2
ps
(rms)
1,5
tjphPCIeG1
PCIe Gen 1
4
10
ps (p-p)
1,2,3
PCIe Gen 2 Lo Band
10kHz < f < 1.5MHz
0.25
0.3
ps
(rms)
1,2,6
PCIe Gen 2 High Band
1.5MHz < f < Nyquist (50MHz)
0.57
0.7
ps
(rms)
1,2,6
tjphPCIeG3
PCIe Gen 3
(PLL BW of 2-4MHz, CDR = 10MHz)
0.20
0.3
ps
(rms)
1,2,4,6
QPI & SMI
(100MHz or 133MHz, 4.8Gb/s, 6.4Gb/s 12UI)
0.22
0.3
ps
(rms)
1,5,6
QPI & SMI
(100MHz, 8.0Gb/s, 12UI)
0.08
0.1
ps
(rms)
1,5,6
QPI & SMI
(100MHz, 9.6Gb/s, 12UI)
0.08
0.1
ps
(rms)
1,5,6
1 Applies to all outputs.
6 For RMS figures, additive jitter is calculated by solving the following equation: (Additive jitter)^2 = (total jittter)^2 - (input jitter)^2
tjphQPI_SMI
tjphPCIeG2
3 Sample size of at least 100K cycles. This figures extrapolates to 108ps pk-pk @ 1M cycles for a BER of 1-12.
4 Subject to final ratification by PCI SIG.
5 Calculated from Intel-supplied Clock Jitter Tool v 1.6.3
Additive Phase Jitter,
Bypass mode
tjphQPI_SMI
2 See http://www.pcisig.com for complete specs
Jitter, Phase
tjphPCIeG2


Similar Part No. - 9ZX21501C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9ZX21501C RENESAS-9ZX21501C Datasheet
410Kb / 20P
   FIFTEEN OUTPUT DIFFERENTIAL ZBUFFER FOR PCIE GEN2/3 AND QPI
REV F 041613
9ZX21501CKLF RENESAS-9ZX21501CKLF Datasheet
410Kb / 20P
   FIFTEEN OUTPUT DIFFERENTIAL ZBUFFER FOR PCIE GEN2/3 AND QPI
REV F 041613
9ZX21501CKLFT RENESAS-9ZX21501CKLFT Datasheet
410Kb / 20P
   FIFTEEN OUTPUT DIFFERENTIAL ZBUFFER FOR PCIE GEN2/3 AND QPI
REV F 041613
More results

Similar Description - 9ZX21501C

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9ZXL1930 IDT-9ZXL1930 Datasheet
234Kb / 18P
   Fixed feedback path
9ZXL1950 IDT-9ZXL1950 Datasheet
296Kb / 18P
   Fixed feedback path
9ZXL1530 IDT-9ZXL1530 Datasheet
220Kb / 19P
   Fixed feedback path
logo
Texas Instruments
AFE7799 TI1-AFE7799 Datasheet
338Kb / 9P
[Old version datasheet]   Quad-Channel RF Transceiver With Feedback Path
AFE7769 TI1-AFE7769 Datasheet
341Kb / 9P
[Old version datasheet]   AFE7769 Quad-Channel RF Transceiver With Feedback Path
AFE7920 TI1-AFE7920 Datasheet
350Kb / 12P
[Old version datasheet]   AFE79xx Quad-Channel RF Transceiver With Feedback Path
logo
List of Unclassifed Man...
IPS20 ETC2-IPS20 Datasheet
94Kb / 12P
   Precision Feedback Controllers Fixed and PTAT references
logo
Fairchild Semiconductor
GTLP1B151 FAIRCHILD-GTLP1B151 Datasheet
112Kb / 7P
   1-Bit LVTTL/GTLP Transceiver with Separate LVTTL Port and Feedback Path
GTLP10B320 FAIRCHILD-GTLP10B320 Datasheet
261Kb / 12P
   10-Bit LVTTL/GTLP Transceiver with Split LVTTL Port and Feedback Path
logo
Coilcraft lnc.
HP1-1400L COILCRAFT-HP1-1400L Datasheet
489Kb / 10P
   Hexa-Path Magnetics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com