Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX395CNG Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX395CNG
Description  Serially Controlled, Low-Voltage, 8-Channel SPST Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX395CNG Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX395CNG Datasheet HTML 2Page - Maxim Integrated Products MAX395CNG Datasheet HTML 3Page - Maxim Integrated Products MAX395CNG Datasheet HTML 4Page - Maxim Integrated Products MAX395CNG Datasheet HTML 5Page - Maxim Integrated Products MAX395CNG Datasheet HTML 6Page - Maxim Integrated Products MAX395CNG Datasheet HTML 7Page - Maxim Integrated Products MAX395CNG Datasheet HTML 8Page - Maxim Integrated Products MAX395CNG Datasheet HTML 9Page - Maxim Integrated Products MAX395CNG Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Serially Controlled, Low-Voltage,
8-Channel SPST Switch
6
_______________________________________________________________________________________
TIMING CHARACTERISTICS—Single +5V Supply (Figure 1)
(V+ = +4.5V to +5.5V, V- = 0V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Note 1: The algebraic convention is used in this data sheet; the most negative value is shown in the minimum column.
Note 2:
∆RON = RON(max) - RON(min). On-resistance match between channels and on-resistance flatness are guaranteed only with
specified voltages. Flatness is defined as the difference between the maximum and minimum value of on-resistance as
measured over the specified analog signal range.
Note 3: Leakage parameters are 100% tested at maximum rated hot temperature and guaranteed by correlation at room temp.
Note 4: Guaranteed by design.
Note 5: Leakage testing at single supply is guaranteed by testing with dual supplies.
Note 6: See Figure 6. Off isolation = 20log10 VCOM/VNO, VCOM = output. NO = input to off switch.
Note 7: Between any two switches. See Figure 3.
SERIAL DIGITAL INTERFACE
SERIAL DIGITAL INTERFACE
Rise Time of DOUT (Note 4)
tDR
100
ns
20% of V+ to 70% of V+,
CL = 10pF
C, E, M
Allowable Fall Time at DIN,
SCLK (Note 4)
tSCF
2
µs
20% of V+ to 70% of V+,
CL = 10pF
C, E, M
Allowable Rise Time at DIN,
SCLK (Note 4)
tSCR
2
µs
20% of V+ to 70% of V+,
CL = 10pF
C, E, M
DIN Data Valid after Falling SCLK
(Note 4)
tDO
400
ns
Data Hold Time (Note 4)
Data Setup Time (Note 4)
tDS
200
17
ns
tDH
0
-17
85
50% of SCLK to 10% of
DOUT, CL = 10pF
SCLK Low Time (Note 4)
ns
tCL
C, E, M
190
ns
TA = +25°C
C, E, M
C, E, M
PARAMETER
SYMBOL
MIN
TYP
MAX
(Note 2)
UNITS
C, E, M
SCLK High Time (Note 4)
CS Lag Time (Note 4)
tCSH2
240
ns
tCH
190
CS Lead Time (Note 4)
Cycle Time (Note 4)
SCLK Frequency
fSCLK
ns
0
2.1
MHz
tCH +tCL
480
tCSS
240
ns
C, E, M
ns
C, E, M
C, E, M
C, E, M
C, E, M
CONDITIONS
C, E, M
20% of V+ to 70% of V+,
CL = 10pF
ns
100
tDF
Fall Time of DOUT (Note 4)
RESET Minimum Pulse Width
tRW
70
ns
TA = +25°C


Similar Part No. - MAX395CNG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3950 MAXIM-MAX3950 Datasheet
260Kb / 9P
   3.3V, 10.7Gbps 1:16 Deserializer with LVDS Outputs
Rev 2; 12/02
MAX3950EGK MAXIM-MAX3950EGK Datasheet
163Kb / 7P
   PLASTIC ENCAPSULATED DEVICES
Rev. A October 14, 2003
MAX3950EGK MAXIM-MAX3950EGK Datasheet
260Kb / 9P
   3.3V, 10.7Gbps 1:16 Deserializer with LVDS Outputs
Rev 2; 12/02
MAX3956 MAXIM-MAX3956 Datasheet
1Mb / 82P
   Transceiver with DDM and DC-Coupled Laser Interface
Rev 3; 9/14
More results

Similar Description - MAX395CNG

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG714 AD-ADG714_02 Datasheet
232Kb / 16P
   CMOS, Low Voltage Serially Controlled, Octal SPST Switches
REV. B
ADG714 AD-ADG714_13 Datasheet
188Kb / 16P
   CMOS, Low Voltage Serially Controlled, Octal SPST Switches
REV. C
ADG714 AD-ADG714 Datasheet
173Kb / 16P
   CMOS, Low Voltage Serially-Controlled, Octal SPST Switches
REV. 0
logo
Maxim Integrated Produc...
MAX349 MAXIM-MAX349 Datasheet
301Kb / 20P
   Serially Controlled, Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers
Rev 1; 10/98
logo
Analog Devices
ADG714 AD-ADG714_15 Datasheet
188Kb / 16P
   Serially Controlled, Octal SPST Switches
REV. C
ADG715 AD-ADG715_15 Datasheet
188Kb / 16P
   Serially Controlled, Octal SPST Switches
REV. C
logo
Maxim Integrated Produc...
MAX335 MAXIM-MAX335 Datasheet
121Kb / 12P
   Serial Controlled, 8-Channel SPST Switch
19-0220; Rev 2; 7/96
MAX335 MAXIM-MAX335_V01 Datasheet
943Kb / 14P
   Serial Controlled, 8-Channel SPST Switch
19-0220; Rev 4; 7/17
logo
Analog Devices
ADGS1412 AD-ADGS1412 Datasheet
722Kb / 26P
   Serially Controlled, 1.5 廓, On-Resistance, High Voltage, iCMOS, Quad SPST Switch
logo
Maxim Integrated Produc...
MAX4586 MAXIM-MAX4586 Datasheet
140Kb / 12P
   Serially Controlled, 4-Channel Serially Controlled, 4-Channel
Rev 0; 8/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com