Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTP3413SN3 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # MTP3413SN3
Description  P-Channel Logic Level Enhancement Mode MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTP3413SN3 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  MTP3413SN3 Datasheet HTML 1Page - Cystech Electonics Corp. MTP3413SN3 Datasheet HTML 2Page - Cystech Electonics Corp. MTP3413SN3 Datasheet HTML 3Page - Cystech Electonics Corp. MTP3413SN3 Datasheet HTML 4Page - Cystech Electonics Corp. MTP3413SN3 Datasheet HTML 5Page - Cystech Electonics Corp. MTP3413SN3 Datasheet HTML 6Page - Cystech Electonics Corp. MTP3413SN3 Datasheet HTML 7Page - Cystech Electonics Corp. MTP3413SN3 Datasheet HTML 8Page - Cystech Electonics Corp. MTP3413SN3 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C394N3
Issued Date : 2012.01.19
Revised Date : 2015.03.30
Page No. : 1/9
MTP3413SN3
CYStek Product Specification
P-Channel Logic Level Enhancement Mode MOSFET
MTP3413SN3
BVDSS
-20V
ID@VGS=-4.5V, TA=25°C
-4.9A
VGS=-4.5V, ID=-4.3A 39mΩ
VGS=-2.5V, ID=-2.5A 51mΩ
RDSON(TYP)
VGS=-1.8V, ID=-2A
75mΩ
Features
• 1.8V gate rated
• Advanced trench process technology
• High density cell design for ultra low on resistance
• Pb-free lead plating and halogen-free package
Equivalent Circuit
Outline
Ordering Information
Device
Package
Shipping
MTP3413SN3-0-T1-G
SOT-23
(Pb-free lead plating and halogen-free package)
3000 pcs / Tape & Reel
MTP3413SN3
SOT-23
D
G:Gate
S
G
S:Source
D:Drain
Environment friendly grade : S for RoHS compliant products, G for RoHS compliant and
green compound products
Packing spec, T1 : 3000 pcs / tape & reel,7” reel
Product rank, zero for no rank products
Product name


Similar Part No. - MTP3413SN3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTP3413N3 CYSTEKEC-MTP3413N3 Datasheet
360Kb / 9P
   P-Channel Logic Level Enhancement Mode MOSFET
More results

Similar Description - MTP3413SN3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTC2402Q8 CYSTEKEC-MTC2402Q8 Datasheet
382Kb / 13P
   P-Channel Logic Level Enhancement Mode MOSFET
MTC1016S6R CYSTEKEC-MTC1016S6R Datasheet
363Kb / 12P
   P-Channel Logic Level Enhancement Mode MOSFET
logo
Wuxi U-NIKC Semiconduct...
P1203EEA UNIKC-P1203EEA Datasheet
910Kb / 9P
   P-Channel Logic Level Enhancement Mode MOSFET
PE5B7BA UNIKC-PE5B7BA Datasheet
906Kb / 9P
   P-Channel Logic Level Enhancement Mode MOSFET
PE5A1BA UNIKC-PE5A1BA Datasheet
886Kb / 9P
   P-Channel Logic Level Enhancement Mode MOSFET
PE537BA UNIKC-PE537BA Datasheet
536Kb / 5P
   P-Channel Logic Level Enhancement Mode MOSFET
PK5A1BA UNIKC-PK5A1BA Datasheet
813Kb / 9P
   P-Channel Logic Level Enhancement Mode MOSFET
P5103EMG UNIKC-P5103EMG Datasheet
761Kb / 8P
   P-Channel Logic Level Enhancement Mode MOSFET
PK5B3BA UNIKC-PK5B3BA Datasheet
818Kb / 9P
   P-Channel Logic Level Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTC2590V8 CYSTEKEC-MTC2590V8 Datasheet
418Kb / 12P
   P-Channel Logic Level Enhancement Mode MOSFET
logo
Wuxi U-NIKC Semiconduct...
PK501BA UNIKC-PK501BA Datasheet
810Kb / 9P
   P-Channel Logic Level Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com