Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTP2305AN3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # MTP2305AN3
Description  20V P-Channel Enhancement Mode MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTP2305AN3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  MTP2305AN3 Datasheet HTML 1Page - Cystech Electonics Corp. MTP2305AN3 Datasheet HTML 2Page - Cystech Electonics Corp. MTP2305AN3 Datasheet HTML 3Page - Cystech Electonics Corp. MTP2305AN3 Datasheet HTML 4Page - Cystech Electonics Corp. MTP2305AN3 Datasheet HTML 5Page - Cystech Electonics Corp. MTP2305AN3 Datasheet HTML 6Page - Cystech Electonics Corp. MTP2305AN3 Datasheet HTML 7Page - Cystech Electonics Corp. MTP2305AN3 Datasheet HTML 8Page - Cystech Electonics Corp. MTP2305AN3 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C322N3
Issued Date : 2015.01.06
Revised Date :
Page No. : 2/9
MTP2305AN3
CYStek Product Specification
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Limits
Unit
Drain-Source Voltage
VDS
-20
V
Gate-Source Voltage
VGS
±8
V
Continuous Drain Current @TA=25°C, VGS=-4.5V
-3.4
Continuous Drain Current @TA=70°C, VGS=-4.5V
ID
-2.7
Pulsed Drain Current
IDM
-10
A
Maximum Power Dissipation
Ta=25℃
1.38 (Note)
Ta=70℃
PD
0.88 (Note)
W
Operating Junction and Storage Temperature Range
Tj ; Tstg
-55~+150
°C
Thermal Performance
Parameter
Symbol
Limit
Unit
Thermal Resistance, Junction-to-Ambient(PCB mounted)
Rth,ja
90 (Note)
°C/W
Lead Temperature, for 5 second soldering(1/8” from case)
TL
260
°C
Note : Surface mounted on 1 in ²FR-4 board with 2 oz. copper, t≦5sec; 270°C/W when mounted on minimum copper pad.
Electrical Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
-20
-
-
V
VGS=0, ID=-250µA
VGS(th)
-0.45
-
-
V
VDS=VGS, ID=-250µA
IGSS
-
-
±100
nA
VGS=±8V, VDS=0
IDSS
-
-
-1
µA
VDS=-16V, VGS=0
-
79
108
ID=-2.8A, VGS=-4.5V
*RDS(ON)
-
116
150
m
Ω
ID=-2A, VGS=-2.5V
*GFS
-
6.3
-
S
VDS=-5V, ID=-2.8A
Dynamic
Ciss
-
446
-
Coss
-
57
-
Crss
-
52
-
pF
VDS=-10V, VGS=0, f=1MHz
td(ON)
-
9.2
20
tr
-
7.3
60
td(OFF)
-
38
50
tf
-
12
20
ns
VDD=-10V, ID=-1A, RL=6Ω, VGEN=-4.5V,
RG=6Ω
Qg
-
3
10
Qgs
-
0.8
-
Qgd
-
1.1
-
nC
VDS=-10V, ID=-3A, VGS=-2.5V,


Similar Part No. - MTP2305AN3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTP2305N3 CYSTEKEC-MTP2305N3 Datasheet
528Kb / 6P
   P-CHANNEL Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
MTP2305N3 VBSEMI-MTP2305N3 Datasheet
484Kb / 9P
   P-Channel 30 V (D-S) MOSFET
More results

Similar Description - MTP2305AN3

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM64P02X ZETEX-ZXM64P02X Datasheet
205Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
   20V P-Channel Enhancement-Mode MOSFET
logo
WILLAS ELECTRONIC CORP
SMG2301B WILLAS-SMG2301B Datasheet
1Mb / 6P
   20V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMG1013TQ DIODES-DMG1013TQ Datasheet
400Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJA63P02 PANJIT-PJA63P02 Datasheet
204Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
   20V P-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM62P02E6 ZETEX-ZXM62P02E6 Datasheet
203Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP21D0UFB DIODES-DMP21D0UFB_17 Datasheet
376Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2006UFG DIODES-DMP2006UFG_17 Datasheet
396Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UVT DIODES-DMP2035UVT_16 Datasheet
519Kb / 6P
   -20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UVTQ DIODES-DMP2035UVTQ Datasheet
484Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com