Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVCH322245A Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74LVCH322245A
Description  32-bit bus transceiver with direction pin; 30 ??series termination resistors; 5 V tolerant; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVCH322245A Datasheet(HTML) 5 Page - NXP Semiconductors

  74LVCH322245A_15 Datasheet HTML 1Page - NXP Semiconductors 74LVCH322245A_15 Datasheet HTML 2Page - NXP Semiconductors 74LVCH322245A_15 Datasheet HTML 3Page - NXP Semiconductors 74LVCH322245A_15 Datasheet HTML 4Page - NXP Semiconductors 74LVCH322245A_15 Datasheet HTML 5Page - NXP Semiconductors 74LVCH322245A_15 Datasheet HTML 6Page - NXP Semiconductors 74LVCH322245A_15 Datasheet HTML 7Page - NXP Semiconductors 74LVCH322245A_15 Datasheet HTML 8Page - NXP Semiconductors 74LVCH322245A_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
74LVCH322245A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 20 December 2011
5 of 15
NXP Semiconductors
74LVCH322245A
32-bit bus transceiver with direction pin; 30
 resistors; tolerance;
3-state
6.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level; X = don’t care; Z = high-impedance OFF-state
7.
Limiting values
[1]
The minimum input voltage ratings may be exceeded if the input current ratings are observed.
[2]
The output voltage ratings may be exceeded if the output current ratings are observed.
[3]
All supply and ground pins connected externally to one voltage source.
[4]
Above 70
C the value of P
tot derates linearly with 1.8 mW/K.
8.
Recommended operating conditions
Table 3.
Function selection[1]
Input
Output
nOE
nDIR
nAn
nBn
L
L
A = B
inputs
L
H
inputs
B = A
HX
Z
Z
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+6.5
V
IIK
input clamping current
VI <0V
50
-
mA
VI
input voltage
[1]
0.5
+6.5
V
IOK
output clamping current
VO >VCC or VO <0V
-
50
mA
VO
output voltage
output HIGH or LOW state
[2]
0.5
VCC +0.5
V
output 3-state
[2]
0.5
+6.5
V
IO
output current
VO =0V to VCC
-
50
mA
ICC
supply current
[3] -200
mA
IGND
ground current
[3]
200
-
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
Tamb = 40 C to +125 C
[4] -1000
mW
Table 5.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
1.65
-
3.6
V
functional
1.2
-
-
V
VI
input voltage
0
-
5.5
V
VO
output voltage
output HIGH or LOW state
0
-
VCC
V
output 3-state
0
-
5.5
V
Tamb
ambient temperature
in free air
40
-
+125
C
t/V
input transition rise and fall rate
VCC = 1.65 V to 2.7 V
-
-
20
ns/V
VCC = 2.7 V to 3.6 V
-
-
10
ns/V


Similar Part No. - 74LVCH322245A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVCH322245AEC PHILIPS-74LVCH322245AEC Datasheet
87Kb / 16P
   32-bit bus transceiver with direction pin; 30 ohm series termination resistors; 5 V tolerant; 3-state
1999 Sep 01
74LVCH322245AEC NXP-74LVCH322245AEC Datasheet
94Kb / 13P
   32-bit bus transceiver with direction pin; 30 W series
Rev. 03-20 August 2007
More results

Similar Description - 74LVCH322245A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC322245A PHILIPS-74LVC322245A Datasheet
87Kb / 16P
   32-bit bus transceiver with direction pin; 30 ohm series termination resistors; 5 V tolerant; 3-state
1999 Sep 01
74LVC32245A PHILIPS-74LVC32245A_15 Datasheet
162Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3-16 December 2011
74LVC32245A NXP-74LVC32245A Datasheet
88Kb / 12P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 01-20 August 2007
74LVCH32245A NXP-74LVCH32245A Datasheet
93Kb / 13P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 03-20 August 2007
74LVC32245A PHILIPS-74LVC32245A Datasheet
87Kb / 16P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
1999 Sep 01
74LVCH32245A PHILIPS-74LVCH32245A_15 Datasheet
175Kb / 15P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 5-15 December 2011
logo
Nexperia B.V. All right...
74LVC32245A NEXPERIA-74LVC32245A Datasheet
984Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3 - 16 December 2011
logo
NXP Semiconductors
74LVC_LVCH162245A PHILIPS-74LVC_LVCH162245A_15 Datasheet
237Kb / 16P
   16-bit transceiver with direction pin, 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6-23 November 2011
74LVC2245A PHILIPS-74LVC2245A_15 Datasheet
297Kb / 16P
   Octal transceiver with direction pin, 30 series termination resistors; 5 V tolerant input/output; 3-state
Rev. 5-4 November 2011
logo
Nexperia B.V. All right...
74LVCH162245A NEXPERIA-74LVCH162245A Datasheet
257Kb / 14P
   16-bit transceiver with direction pin; 30 Ω series termination resistors; 5 V tolerant input/output; 3-state
Rev. 8 - 23 September 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com