Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX385CSE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX385CSE
Description  Precision, Low-Voltage Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX385CSE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX385CSE Datasheet HTML 1Page - Maxim Integrated Products MAX385CSE Datasheet HTML 2Page - Maxim Integrated Products MAX385CSE Datasheet HTML 3Page - Maxim Integrated Products MAX385CSE Datasheet HTML 4Page - Maxim Integrated Products MAX385CSE Datasheet HTML 5Page - Maxim Integrated Products MAX385CSE Datasheet HTML 6Page - Maxim Integrated Products MAX385CSE Datasheet HTML 7Page - Maxim Integrated Products MAX385CSE Datasheet HTML 8Page - Maxim Integrated Products MAX385CSE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_______________General Description
The MAX381/MAX383/MAX385 are precision, low-volt-
age analog switches. The single-pole single-throw
MAX381 and double-pole single-throw MAX385 dual
switches are normally open. The single-pole double-
throw MAX383 has two normally open and two normally
closed poles. All three parts offer low on-resistance
(less than 35
Ω), guaranteed to match to within 2Ω
between channels and to remain flat over the specified
analog signal range (4
Ω max). They also offer low leak-
age (less than 250pA at +25°C and less than 2.5nA at
+85°C) and fast switching (turn-on time less than 175ns
and turn-off time less than 100ns).
The MAX381/MAX383/MAX385 are fabricated with
Maxim’s low-voltage silicon-gate process for high sys-
tem accuracy. Design improvements guarantee
extremely low charge injection (<5pC) and low power
consumption (<10µW).
These monolithic switches operate with a single posi-
tive supply (+3V to +15V) or with split supplies (±3V to
±8V) while retaining CMOS-logic input compatibility
and fast switching. CMOS inputs provide reduced input
loading.
________________________Applications
Sample-and-Hold Circuits
Military Radios
Test Equipment
Communication Systems
Heads-Up Displays
Battery-Operated Systems
Audio Signal Routing
PBX, PABX
Guidance and Control Systems
____________________________Features
o Single-Supply Operation (+3V to +15V)
Bipolar-Supply Operation (±3V to ±8V)
o Pin-Compatible with DG401/DG403/DG405
o Low On-Resistance, 20
Ω Typical (35Ω Max)
o Guaranteed Matched On-Resistance Between
Channels, <2
o Guaranteed Flat On-Resistance over Specified
Analog Signal Range, <4
o Guaranteed Charge Injection, <5pC
o Guaranteed Off-Channel Leakage, <2.5nA at +85°C
o TTL/CMOS-Logic Compatible with 3V, 5V, ±3V,
and ±5V Supplies
o Rail-to-Rail Analog Signal Handling Capability
______________Ordering Information
Precision, Low-Voltage Analog Switches
________________________________________________________________
Maxim Integrated Products
1
MAX383
LOGIC IN
COM
0
1
NC
NO
TOP VIEW
MAX381
LOGIC IN
SWITCH
0
1
OFF
ON
MAX385
LOGIC IN
COM, NO
0
1
OFF
ON
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
NO1
IN1
V-
GND
NO3
COM3
N.C.
COM1
MAX385
N.C.
V+
IN2
NO2
COM2
N.C.
COM4
NO4
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
NO1
IN1
V-
GND
N.C.
N.C.
N.C.
COM1
MAX381
N.C.
V+
IN2
NO2
COM2
N.C.
N.C.
N.C.
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
NO1
IN1
V-
GND
NC3
COM3
N.C.
COM1
MAX383
N.C.
V+
IN2
N02
COM2
N.C.
COM4
NC4
NC
NO
COM
OFF
OFF
COM
PWR OFF
OFF
OFF
OFF
PWR OFF
OFF
PWR OFF
OFF
N.C. = NOT INTERNALLY
CONNECTED
___________________________Pin Configurations/Block Diagrams/Truth Tables
Call toll free 1-800-998-8800 for free samples or literature.
19-0300; Rev 0; 9/94
Ordering Information continued on last page.
* Dice are tested at TA = +25°C only.
** Contact factory for package availability.
16 CERDIP**
-55°C to +125°C
MAX381MJE
16 CERDIP**
-40°C to +85°C
MAX381EJE
16 Narrow SO
-40°C to +85°C
MAX381ESE
16 Plastic DIP
-40°C to +85°C
MAX381EPE
Dice*
0°C to +70°C
MAX381C/D
16 Narrow SO
0°C to +70°C
MAX381CSE
16 Plastic DIP
0°C to +70°C
MAX381CPE
PIN-PACKAGE
TEMP. RANGE
PART


Similar Part No. - MAX385CSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3850 MAXIM-MAX3850 Datasheet
901Kb / 14P
   2.7Gbps, 3.3V DC-Coupled Laser Driver
Rev 1; 5/03
MAX3850D MAXIM-MAX3850D Datasheet
901Kb / 14P
   2.7Gbps, 3.3V DC-Coupled Laser Driver
Rev 1; 5/03
MAX3850E MAXIM-MAX3850E Datasheet
901Kb / 14P
   2.7Gbps, 3.3V DC-Coupled Laser Driver
Rev 1; 5/03
MAX3850EGJ MAXIM-MAX3850EGJ Datasheet
901Kb / 14P
   2.7Gbps, 3.3V DC-Coupled Laser Driver
Rev 1; 5/03
More results

Similar Description - MAX385CSE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417L VISHAY-DG417L_11 Datasheet
306Kb / 15P
   Precision Monolithic Low-Voltage CMOS Analog Switches
Rev. F, 25-Apr-11
DG417L VISHAY-DG417L_08 Datasheet
142Kb / 11P
   Precision Monolithic Low-Voltage CMOS Analog Switches
Rev. E, 14-May-07
DG417L VISHAY-DG417L_V01 Datasheet
265Kb / 14P
   Precision Monolithic Low-Voltage CMOS Analog Switches
01-Jan-2022
DG9421 VISHAY-DG9421_08 Datasheet
152Kb / 10P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. F, 29-Sep-08
DG9421 VISHAY-DG9421_11 Datasheet
236Kb / 14P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. G, 18-Jul-11
DG9421 VISHAY-DG9421 Datasheet
71Kb / 8P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. C, 26-Aug-02
DG9422 VISHAY-DG9422_V01 Datasheet
257Kb / 14P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
01-Jan-2022
DG411L VISHAY-DG411L_08 Datasheet
140Kb / 11P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. E, 25-Jun-07
DG411L VISHAY-DG411L Datasheet
76Kb / 9P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. C, 26-Aug-02
DG441L VISHAY-DG441L_11 Datasheet
202Kb / 14P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. E, 30-May-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com