Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3885 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3885
Description  3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with LVDS Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3885 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3885 Datasheet HTML 1Page - Maxim Integrated Products MAX3885 Datasheet HTML 2Page - Maxim Integrated Products MAX3885 Datasheet HTML 3Page - Maxim Integrated Products MAX3885 Datasheet HTML 4Page - Maxim Integrated Products MAX3885 Datasheet HTML 5Page - Maxim Integrated Products MAX3885 Datasheet HTML 6Page - Maxim Integrated Products MAX3885 Datasheet HTML 7Page - Maxim Integrated Products MAX3885 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
General Description
The MAX3885 deserializer is ideal for converting
2.488Gbps serial data to 16-bit wide, 155Mbps parallel
data in SDH/SONET applications. Operating from a sin-
gle +3.3V supply, this device accepts PECL serial
clock and data inputs, and delivers low-voltage differ-
ential-signal (LVDS) clock and data outputs for interfac-
ing with high-speed digital circuitry. It also provides an
LVDS synchronization input that enables data realign-
ment and reframing. The MAX3885 is available in the
extended temperature range (-40°C to +85°C) in a 64-
pin TQFP package.
Applications
2.488Gbps SDH/SONET Transmission Systems
Add/Drop Multiplexers
Digital Cross Connects
Features
o Single +3.3V Supply
o 2.488Gbps Serial to 155Mbps Parallel Conversion
o 660mW Operating Power
o LVDS Data Outputs and Synchronization Inputs
o Self-Biasing PECL Inputs Ease AC Coupling
o Synchronization Inputs for Data Realignment and
Reframing
+3.3V, 2.488Gbps, SDH/SONET
1:16 Deserializer with LVDS Outputs
________________________________________________________________
Maxim Integrated Products
1
19-4767; Rev 2; 1/99
PART
MAX3885ECB
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
64 TQFP
EVALUATION
KIT MANUAL
FOLLOWS
DATA
SHEET
Pin Configuration appears at end of data sheet.
Ordering Information
Typical Operating Circuit
MAX3875
MAX3885
DATA
AND
CLOCK
RECOVERY
SERIAL DATA
INPUTS
OVERHEAD
TERMINATION
100
Ω*
100
Ω*
100
Ω*
VCC = +3.3V
PD15+
PD15-
SD+
SD-
*REQUIRED ONLY IF OVERHEAD CIRCUIT DOES NOT INCLUDE INTERNAL INPUT TERMINATION.
THIS SYMBOL REPRESENTS A TRANSMISSION LINE OF CHARACTERISTIC IMPEDANCE Z0 = 50Ω.
VCC
GND
133
133
86.6
86.6
VCC = +3.3V
VCC = +3.3V
133
133
86.6
86.6
VCC = +3.3V
SCLK+
SCLK-
PD0+
PD0-
PCLK+
PCLK-
SYNC+
SYNC-


Similar Part No. - MAX3885

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX388 MAXIM-MAX388 Datasheet
468Kb / 12P
   High-Voltage, Fault-Protected Analog Multiplexers
19-0014; Rev 2; 7/96
MAX388-MAX389 MAXIM-MAX388-MAX389 Datasheet
468Kb / 12P
   High-Voltage, Fault-Protected Analog Multiplexers
19-0014; Rev 2; 7/96
MAX3880 MAXIM-MAX3880 Datasheet
194Kb / 12P
   3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with Clock Recovery
Rev 1; 12/99
MAX38800 MAXIM-MAX38800 Datasheet
1Mb / 28P
   Integrated, Step-Down Switching Regulator With Selectable Applications Configurations
Rev 0; 9/17
MAX38800EVKIT MAXIM-MAX38800EVKIT Datasheet
1Mb / 15P
   High-Efficiency Solution Inductor valley current limit is Configured to 7.5A
Rev 0; 8/17
More results

Similar Description - MAX3885

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3881 MAXIM-MAX3881 Datasheet
193Kb / 11P
   3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with Clock Recovery
Rev 1; 12/01
MAX3880 MAXIM-MAX3880 Datasheet
194Kb / 12P
   3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with Clock Recovery
Rev 1; 12/99
MAX3681 MAXIM-MAX3681 Datasheet
63Kb / 8P
   3.3V, 622Mbps, SDH/SONET 1:4 Deserializer with LVDS Outputs
19-1091; Rev 0; 6/96
MAX3680 MAXIM-MAX3680_V01 Datasheet
123Kb / 8P
   3.3V, 622Mbps, SDH/SONET 1:8 Deserializer with TTL Outputs
2007
MAX3680 MAXIM-MAX3680 Datasheet
78Kb / 8P
   3.3V, 622Mbps, SDH/SONET 1:8 Deserializer with TTL Outputs
19-1210; Rev 0; 3/97
MAX3950 MAXIM-MAX3950 Datasheet
260Kb / 9P
   3.3V, 10.7Gbps 1:16 Deserializer with LVDS Outputs
Rev 2; 12/02
MAX3890 MAXIM-MAX3890 Datasheet
155Kb / 12P
   3.3V, 2.5Gbps, SDH/SONET 16:1 Serializer with Clock Synthesis and LVDS Inputs
Rev 0; 6/99
logo
Vitesse Semiconductor C...
VSC8171 VITESSE-VSC8171 Datasheet
246Kb / 2P
   SONET/SDH 16:1 Mux with CMU
logo
Maxim Integrated Produc...
MAX3693 MAXIM-MAX3693_V01 Datasheet
572Kb / 8P
   3.3V, 622Mbps, SDH/SONET 4:1 Serializer with Clock Synthesis and LVDS Inputs
19-4775; Rev 2; 5/04
MAX3691 MAXIM-MAX3691 Datasheet
89Kb / 8P
   3.3V, 622Mbps, SDH/SONET 4:1 Serializer with Clock Synthesis and LVDS Inputs
19-1207; Rev 0; 3/97
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com