Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3880EC Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3880EC
Description  3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with Clock Recovery
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3880EC Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3880EC Datasheet HTML 1Page - Maxim Integrated Products MAX3880EC Datasheet HTML 2Page - Maxim Integrated Products MAX3880EC Datasheet HTML 3Page - Maxim Integrated Products MAX3880EC Datasheet HTML 4Page - Maxim Integrated Products MAX3880EC Datasheet HTML 5Page - Maxim Integrated Products MAX3880EC Datasheet HTML 6Page - Maxim Integrated Products MAX3880EC Datasheet HTML 7Page - Maxim Integrated Products MAX3880EC Datasheet HTML 8Page - Maxim Integrated Products MAX3880EC Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
+3.3V, 2.488Gbps, SDH/SONET
1:16 Deserializer with Clock Recovery
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +3.6V, differential loads = 100
Ω ±1%, TA = -40°C to +85°C, unless otherwise noted. Typical values are at
VCC = +3.3V, TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Positive Supply Voltage (VCC)...............................-0.5V to +7.0V
Input Voltage Level (SDI+, SDI-, SLBI+, SLBI-,
SYNC+, SYNC-)........................... (VCC - 0.5V) to (VCC + 0.5V)
Input Current Level (SDI+, SDI-, SLBI+, SLBI-)................±10mA
Voltage at LOL, SIS, PHADJ+, PHADJ-,
FIL+, FIL- .................................................-0.5V to (VCC + 0.5V)
Output Current LVDS Outputs ............................................10mA
Continuous Power Dissipation (TA = +85°C)
TQFP (derate 33.3mW/°C above +85°C) .......................1.44W
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-55°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Figure 1
Common-mode voltage = 50mV
Figure 2
Differential input voltage = 100mV
CONDITIONS
%
±2.5
±10
RO
Change in Magnitude of Single-
Ended Output Resistance for
Complementary Outputs
40
95
140
RO
Single-Ended Output
Resistance
mV
±25
VOS
Change in Magnitude of Output
Offset Voltage for
Complementary States
V
1.125
1.275
VOS
Output Offset Voltage
mV
±25
∆|VOD|
Change in Magnitude of
Differential Output Voltage for
Complementary States
mV
250
400
|VOD|
Differential Output Voltage
V
0.925
VOL
Output Low Voltage
mVp-p
50
800
VID
Differential Input Voltage
mA
275
380
ICC
Supply Current
V
1.475
VOH
Output High Voltage
85
100
115
RIN
Differential Input Resistance
mV
78
VHYST
Threshold Hysteresis
mV
-100
100
VIDTH
Differential Input Threshold
V
VCC - 0.4
VCC + 0.2
VIS
Single-Ended Input Voltage
50
RIN
Input Termination to Vcc
V
0
2.4
VI
Input Voltage Range
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
V
0.8
VIL
Input Low Voltage
V
2.0
VIH
Input High Voltage
V
2.4
VCC
VOH
Output High Voltage
µA
-10
+10
Input Current
V
0.4
VOL
Output Low Voltage
SERIAL DATA INPUTS (SDI±, SLBI±)
LVDS INPUTS AND OUTPUTS (SYNC±, PCLK±, PD_±)
TTL INPUTS AND OUTPUTS (SIS, LOL)


Similar Part No. - MAX3880EC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX38800 MAXIM-MAX38800 Datasheet
1Mb / 28P
   Integrated, Step-Down Switching Regulator With Selectable Applications Configurations
Rev 0; 9/17
MAX38800EVKIT MAXIM-MAX38800EVKIT Datasheet
1Mb / 15P
   High-Efficiency Solution Inductor valley current limit is Configured to 7.5A
Rev 0; 8/17
MAX38800EVKIT# MAXIM-MAX38800EVKIT# Datasheet
1Mb / 15P
   Evaluates: MAX38800
2018
MAX38800EVKIT MAXIM-MAX38800EVKIT_V01 Datasheet
1Mb / 15P
   Evaluates: MAX38800
2018
MAX38800HCS+T MAXIM-MAX38800HCS+T Datasheet
1Mb / 28P
   Integrated, Step-Down Switching Regulator With Selectable Applications Configurations
Rev 0; 9/17
More results

Similar Description - MAX3880EC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3881 MAXIM-MAX3881 Datasheet
193Kb / 11P
   3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with Clock Recovery
Rev 1; 12/01
MAX3885 MAXIM-MAX3885 Datasheet
125Kb / 8P
   3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with LVDS Outputs
Rev 2; 1/99
MAX3680 MAXIM-MAX3680 Datasheet
78Kb / 8P
   3.3V, 622Mbps, SDH/SONET 1:8 Deserializer with TTL Outputs
19-1210; Rev 0; 3/97
MAX3680 MAXIM-MAX3680_V01 Datasheet
123Kb / 8P
   3.3V, 622Mbps, SDH/SONET 1:8 Deserializer with TTL Outputs
2007
MAX3681 MAXIM-MAX3681 Datasheet
63Kb / 8P
   3.3V, 622Mbps, SDH/SONET 1:4 Deserializer with LVDS Outputs
19-1091; Rev 0; 6/96
logo
Vitesse Semiconductor C...
VSC8162 VITESSE-VSC8162 Datasheet
151Kb / 20P
   2.488 Gbit/sec SONET/SDH 1:16 Demux with Clock Recovery
VSC8166 VITESSE-VSC8166 Datasheet
171Kb / 16P
   2.488 Gbit/sec 1:16 SONET/SDH Demux with Clock Recovery
logo
Maxim Integrated Produc...
MAX3890 MAXIM-MAX3890 Datasheet
155Kb / 12P
   3.3V, 2.5Gbps, SDH/SONET 16:1 Serializer with Clock Synthesis and LVDS Inputs
Rev 0; 6/99
MAX3891 MAXIM-MAX3891 Datasheet
521Kb / 12P
   16:1 Serializer, 3.3V, 2.5Gbps, SDH/SONET with Clock Synthesis and LVPECL Inputs
Rev 0; 2/01
logo
Vitesse Semiconductor C...
VSC8163 VITESSE-VSC8163 Datasheet
191Kb / 20P
   OC-48 16:1 SONET/SDH MUX with Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com