Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX378-MAX379 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX378-MAX379
Description  High-Voltage, Fault-Protected Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX378-MAX379 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX378-MAX379 Datasheet HTML 3Page - Maxim Integrated Products MAX378-MAX379 Datasheet HTML 4Page - Maxim Integrated Products MAX378-MAX379 Datasheet HTML 5Page - Maxim Integrated Products MAX378-MAX379 Datasheet HTML 6Page - Maxim Integrated Products MAX378-MAX379 Datasheet HTML 7Page - Maxim Integrated Products MAX378-MAX379 Datasheet HTML 8Page - Maxim Integrated Products MAX378-MAX379 Datasheet HTML 9Page - Maxim Integrated Products MAX378-MAX379 Datasheet HTML 10Page - Maxim Integrated Products MAX378-MAX379 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
High-Voltage, Fault-Protected
Analog Multiplexers
_______________________________________________________________________________________
7
Input switching, however, must be done with a fault-
protected MAX378 multiplexer, to provide the level of
protection and isolation required with most data acqui-
sition inputs. Since external signal sources may contin-
ue to supply voltage when the multiplexer and system
power are turned off, non-fault-protected multiplexers,
or even first-generation fault-protected devices, will
allow many milliamps of fault current to flow from out-
side sources into the multiplexer. This could result in
damage to either the sensors or the multiplexer. A non-
fault-protected multiplexer will also allow input overvolt-
ages to appear at its output, perhaps damaging
Sample/Holds or A/Ds. Such input overdrives may also
cause input-to-input shorts, allowing the high current
output of one sensor to possibly damage another.
The MAX378 eliminates all of the above problems. It
not only limits its output voltage to safe levels, with or
without power applied (V+ and V-), but also turns all
channels off when power is removed. This allows it to
draw only sub-microamp fault currents from the inputs,
and maintain isolation between inputs for continuous
input levels up to ±75V with power supplies off.
_______________Detailed Description
Fault Protection Circuitry
The MAX378/MAX379 are fully fault protected for contin-
uous input voltages up to ±60V, whether or not the V+
and V- power supplies are present. These devices use
a “series FET” switching scheme which not only pro-
tects the multiplexer output from overvoltage, but also
limits the input current to sub-microamp levels.
Figures 7 and 8 show how the series FET circuit pro-
tects against overvoltage conditions. When power is
off, the gates of all three FETs are at ground. With a -60V
input, N-channel FET Q1 is turned on by the +60V gate-
G
D
Q1
S
-60V
-60V
OVERVOLTAGE
N-CHANNEL MOSFET
IS TURNED ON
BECAUSE VGS = +60V
P-CHANNEL
MOSFET IS OFF
G
D
Q2
S
G
D
Q3
S
Figure 7. -60V Overvoltage with Multiplexer Power OFF
Q1
VTN = +1.5V
-15V
+15V
-15V
+13.5V
+60V
OVERVOLTAGE
N-CHANNEL MOSFET
IS TURNED ON
BECAUSE VGS = -45V
Q2
Q3
N-CHANNEL
MOSFET IS ON
+13.5V
OUTPUT
+15V FROM
DRIVERS
-15V FROM
DRIVERS
Figure 10. +60V Overvoltage Input to the ON Channel
Q1
-15V
+15V
-15V
-60V
-60V
OVERVOLTAGE
N-CHANNEL MOSFET
IS TURNED OFF
BECAUSE VGS = +45V
Q2
Q3
P-CHANNEL
MOSFET IS OFF
N-CHANNEL
MOSFET IS OFF
+60V FORCED
ON COMMON
OUTPUT
LINE BY
EXTERNAL
CIRCUITRY
-15V FROM
DRIVERS
+15V FROM
DRIVERS
Figure 9. -60V Overvoltage on an OFF Channel with
Multiplexer Power Supply ON
G
D
Q1
S
+60V
OVERVOLTAGE
N-CHANNEL MOSFET
IS TURNED OFF
BECAUSE VGS = -60V
G
D
Q2
S
G
D
Q3
S
Figure 8. +60V Overvoltage with Multiplexer Power OFF


Similar Part No. - MAX378-MAX379

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3781 MAXIM-MAX3781 Datasheet
300Kb / 5P
   Evaluation Kit
Rev 1; 10/01
MAX3781EVKIT MAXIM-MAX3781EVKIT Datasheet
300Kb / 5P
   Evaluation Kit
Rev 1; 10/01
MAX3783 MAXIM-MAX3783 Datasheet
198Kb / 8P
   2.7Gbps Dual Mux/Buffer with Loopback
Rev 2; 1/08
MAX3783UCM MAXIM-MAX3783UCM Datasheet
198Kb / 8P
   2.7Gbps Dual Mux/Buffer with Loopback
Rev 2; 1/08
MAX3783UCM++ MAXIM-MAX3783UCM+ Datasheet
198Kb / 8P
   2.7Gbps Dual Mux/Buffer with Loopback
Rev 2; 1/08
More results

Similar Description - MAX378-MAX379

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX388 MAXIM-MAX388 Datasheet
468Kb / 12P
   High-Voltage, Fault-Protected Analog Multiplexers
19-0014; Rev 2; 7/96
MAX354 MAXIM-MAX354 Datasheet
130Kb / 12P
   Fault-Protected Analog Multiplexers
Rev. 2; 9/96
logo
Analog Devices
ADG508F AD-ADG508F Datasheet
170Kb / 12P
   4/8 Channel Fault-Protected Analog Multiplexers
REV. C
ADG438F AD-ADG438F Datasheet
127Kb / 8P
   High Performance 4/8 Channel Fault-Protected Analog Multiplexers
REV. D
ADG439FBRZ AD-ADG439FBRZ Datasheet
323Kb / 16P
   High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
ADG438F AD-ADG438F_15 Datasheet
323Kb / 16P
   High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
ADG439F AD-ADG439F_15 Datasheet
323Kb / 16P
   High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
logo
Maxim Integrated Produc...
MAX37879 MAXIM-MAX37879 Datasheet
33Kb / 4P
   HIGH VOLTAGE, FAULT PROTECTED, ANALOG MULTIPLEXER
Rev. D
logo
Analog Devices
ADG508FBRNZ AD-ADG508FBRNZ Datasheet
288Kb / 20P
   8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG508FBNZ AD-ADG508FBNZ Datasheet
288Kb / 20P
   8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com