Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF6775MPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF6775MPBF
Description  Latest MOSFET Silicon technology
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6775MPBF Datasheet(HTML) 1 Page - International Rectifier

  IRF6775MPBF Datasheet HTML 1Page - International Rectifier IRF6775MPBF Datasheet HTML 2Page - International Rectifier IRF6775MPBF Datasheet HTML 3Page - International Rectifier IRF6775MPBF Datasheet HTML 4Page - International Rectifier IRF6775MPBF Datasheet HTML 5Page - International Rectifier IRF6775MPBF Datasheet HTML 6Page - International Rectifier IRF6775MPBF Datasheet HTML 7Page - International Rectifier IRF6775MPBF Datasheet HTML 8Page - International Rectifier IRF6775MPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Notes
 through ‰ are on page 2
Applicable DirectFET Outline and Substrate Outline (see p. 6, 7 for details)
Description
This Digital Audio MOSFET is specifically designed for Class-D audio amplifier applications. This MOSFET utilizes the
latest processing techniques to achieve low on-resistance per silicon area. Furthermore, gate charge, body-diode reverse
recovery and internal gate resistance are optimized to improve key Class-D audio amplifier performance factors such as
efficiency, THD, and EMI.
The IRF6775MPbF device utilizes DirectFETTM packaging technology. DirectFETTM packaging technology offers lower parasitic
inductance and resistance when compared to conventional wirebonded SOIC packaging. Lower inductance improves EMI
performance by reducing the voltage ringing that accompanies fast current transients. The DirectFETTM package is compatible
with existing layout geometries used in power applications, PCB assembly equipment and vapor phase, infra-red or convection
soldering techniques, when application note AN-1035 is followed regarding the manufacturing method and processes. The
DirectFETTM package also allows dual sided cooling to maximize thermal transfer in power systems, improving thermal resis-
tance and power dissipation. These features combine to make this MOSFET a highly efficient, robust and reliable device for
Class-D audio amplifier applications.
Features
• Latest MOSFET Silicon technology
• Key parameters optimized for Class-D audio amplifier
applications
• Low RDS(on) for improved efficiency
• Low Qg for better THD and improved efficiency
• Low Qrr for better THD and lower EMI
• Low package stray inductance for reduced ringing and lower EMI
• Can deliver up to 250W per channel into 4Ω Load in
Half-Bridge Configuration Amplifier
• Dual sided cooling compatible
· Compatible with existing surface mount technologies
· RoHS compliant containing no lead or bromide
·Lead-Free (Qualified up to 260°C Reflow)
DirectFET
™ ISOMETRIC
MZ
SQ
SX
ST
SH
MQ
MX
MT
MN
MZ
&
)
5
5
&
VDS
150
V
RDS(on) typ. @ VGS = 10V
47
m
:
Qg typ.
25.0
nC
RG(int) max.
3.0
Key Parameters
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
A
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
™
PD @TC = 25°C
Maximum Power Dissipation
W
PD @TA = 25°C
Power Dissipation
e
PD @TA = 70°C
Power Dissipation
e
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
Ù
A
Linear Derating Factor
e
W/°C
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJA
Junction-to-Ambient
ek
–––
45
°C/W
RθJA
Junction-to-Ambient
hk
12.5
–––
RθJA
Junction-to-Ambient
ik
20
–––
RθJC
Junction-to-Case
jk
–––
1.4
RθJ-PCB
Junction-to-PCB Mounted
1.4
–––
89
Max.
4.9
3.9
39
150
± 20
28
-40 to + 150
0.022
2.8
1.8
33
5.6
IRF6775MTRPbF
DIGITALAUDIOMOSFET
1
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
February 26, 2014


Similar Part No. - IRF6775MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6775MPBF IRF-IRF6775MPBF Datasheet
242Kb / 10P
   Latest MOSFET Silicon technology
More results

Similar Description - IRF6775MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6665PBF IRF-IRF6665PBF Datasheet
238Kb / 10P
   Latest MOSFET Silicon technology
IRF6643PBF IRF-IRF6643PBF Datasheet
437Kb / 9P
   Latest MOSFET silicon technology
IRF6775MPBF IRF-IRF6775MPBF Datasheet
242Kb / 10P
   Latest MOSFET Silicon technology
IRF6665PBF IRF-IRF6665PBF_15 Datasheet
238Kb / 10P
   Latest MOSFET Silicon technology
IRF66651PBF IRF-IRF66651PBF Datasheet
238Kb / 10P
   Latest MOSFET Silicon technology
IRF6785MPBF IRF-IRF6785MPBF_15 Datasheet
609Kb / 9P
   Latest MOSFET Silicon technology
IRF6643PBF IRF-IRF6643PBF_15 Datasheet
437Kb / 9P
   Latest MOSFET silicon technology
IRF6641PBF IRF-IRF6641PBF Datasheet
447Kb / 10P
   Latest MOSFET silicon technology
IRF6641PBF IRF-IRF6641PBF_15 Datasheet
447Kb / 10P
   Latest MOSFET silicon technology
IRF6785MPBF IRF-IRF6785MPBF Datasheet
609Kb / 9P
   Latest MOSFET Silicon technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com