Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8T74S208 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 8T74S208
Description  One differential input reference clock
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8T74S208 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 8T74S208 Datasheet HTML 3Page - Integrated Device Technology 8T74S208 Datasheet HTML 4Page - Integrated Device Technology 8T74S208 Datasheet HTML 5Page - Integrated Device Technology 8T74S208 Datasheet HTML 6Page - Integrated Device Technology 8T74S208 Datasheet HTML 7Page - Integrated Device Technology 8T74S208 Datasheet HTML 8Page - Integrated Device Technology 8T74S208 Datasheet HTML 9Page - Integrated Device Technology 8T74S208 Datasheet HTML 10Page - Integrated Device Technology 8T74S208 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
REVISION 1 09/10/14
7
2.5V DIFFERENTIAL LVDS CLOCK DIVIDER AND FANOUT BUFFER
8T74S208 DATA SHEET
Additive Phase Jitter
The spectral purity in a band at a specific offset from the fundamental
compared to the power of the fundamental is called the dBc Phase
Noise. This value is normally expressed using a Phase noise plot
and is most often the specified plot in many applications. Phase noise
is defined as the ratio of the noise power present in a 1Hz band at a
specified offset from the fundamental frequency to the power value of
the fundamental. This ratio is expressed in decibels (dBm) or a ratio
of the power in the 1Hz band to the power in the fundamental. When
the required offset is specified, the phase noise is called a dBc value,
which simply means dBm at a specified offset from the fundamental.
By investigating jitter in the frequency domain, we get a better
understanding of its effects on the desired application over the entire
time record of the signal. It is mathematically possible to calculate an
expected bit error rate given a phase noise plot.
Typical Phase Jitter at 156.25MHz
The input source is 156.25MHz Wenzel Oscillator.
Offset from Carrier Frequency (Hz)
Additive Phase Jitter: 96fs (typical)


Similar Part No. - 8T74S208

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8T74S208A-01 IDT-8T74S208A-01 Datasheet
354Kb / 19P
   One differential input reference clock
8T74S208A-01 IDT-8T74S208A-01 Datasheet
367Kb / 19P
   2.5V Differential LVDS Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
8T74S208A-01 RENESAS-8T74S208A-01 Datasheet
563Kb / 20P
   2.5V Differential LVDS Clock Divider and Fanout Buffer
08/17/16
logo
Integrated Device Techn...
8T74S208A-01NLGI IDT-8T74S208A-01NLGI Datasheet
367Kb / 19P
   2.5V Differential LVDS Clock Divider and Fanout Buffer
8T74S208A-01NLGI8 IDT-8T74S208A-01NLGI8 Datasheet
367Kb / 19P
   2.5V Differential LVDS Clock Divider and Fanout Buffer
More results

Similar Description - 8T74S208

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8T74S208A-01 IDT-8T74S208A-01 Datasheet
354Kb / 19P
   One differential input reference clock
8T73S208A-01 IDT-8T73S208A-01 Datasheet
441Kb / 22P
   One differential input reference clock
8731-01 IDT-8731-01 Datasheet
255Kb / 17P
   Differential reference clock input pair
IDT8P34S1106I IDT-IDT8P34S1106I Datasheet
312Kb / 18P
   One differential clock input pair
ICS874S02I IDT-ICS874S02I Datasheet
3Mb / 16P
   One differential clock input pair
IDT8T39S10I IDT-IDT8T39S10I Datasheet
892Kb / 43P
   Two differential reference clock input pairs
5P49V5908 IDT-5P49V5908 Datasheet
516Kb / 30P
   One reference LVCMOS output clock
logo
Integrated Silicon Solu...
IS43R32800B ISSI-IS43R32800B Datasheet
556Kb / 39P
   Differential clock input
logo
Integrated Device Techn...
ICS854S006I IDT-ICS854S006I Datasheet
205Kb / 15P
   Low Skew, 1-to-6, Differential-to - LVDS Fanout Buffer One differential clock input pair
logo
Estek Electronics Co. L...
ICL7106 ESTEK-ICL7106 Datasheet
81Kb / 4P
   True Differential input and Reference, Direct Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com